Part Number Hot Search : 
N74F365N 5Q1265 16C40 03209806 2SJ104 14020 2SJ104 14020
Product Description
Full Text Search
 

To Download AT91FR40162SB-CU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* Incorporates the ARM7TDMI(R) ARM(R) Thumb(R) Processor Core
- High-performance 32-bit RISC Architecture - High-density 16-bit Instruction Set - Leader in MIPS/Watt - EmbeddedICETM (In-circuit Emulation) 256K Bytes of On-chip SRAM - 32-bit Data Bus, Single-clock Cycle Access 1024K Words 16-bit Flash Memory (2M bytes) - Single Voltage Read/Write, - Sector Erase Architecture - Erase Suspend Capability - Low-power Operation - Data Polling, Toggle Bit and Ready/Busy End of Program Cycle Detection - Reset Input for Device Initialization - Sector Program Unlock Command - 128-bit Protection Register - Factory-programmed AT91 Flash Memory Uploader Software Fully Programmable External Bus Interface (EBI) - Up to 8 Chip Selects, Maximum External Address Space of 64M Bytes - Software Programmable 8/16-bit External Data Bus 8-level Priority, Individually Maskable, Vectored Interrupt Controller - 4 External Interrupts, Including a High-priority Low-latency Interrupt Request 32 Programmable I/O Lines 3-channel 16-bit Timer/Counter - 3 External Clock Inputs, 2 Multi-purpose I/O Pins per Channel 2 USARTs - Two Dedicated Peripheral Data Controller (PDC) Channels per USART Programmable Watchdog Timer Advanced Power-saving Features - CPU and Peripherals Can be De-activated Individually Fully Static Operation: - 0 Hz to 75 MHz Internal Frequency Range at VDDCORE = 1.8V, 85 C 2.7V to 3.6V I/O Operating Range, 1.65V to 1.95V Core Operating Range -40 C to 85 C Temperature Range Available in a 121-ball 10 x 10 x 1.26 mm BGA Package with 0.8 mm Ball Pitch
* *
AT91 ARM Thumb-based Microcontrollers AT91FR40162SB Preliminary Summary
*
* * * * * * * * * *
NOTE: This is a summary document. The complete document is available on the Atmel website at www.atmel.com.
6410BS-ATARM-12-Jan-10
1. Description
The AT91FR40162SB is a member of the Atmel AT91 16/32-bit Microcontroller family, which is based on the ARM7TDMI processor core. The processor has a high-performance 32-bit RISC architecture with a high-density 16-bit instruction set and very low power consumption. The AT91FR40162SB ARM microcontroller features 2 Mbits of on-chip SRAM and 2 Mbytes of Flash memory in a single compact 121-ball BGA package. Its high level of integration and very small footprint make the device ideal for space-constrained applications. The high-speed onchip SRAM enables a performance of up to 74 MIPs in typical conditions with significant power reduction and EMC improvement over an external SRAM implementation. The Flash memory may be programmed via the JTAG/ICE interface or the factory-programmed Flash Memory Uploader (FMU) using a single device supply, making the AT91FR40162SB suitable for in-system programmable applications.
2. Migrating from the AT91FR40162S to the AT91FR40162SB
2.1 Hardware Requirements
The AT91FR40162SB is pin-to-pin compatible to the AT91FR40162S, so the AT91FR40162SB can be soldered in place of the AT91FR40162S without any other hardware changes. The AT91FR40162SB does not feature a VPP pin, thus ball D5 of the 121-ball BGA package of the AT91FR40162SB is NC (Not connected). This ball can either be connected to a supply up to 13V (as could be the VPP ball of the AT91FR40162S), grounded or left unconnected.
2.2
Software Requirements
Except for the Flash memory, the processor, the architecture and the peripherals of both the AT91FR40162S and the AT91FR40162SB are identical, any program written for an AT91FR40162S-based system can run as is on the same system built with an AT91FR40162SB, with the exception of aspects related to the Flash memory.
2.3
Flash Memory Difference
Som e features of the embedded Flash memories in the AT91FR40162S and the AT91FR40162SB are not fully identical.
2.3.1
Device ID The Device Code of the Flash Memory of the AT91FR40162SB is 01C0H instead of 00C0H for the AT91FR40162S. Users who this Device Code must modify the software.
2.3.2
VPP Features As the AT91FR40162SB does not feature a VPP pin, neither the write protection feature nor the double-word fast write feature are available on this device. If the hardware write protection feature is used on the AT91FR40162S, it should be replaced by a software-controlled write protection method with the Sector Lockdown command, or removed from the application. If the Double Byte/Word Program command was used on the AT91FR40162S, the user needs to change the flash programming sequence and to use only the standard Byte/Word Program command.
2
AT91FR40162SB
6410BS-ATARM-12-Jan-10
AT91FR40162SB
The VPP Status I/O3 does not exist anymore in the Status word returned by the Flash Memory. 2.3.3 Erase Cycle Timings The 32K Word sector erase cycle time maximum value has been increased from 5 seconds to 6 seconds. In case the end of erase cycle is not used, but a fixed timeout is used instead, the value of the timeout must be checked against the new value. CFI Common Flash Interface The Common Flash Interface table (Table 12-5, "Common Flash Interface Definition," on page 68) Erase block information of the 64-KByte and the 8-KByte sectors addresses was not fully CFI-compliant on the AT91FR40162S. The AT91FR40162SB is fully CFI-compliant, and thus the Erase block information of the 64-KByte and the 8-KByte sector addresses in the Common Flash Interface table have changed. Users who managed the programming of the flash with the CFI algorithm on the AT91FR40162S should adapt their programming for the AT91FR40162SB. 2.3.5 Fully Green Package The AT91FR40162S is RoHS compliant, whereas the AT91FR40162SB is fully Green qualified. This has no impact on the soldering profile to be used, but only improves environmental considerations.
2.3.4
3
6410BS-ATARM-12-Jan-10
3. Pin Configuration
Figure 3-1. AT91FR40162SB Pinout for 121-ball BGA Package (Top View)
A1 Corner
1
2
3
4
5
6
7
8
9
10
11
A P21/TXD1 NTRI P22 RXD1 P19 P16 P15 RXD0 GND P11 P8 VDDCORE IRQ2 TIOB2 P10 IRQ1 P9 IRQ0 P7 TIOA2 P3 TCLK1 P6 TCLK2 P4 TIOA1 GND P2 TIOB0 B P20 SCK1 P18 P17 P12 FIQ NBUSY VDDIO GND P1 TIOA0 C VDDIO GND NUB NWR1 P14 TXD0 P13 SCK0 P5 TIOB1 A16 D15 P0 TCLK0 D P23 MCKI NRST NC
(1)
NRSTF
A14
A15
D12
D14
VDDIO E
P24 BMS
P25 NWDOVF MCK0
A3
A8
D11
D10
D13
NC
NC
D3 F
GND
TMS
GND
TCK
NOE NRD
D9
A11
D7
D8
NC
NC G
TDO
NWE NWR0
A2
TDI
NCS0
D2
D5
D4
D6
GND
NC H
P26 VDDCORE VDDIO NCS2
NC
NCSF
NC
D0
D1
P31/A23 CS4
NC
NC J
NWAIT
GND
P27 NCS3
A5
NC
VDDIO
GND
GND
A19
P30/A22 VDDIO CS5 K P29/A21 VDDCORE CS6
NCS1
NLB A0
GND
A7
VDDIO
A10
A13
GND
A17
L
GND A1 A4 A6 VDDIO A9 A12 GND VDDIO A18 A20
Note:
1. Not connected, can either be connected to GND, VCC or left unconnected.
4
AT91FR40162SB
6410BS-ATARM-12-Jan-10
AT91FR40162SB
4. Signal Description
Table 4-1.
Module
AT91FR40162SB Signal Description
Name A0 - A23 D0 - D15 NCS0 - NCS3 CS4 - CS7 NWR0 NWR1 Function Address Bus Data Bus External Chip Select External Chip Select Lower Byte 0 Write Signal Upper Byte 1 Write Signal Read Signal Write Enable Output Enable Upper Byte Select Lower Byte Select Wait Input Boot Mode Select Fast Interrupt Request External Interrupt Request Timer External Clock Multi-purpose Timer I/O Pin A Multi-purpose Timer I/O Pin B External Serial Clock Transmit Data Output Receive Data Input Parallel IO Line Watchdog Overflow Master Clock Input Master Clock Output Hardware Reset Input Tri-state Mode Select Test Mode Select Test Data Input Test Data Output Test Clock Type Output I/O Output Output Output Output Output Output Output Output Output Input Input Input Input Input I/O I/O I/O Output Input I/O Output Input Output Input Input Input Input Output Input Active Level - - Low High Low Low Low Low Low Low Low Low - - - - - - - - - - Low - - Low Low - - - - Schmidt trigger, internal pull-up Schmidt trigger Sampled during reset Schmidt trigger, internal pull-up Schmidt trigger, internal pull-up Open drain Schmidt trigger Sampled during reset; must be driven low during reset for Flash to be used as boot memory PIO-controlled after reset PIO-controlled after reset PIO-controlled after reset PIO-controlled after reset PIO-controlled after reset PIO-controlled after reset PIO-controlled after reset PIO-controlled after reset Used to select external devices A23 - A20 after reset Used in Byte Write option Used in Byte Write option Used in Byte Write option Used in Byte Select option Used in Byte Select option Used in Byte Select option Used in Byte Select option Comments Valid after reset; do not reprogram A20 to I/O, as it is MSB of Flash address
EBI
NRD NWE NOE NUB NLB NWAIT BMS FIQ
AIC IRQ0 - IRQ2 TCLK0 - TCLK2 Timer TIOA0 - TIOA2 TIOB0 - TIOB2 SCK0 - SCK1 USART TXD0 - TXD1 RXD0 - RXD1 PIO WD Clock MCKO NRST Reset NTRI TMS TDI ICE TDO TCK P0 - P31 NWDOVF MCKI
5
6410BS-ATARM-12-Jan-10
Table 4-1.
Module Flash Memory
AT91FR40162SB Signal Description (Continued)
Name NCSF NBUSY NRSTF VDDIO Function Flash Memory Select Flash Memory Busy Output Flash Memory Reset Input Power Power Ground Type Input Output Input Power Power Ground Active Level Low Low Low - - - Comments Enables Flash Memory when pulled low Flash RDY/BUSY signal; open-drain Resets Flash to standard operating mode All VDDIO, VDDCORE and all GND pins MUST be connected to their respective supplies by the shortest route
Power
VDDCORE GND
6
AT91FR40162SB
6410BS-ATARM-12-Jan-10
P25/MCKO AMBA Bridge AIC: Advanced Interrupt Controller APB USART0 2 PDC Channels EBI User Interface
AT91FR40162SB Block Diagram
ASB Controller
EBI: External Bus Interface
6410BS-ATARM-12-Jan-10
5. Block Diagram
Figure 5-1.
TMS TDO TDI TCK
Embedded ICE
ARM7TDMI Core
D0 - D15 D0-D15 ASB A1 - A19 A0/NLB P28/A20/NCS7 SRAM 256K Bytes A1- A19 A0/NLB
VDDCORE VDDIO GND
NRST Reset
A20 NWR1/NUB NWAIT NCS0 NCS1 NRD/NOE NWR0/NWE P26/NCS2 P27/NCS3 P29/A21/CS6 P30/A22/CS5 P31/A23/CS4 A19 D0 - D15 A0 - A18 OE WE GND VCC GND VDDIO
MCKI Clock
P12/FIQ P9/IRQ0 P10/IRQ1 P11/IRQ2
P13/SCK0 P14/TXD0 P15/RXD0
MCU AT91R40008
P I O
16-Mbit FLASH MEMORY
BYTE RESET RDY/BUSY CE
VDDIO NRSTF NBUSY NCSF
P20/SCK1 P21/TXD1/NTRI P22/RXD1 USART1 2 PDC Channels
P I O
PS: Power Saving
TC: Timer Counter TC0 TC1
P16 P17 P18 P19 P23 P24/BMS Chip ID
NWDOVF
WD: Watchdog Timer PIO: Parallel I/O Controller
TC2
P0/TCLK0 P3/TCLK1 P6/TCLK2 P1/TIOA0 P2/TIOB0 P4/TIOA1 P5/TIOB1 P7/TIOA2 P8/TIOB2
AT91FR40162SB
7
6. Architectural Overview
The AT91FR40162SB integrates Atmel's AT91R40008 ARM Thumb processor and a 2-Mbyte (16-Mbit) Flash memory die in a single compact 121-ball BGA package. The address, data and control signals, except the Flash memory enable, are internally interconnected. The AT91R40008 architecture consists of two main buses, the Advanced System Bus (ASB) and the Advanced Peripheral Bus (APB). Designed for maximum performance and controlled by the memory controller, the ASB interfaces the ARM7TDMI processor with the on-chip 32-bit SRAM memory, the External Bus Interface (EBI) connected to the encapsulated Flash and the AMBATM Bridge. The AMBA Bridge drives the APB, which is designed for accesses to on-chip peripherals and optimized for low power consumption. The AT91FR40162SB implements the ICE port of the ARM7TDMI processor on dedicated pins, offering a complete, low-cost and easy-to-use debug solution for target debugging.
6.1
Memories
The AT91FR40162SB embeds 256K bytes of internal SRAM. The internal memory is directly connected to the 32-bit data bus and is single-cycle accessible. This provides maximum performance of 67 MIPS at 75 MHz by using the ARM instruction set of the processor, minimizing system power consumption and improving on the performance of separate memory solutions. The AT91FR40162SB features an External Bus Interface (EBI), which enables connection of external memories and application-specific peripherals. The EBI supports 8- or 16-bit devices and can use two 8-bit devices to emulate a single 16-bit device. The EBI implements the early read protocol, enabling faster memory accesses than standard memory interfaces. The AT91FR40162SB encapsulates a Flash memory organized as 1024K 16-bit words, accessed via the EBI. A 16-bit Thumb instruction can be loaded from Flash memory in a single access. Separate MCU and Flash memory reset inputs (NRST and NRSTF) are provided for maximum flexibility. The user is thus free to tailor the reset operation to the application. The AT91FR40162SB integrates resident boot software called AT91 Flash Memory Uploader software in the encapsulated Flash. The AT91 Flash Memory Uploader software is able to upload program application software into its Flash memory.
6.2
Peripherals
The AT91FR40162SB integrates several peripherals, which are classified as system or user peripherals. All on-chip peripherals are 32-bit accessible by the AMBA Bridge, and can be programmed with a minimum number of instructions. The peripheral register set is composed of control, mode, data, status and enable/disable/status registers. An on-chip Peripheral Data Controller (PDC) transfers data between the on-chip USARTs and on- and off-chip memory address space without processor intervention. Most importantly, the PDC removes the processor interrupt handling overhead, making it possible to transfer up to 64K contiguous bytes without reprogramming the start address, thus increasing the performance of the microcontroller, and reducing the power consumption.
8
AT91FR40162SB
6410BS-ATARM-12-Jan-10
AT91FR40162SB
6.2.1 System Peripherals The External Bus Interface (EBI) controls the external memory or peripheral devices via an 8- or 16-bit data bus and is programmed through the APB. Each chip select line has its own programming register. The Power-saving (PS) module implements the Idle Mode (ARM7TDMI core clock stopped until the next interrupt) and enables the user to adapt the power consumption of the microcontroller to application requirements (independent peripheral clock control). The Advanced Interrupt Controller (AIC) controls the internal interrupt sources from the internal peripherals and the four external interrupt lines (including the FIQ) to provide an interrupt and/or fast interrupt request to the ARM7TDMI. It integrates an 8-level priority controller, and, using the Auto-vectoring feature, reduces the interrupt latency time. The Parallel Input/Output Controller (PIO) controls up to 32 I/O lines. It enables the user to select specific pins for on-chip peripheral input/output functions, and general-purpose input/output signal pins. The PIO controller can be programmed to detect an interrupt on a signal change from each line. The Watchdog (WD) can be used to prevent system lock-up if the software becomes trapped in a deadlock. The Special Function (SF) module integrates the Chip ID, the Reset Status and the Protect registers. 6.2.2 User Peripherals Two USARTs, independently configurable, enable communication at a high baud rate in synchronous or asynchronous mode. The format includes start, stop and parity bits and up to 8 data bits. Each USART also features a Timeout and a Time Guard register, facilitating the use of the two dedicated Peripheral Data Controller (PDC) channels. The 3-channel, 16-bit Timer Counter (TC) is highly programmable and supports capture or waveform modes. Each TC channel can be programmed to measure or generate different kinds of waves, and can detect and control two input/output signals. The TC has also 3 external clock signals.
9
6410BS-ATARM-12-Jan-10
7. Product Overview
7.1 Power Supply
The AT91FR40162SB device has two types of power supply pins: * VDDCORE pins that power the chip core (i.e., the AT91R40008 with its embedded SRAM and peripherals) * VDDIO pins that power the AT91R40008 I/O lines and the Flash memory An independent I/O supply allows a flexible adaptation to external component signal levels.
7.2
Input/Output Considerations
The AT91FR40162SB I/O pads accept voltage levels up to the VDDIO power supply limit. After the reset, the microcontroller peripheral I/Os are initialized as inputs to provide the user with maximum flexibility. It is recommended that in any application phase, the inputs to the microcontroller be held at valid logic levels to minimize the power consumption.
7.3
Master Clock
The AT91FR40162SB has a fully static design and works on the Master Clock (MCK), provided on the MCKI pin from an external source. The Master Clock is also provided as an output of the device on the pin MCKO, which is multiplexed with a general purpose I/O line. While NRST is active, and after the reset, the MCKO is valid and outputs an image of the MCK signal. The PIO Controller must be programmed to use this pin as standard I/O line.
7.4
Reset
Reset restores the default states of the user interface registers (defined in the user interface of each peripheral), and forces the ARM7TDMI to perform the next instruction fetch from address zero. Except for the program counter the ARM7TDMI registers do not have defined reset states.
7.4.1
NRST Pin NRST is an active low-level input. It is asserted asynchronously, but exit from reset is synchronized internally to the MCK. The signal presented on MCKI must be active within the specification for a minimum of 10 clock cycles up to the rising edge of NRST to ensure correct operation. The first processor fetch occurs 80 clock cycles after the rising edge of NRST.
7.4.2
Watchdog Reset The watchdog can be programmed to generate an internal reset. In this case, the reset has the same effect as the NRST pin assertion, but the pins BMS and NTRI are not sampled. Boot Mode and Tri-state Mode are not updated. If the NRST pin is asserted and the watchdog triggers the internal reset, the NRST pin has priority.
10
AT91FR40162SB
6410BS-ATARM-12-Jan-10
AT91FR40162SB
7.5
7.5.1
Emulation Functions
Tri-state Mode The AT91FR40162SB microcontroller provides a tri-state mode, which is used for debug purposes. This enables the connection of an emulator probe to an application board without having to desolder the device from the target board. In tri-state mode, all the output pin drivers of the AT91R40008 microcontroller are disabled. In tri-state mode, direct access to the Flash via external pins is provided. This enables production Flash programming using classical Flash programmers prior to board mounting. To enter tri-state mode, the NTRI pin must be held low during the last 10 clock cycles before the rising edge of NRST. For normal operation, the NTRI pin must be held high during reset by a resistor of up to 400 k. NTRI is multiplexed with I/O line P21 and USART1 serial data transmit line TXD1.
7.5.2
JTAG/ICE Debug ARM-standard embedded In-circuit Emulation is supported via the JTAG/ICE port. The pins TDI, TDO, TCK and TMS are dedicated to this debug function and can be connected to a host computer via the external ICE interface. In ICE Debug Mode, the ARM7TDMI core responds with a non-JTAG chip ID that identifies the microcontroller. This is not fully IEEE1149.1 compliant.
11
6410BS-ATARM-12-Jan-10
7.6
Memory Controller
The ARM7TDMI processor address space is 4G bytes. The memory controller decodes the internal 32-bit address bus and defines three address spaces: * Internal memories in the four lowest megabytes * Middle space reserved for the external devices (memory or peripherals) controlled by the EBI * Internal peripherals in the four highest megabytes In any of these address spaces, the ARM7TDMI operates in little-endian mode only.
7.6.1
Internal Memories The AT91FR40162SB microcontroller integrates 256K bytes of internal SRAM. It is 32 bits wide and single-clock cycle accessible. Byte (8-bit), half-word (16-bit) and word (32-bit) accesses are supported and are executed within one cycle. Fetching either Thumb or ARM instructions is supported, and internal memory can store two times as many Thumb instructions as ARM instructions. The SRAM is mapped at address 0x0 (after the Remap command), allowing ARM7TDMI exception vectors between 0x0 and 0x20 to be modified by the software. Placing the SRAM on-chip and using the 32-bit data bus bandwidth maximizes the microcontroller performance and minimizes system power consumption. The 32-bit bus increases the effectiveness of the use of the ARM instruction set and the processing of data that is wider than 16 bits, thus making optimal use of the ARM7TDMI advanced performance. Being able to dynamically update application software in the 256-Kbyte SRAM adds an extra dimension to the AT91FR40162SB. The AT91FR40162SB also integrates a 2-Mbyte Flash memory that is accessed via the External Bus Interface. All data, address and control lines, except for the Chip Select signal, are connected within the device.
7.6.2
Boot Mode Select The ARM reset vector is at address 0x0. After the NRST line is released, the ARM7TDMI executes the instruction stored at this address. This means that this address must be mapped in nonvolatile memory after the reset. The input level on the BMS pin during the last 10 clock cycles before the rising edge of the NRST selects the type of boot memory (see Table 4-1 on page 5). If the embedded Flash memory is to be used as boot memory, the BMS input must be pulled down externally and NCS0 must be connected to NCSF externally. The pin BMS is multiplexed with the I/O line P24 that can be programmed after reset like any standard PIO line. Table 7-1.
BMS 1 0
Boot Mode Select
Boot Memory External 8-bit memory on NCS0 Internal or External 16-bit memory on NCS0
7.6.3
Remap Command The ARM vectors (Reset, Abort, Data Abort, Prefetch Abort, Undefined Instruction, Interrupt, Fast Interrupt) are mapped from address 0x0 to address 0x20. In order to allow these vectors to
12
AT91FR40162SB
6410BS-ATARM-12-Jan-10
AT91FR40162SB
be redefined dynamically by the software, the AT91FR40162SB uses a remap command that enables switching between the boot memory and the internal primary SRAM bank addresses. The remap command is accessible through the EBI User Interface by writing one in RCB of EBI_RCR (Remap Control Register). Performing a remap command is mandatory if access to the other external devices (connected to chip selects 1 to 7) is required. The remap operation can only be changed back by an internal reset or an NRST assertion. 7.6.4 Abort Control The abort signal providing a Data Abort or a Prefetch Abort exception to the ARM7TDMI is asserted when accessing an undefined address in the EBI address space. No abort is generated when reading the internal memory or by accessing the internal peripherals, whether the address is defined or not. 7.6.5 External Bus Interface The External Bus Interface handles the accesses between addresses 0x0040 0000 and 0xFFC0 0000. It generates the signals that control access to the external devices, and can be configured from eight 1-Mbyte banks up to four 16-Mbyte banks. It supports byte, half-word and word aligned accesses. For each of these banks, the user can program: * Number of wait states * Number of data float times (wait time after the access is finished to prevent any bus contention in case the device is too long in releasing the bus) * Data bus width (8-bit or 16-bit) * With a 16-bit wide data bus, the user can program the EBI to control one 16-bit device (Byte Access Select Mode) or two 8-bit devices in parallel that emulate a 16-bit memory (Byte Write Access Mode). The External Bus Interface features also the Early Read Protocol, configurable for all the devices, that significantly reduces access time requirements on an external device in the case of single-clock cycle access. In the AT91FR40162SB, the External Bus Interface connects internally to the Flash memory. 7.6.6 Flash Memory The 2-Mbyte Flash memory is organized as 1, 048, 576 words of 16 bits each. The Flash memory is addressed as 16-bit words via the EBI. It uses address lines A1 - A20 of the processor. The address, data and control signals, except the Flash memory enable, are internally interconnected. The user should connect the Flash memory enable (NCSF) to one of the active-low chip selects on the EBI; NCS0 must be used if the Flash memory is to be the boot memory. In addition, if the Flash memory is to be used as boot memory, the BMS input must be pulled down externally in order for the processor to perform correct 16-bit fetches after reset. During boot, the EBI must be configured with correct number of standard wait states. As an example, five standard wait states are required when the microcontroller is running at 66 MHz. The user must ensure that all VDDIO, VDDCORE and all GND pins are connected to their respective supplies by the shortest route. The Flash memory powers-on in read mode. Command sequences are used to place the device in other operating modes, such as program and erase.
13
6410BS-ATARM-12-Jan-10
A separate Flash memory reset input pin (NRSTF) is provided for maximum flexibility, enabling the reset operation to adapt to the application. When this input is at a logic high level, the memory is in its standard operating mode; a low level on this input halts the current memory operation and puts its outputs in a high impedance state. The Flash memory features data polling to detect the end of a program cycle. While a program cycle is in progress, an attempted read of the last word written will return the complement of the written data on I/O7. An open-drain NBUSY output pin provides another method of detecting the end of a program or erase cycle. This pin is pulled low while program and erase cycles are in progress and is released at the completion of the cycle. A toggle bit feature provides a third means of detecting the end of a program or erase cycle. The Flash memory is divided into 39 sectors for erase operations. To further enhance device flexibility, an Erase Suspend feature is offered. This feature puts the erase cycle on hold for an indefinite period and allows the user to read data from, or to write data to, any other sector within the same memory plane. There is no need to suspend an erase cycle if the data to be read is in the other memory plane. The device has the capability to protect data stored in any sector. Once the data protection for a sector is enabled, the data in that sector cannot be changed while input levels lie between ground and VDDIO. Note: This data protection does not prevent read accesses of the Flash. A 6-byte command sequence (Enter Single Pulse Program Mode) allows the device to be written to directly, using single pulses on the write control lines. This mode (Single-pulse Programming) is exited by powering down the device or by pulsing the NRSTF pin low for a defined duration and then bringing it back to VDDIO. The following hardware features protect against inadvertent programming of the Flash memory: * VDDIO Sense - if VDDIO is below a certain level, the program function is inhibited. * VDDIO Power-on Delay - once VDDIO has reached the VDDIO sense level, the device will automatically time out a certain duration before programming. * Program Inhibit - holding any one of OE low, CE high or WE high inhibits program cycles. * Noise Filter - pulses of less than a certain duration on the WE or CE inputs will not initiate a program cycle.
14
AT91FR40162SB
6410BS-ATARM-12-Jan-10
AT91FR40162SB
7.7 AT91 Flash Memory Uploader (FMU) Software
All Flash-based AT91 devices are delivered with pre-programmed software called the AT91 Flash Memory Uploader, which resides in the first sector of the embedded Flash. The Flash Memory Uploader allows programming to the embedded flash through a serial port. Either of the on-chip USARTs can be used by the Flash Memory Uploader. The purpose of the AT91 Flash Memory Uploader is to provide a Flash programming solution during small and medium productiion. The FMU is "one-time usable". This means that once the customer's code is written in sector 0 of the Flash, the FMU is overwritten. If IAP functionality is needed, customers need to use the JTAG port or implement their own boot loader with IAP capability. Figure 7-1. Flash Memory Uploader
Target System AT91FR40162SB
16-Mbit Flash Memory
NCSF
AT91R40008
RXD0
NCS0
Programming System
USART0
RS232 Driver USART1
RXD1
Serial Port
7.7.1
Flash Memory Uploader Operations The Flash Memory Uplo ader requires the encapsulated Flash to be used as the AT91FR40162SB boot memory and a valid clock to be applied to MCKI. After reset, the Flash Memory Uploader immediately recopies itself into the internal SRAM and jumps to it. The following operation requires this memory resource only. External accesses are performed only to program the encapsulated Flash. When starting, PIO input change interrupts are initialized on the RXD lines of both USARTs. When an interrupt occurs, a Timer Counter channel is started. When the next input change is detected on the RXD line, the Timer Counter channel is stopped. This is how the first character length is measured and the USART can be initiated by taking into account the ratio between the device master clock speed and the actual communication baud rate speed. The Programming System, then, can send commands and data following a proprietary protocol for the Flash device to be programmed. It is up to the Programming System to erase and program the first sector of the Flash as the last step of the operation, in order to reduce, to a minimum, the risk that the Flash Memory Uploader is erased and the power supply shuts down.
15
6410BS-ATARM-12-Jan-10
Note that in the event that the Flash Memory Uploader is erased from the first sector while the new final application is not yet programmed, and while the target system power supply is switched off, it leads to a non-recoverable error and the AT91FR40162SB cannot be re-programmed by using the Flash Memory Uploader. 7.7.2 Programming System Atmel provides a free Host Loader that runs on an IBM (R) compatible PC under Windows95, Windows98 or Windows2000 operating system. It can be downloaded from the Atmel Web site and requires only a serial cable to connect the Host to the Target. Communications can be selected on either COM1 or COM2 and the serial link speed is limited to 115200 bauds. Because the serial link is the bottleneck in this configuration, the Flash programming lasts 110 seconds per Mbyte. Reduced programming time can be achieved by using a faster programming system. An AT91 Evaluation Board is capable of running a serial link at up to 500 Kbits/sec and can match the fastest programming allowed by the Flash, for example, about 40 seconds per Mbyte when the word programming becomes the bottleneck. For more details about the Flash Memory Uploader protocol and the Host Loader Programming System, see the application note page of the AT91 Products at www.atmel.com.
16
AT91FR40162SB
6410BS-ATARM-12-Jan-10
AT91FR40162SB
8. Peripherals
The AT91FR40162SB peripherals are connected to the 32-bit wide Advanced Peripheral Bus. Peripheral registers are only word accessible. Byte and half-word accesses are not supported. If a byte or a half-word access is attempted, the memory controller automatically masks the lowest address bits and generates a word access. Each peripheral has a 16-Kbyte address space allocated (the AIC only has a 4-Kbyte address space). 8.0.1 Peripheral Registers The following registers are common to all peripherals: * Control Register - write only register that triggers a command when a one is written to the corresponding position at the appropriate address. Writing a zero has no effect. * Mode Register - read/write register that defines the configuration of the peripheral. Usually has a value of 0x0 after a reset. * Data Registers - read and/or write register that enables the exchange of data between the processor and the peripheral. * Status Register - read only register that returns the status of the peripheral. * Enable/Disable/Status Registers are shadow command registers. Writing a one in the Enable Register sets the corresponding bit in the Status Register. Writing a one in the Disable Register resets the corresponding bit and the result can be read in the Status Register. Writing a bit to zero has no effect. This register access method maximizes the efficiency of bit manipulation, and enables modification of a register with a single non-interruptible instruction, replacing the costly read-modify-write operation. Unused bits in the peripheral registers must be written at 0 for upward compatibility. These bits read 0. 8.0.2 Peripheral Interrupt Control The Interrupt Control of each peripheral is controlled from the status register using the interrupt mask. The status register bits are ANDed to their corresponding interrupt mask bits and the result is then ORed to generate the Interrupt Source signal to the Advanced Interrupt Controller. The interrupt mask is read in the Interrupt Mask Register and is modified with the Interrupt Enable Register and the Interrupt Disable Register. The enable/disable/status (or mask) makes it possible to enable or disable peripheral interrupt sources with a non-interruptible single instruction. This eliminates the need for interrupt masking at the AIC or Core level in real-time and multi-tasking systems. 8.0.3 Peripheral Data Controller The AT91FR40162SB has a 4-channel PDC dedicated to the two on-chip USARTs. One PDC channel is dedicated to the receiver and one to the transmitter of each USART. The user interface of a PDC channel is integrated in the memory space of each USART. It contains a 32-bit Address Pointer Register (RPR or TPR) and a 16-bit Transfer Counter Register (RCR or TCR). When the programmed number of transfers are performed, a status bit indicating the end of transfer is set in the USART Status Register and an interrupt can be generated.
17
6410BS-ATARM-12-Jan-10
8.1
8.1.1
System Peripherals
PS: Power-saving The power-saving feature optimizes power consumption, enabling the software to stop the ARM7TDMI clock (idle mode), restarting it when the module receives an interrupt (or reset). It also enables on-chip peripheral clocks to be enabled and disabled individually, matching power consumption and application needs. AIC: Advanced Interrupt Controller The Advanced Interrupt Controller has an 8-level priority, individually maskable, vectored interrupt controller, and drives the NIRQ and NFIQ pins of the ARM7TDMI from: * The external fast interrupt line (FIQ) * The three external interrupt request lines (IRQ0 - IRQ2) * The interrupt signals from the on-chip peripherals The AIC is extensively programmable offering maximum flexibility, and its vectoring features reduce the real-time overhead in handling interrupts. The AIC also features a spurious vector detection feature, which reduces spurious interrupt handling to a minimum, and a protect mode that facilitates the debug capabilities.
8.1.2
8.1.3
PIO: Parallel I/O Controller The AT91FR40162SB has 32 programmable I/O lines. Six pins are dedicated as general-purpose I/O pins. Other I/O lines are multiplexed with an external signal of a peripheral to optimize the use of available package pins. The PIO controller enables generation of an interrupt on input change and insertion of a simple input glitch filter on any of the PIO pins. WD: Watchdog The Watchdog is built around a 16-bit counter and is used to prevent system lock-up if the software becomes trapped in a deadlock. It can generate an internal reset or interrupt, or assert an active level on the dedicated pin NWDOVF. All programming registers are password-protected to prevent unintentional programming. SF: Special Function The AT91FR40162SB provides registers that implement the following special functions. * Chip Identification * RESET Status * Protect Mode
8.1.4
8.1.5
18
AT91FR40162SB
6410BS-ATARM-12-Jan-10
AT91FR40162SB
8.2
8.2.1
User Peripherals
USART: Universal Synchronous/ Asynchronous Receiver Transmitter The AT91FR40162SB provides two identical, full-duplex, universal synchronous/asynchronous receiver/transmitters. Each USART has its own baud rate generator, and two dedicated Peripheral Data Controller channels. The data format includes a start bit, up to 8 data bits, an optional programmable parity bit and up to 2 stop bits. The USART also features a Receiver Timeout register, facilitating variable length frame support when it is working with the PDC, and a Time-guard register, used when interfacing with slow remote equipment.
8.2.2
TC: Timer Counter The AT91FR40162SB features a Timer Counter block that includes three identical 16-bit timer counter channels. Each channel can be independently programmed to perform a wide range of functions including frequency measurement, event counting, interval measurement, pulse generation, delay timing and pulse width modulation. The Timer Counter can be used in Capture or Waveform mode, and all three counter channels can be started simultaneously and chained together.
19
6410BS-ATARM-12-Jan-10
9. Ordering Information
Table 9-1. Ordering Information
Package BGA 121 Package Type Green Temperature Operating Range Industrial (-40 C to 85 C)
Ordering Code AT91FR40162SB-CU
20
AT91FR40162SB
6410BS-ATARM-12-Jan-10
AT91FR40162SB
Revision History
Change Request Ref.
Doc. Rev 6410AS 6410BS
Comments First issue Section 2.3.3 "Erase Cycle Timings", updated section.
5617
21
6410BS-ATARM-12-Jan-10
Headquarters
Atmel Corporation 2325 Orchard Parkway San Jose, CA 95131 USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
International
Atmel Asia Unit 1-5 & 16, 19/F BEA Tower, Millennium City 5 418 Kwun Tong Road Kwun Tong, Kowloon Hong Kong Tel: (852) 2245-6100 Fax: (852) 2722-1369 Atmel Europe Le Krebs 8, Rue Jean-Pierre Timbaud BP 309 78054 Saint-Quentin-enYvelines Cedex France Tel: (33) 1-30-60-70-00 Fax: (33) 1-30-60-71-11 Atmel Japan 9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Product Contact
Web Site www.atmel.com www.atmel.com/AT91SAM Technical Support AT91SAM Support Atmel techincal support Sales Contacts www.atmel.com/contacts/
Literature Requests www.atmel.com/literature
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Unless specifically provided otherwise, Atmel products are not suitable for, and shall not be used in, automotive applications. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life.
(c) 2010 Atmel Corporation. All rights reserved. Atmel(R), Atmel logo and combinations thereof and others are registered trademarks or trademarks of Atmel Corporation or its subsidiaries. ARM (R), the ARMPowered(R) logo, ARM7TDMI(R), Thumb (R) and others are registered trademarks or trademarks of ARM Ltd. Windows (R) and others are registered trademarks or trademarks of Microsoft Corporation in the US and/or in other countries, IBM (R) is a registered trademark of IBM Corporation. Other terms and product names may be trademarks of others.
6410BS-ATARM-12-Jan-10


▲Up To Search▲   

 
Price & Availability of AT91FR40162SB-CU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X