Part Number Hot Search : 
020JL 28531 PT6553 L9822E 54000 5KP30A GB200 L9680
Product Description
Full Text Search
 

To Download AK5321024N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Accutek Microcircuit Corporation
DESCRIPTION
The Accutek AK5322048N high density memory module is a CMOS dynamic RAM organized in 2048K x 32 bit words. The module consists of four standard 1 Meg x 16 DRAMs in plastic TSOP packages. The assembly has 2 drams mounted on each side of a printed circuit board in a 72 pad leadless Dual Row Sodim configuration. This configuration allows socket-mounting of large quantities of memory in applications where high density and ease of inserting additional memory are important. The operation of the AK5322048A is identical to four 1M x 16 Drams. There are four CAS lines and four RAS lines. On each bank of 1M x 32, independent byte control is accomplished by four CAS lines. Each seperate CAS line controls one byte of the 1M x 16 Dram. Two banks of 32 bits are controlled by the two pairs of RAS lines. A sixteen bit data path can be produced by connecting DQ0 to DQ16, DQ1 to DQ17 etc. and alternately strobing RAS0 with RAS1 and RAS2 with RAS3.
AK5322048N 2,097,152 Word by 32 Bit CMOS Dynamic Random Access Memory
Front Side
1 2
71 72 Back Side
FEATURES
* 2,097,152 x 32 bit organization * 72 pad Dual Row Sodim Module * Multiple CAS and RAS lines allow x16 or x32 bit widths * CAS-before-RAS, RAS-only or hidden refresh * Operating free air temperature 0oC to 70oC * Single 5 Volt Power Supply * 1024 Refresh Cycles, 16 mSEC * Available in Fast Page Mode and Static Column Mode versions * Power 1.80 Watt Max Active (60nS) 1.66 Watt Max Active (70 nS) 1.44 Watt Max Active (80 nS) 22 mW Max StandbyAvailable
ADDITIONAL OPTIONS AVAILABLE
1 Meg x 32 version, AK5321024N
PIN NOMENCLATURE
DQ0 - DQ31 A0 - A9 CAS0 - CAS3 RAS0 - RAS3 WE PD0 - PD6 Vcc Vss NC Data In/Data Out Address Inputs Column Address Strobe Row Address Strobe Write Enable Presence Detect 5v Supply Ground No Connect
PIN ASSIGNMENT
PIN # 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 SYMBOL Vss DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 Vcc PD0 A0 A1 A2 A3 A4 A5 A6 PIN # 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 SYMBOL NC NC DQ8 DQ9 DQ10 DQ11 DQ12 DQ13 DQ14 A7 NC Vcc A8 A9 RAS3 RAS2 DQ15 NC PIN # 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 SYMBOL DQ16 DQ17 Vss CAS0 CAS2 CAS3 CAS1 RAS0 RAS1 NC WE NC DQ18 DQ19 DQ20 DQ21 DQ22 DQ23 PIN # 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 SYMBOL NC DQ24 DQ25 DQ26 DQ28 DQ27 Vcc DQ29 DQ30 DQ31 NC PD1 PD2 PD3 PD4 PD5 PD6 Vss
MODULE OPTIONS
Leadless SODIM: AK5322048N
Presence Detect Access Time PD0 -60 NC -70 NC
PD1 Vss Vss
PD2 Vss Vss
PD3 Vss Vss
PD4 NC Vss
PD5 NC NC
PD6 NC NC
FUNCTIONAL DIAGRAM
DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 DQ8 DQ9 DQ10 DQ11 DQ12 DQ13 DQ14 DQ15 DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 DQ8 DQ9 DQ10 DQ11 DQ12 DQ13 DQ14 DQ15 DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 DQ8 DQ9 DQ10 DQ11 DQ12 DQ13 DQ14 DQ15 DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 DQ8 DQ9 DQ10 DQ11 DQ12 DQ13 DQ14 DQ15
MECHANICAL DIMENSIONS
2.350"
0.158"
0.150"
0.700"
1.000" 0.070"
0.250"
0.300" 0.197" 2.033"
0.100" 0.040"
Position
ORDER INFORMATION
5
PART NUMBER CODING INTERPRETATION
12345678 Position 1 Product AK = Accutek Memory 2 Type 4 = Dynamic RAM 5 = CMOS Dynamic RAM 6 = Static RAM 3 Organization/Word Width 1 = b y 1 16 = by 16 4 = by 4 32 = by 32 8 = by 8 36 = by 36 9 = by 9 4 Size/Bits Depth 64 = 64K 4096 = 4 MEG 256 = 256K 8192 = 8 MEG 1024 = 1 MEG 16384 = 16 MEG The numbers and coding on this page do not include all variations available, but are shown as examples of the most widely used variations. Contact Accutek if other information is required.
6
7
8
ACCUTEK MICROCIRCUIT CORPORATION BUSINESS CENTER at NEWBURYPORT 2 NEW PASTURE ROAD, SUITE 1 NEWBURYPORT, MA 01950-4054 PHONE: 978-465-6200 FAX: 978-462-3396 Email: sales@accutekmicro.com Internet: www.accutekmicro.com
Package Type G = Single In-Line Package (SIP) S = Single In-Line Module (SIM) D = Dual In-Line Package (DIP) W = .050 inch Pitch Edge Connect N = Dual Row Sodim Z = Zig-Zag In-Line Package (ZIP) Special Designation P = Page Mode N = Nibble Mode K = Static Column Mode W = Write Per Bit Mode V = Video Ram Separator - = Commercial 00C to +700C M = Military Equivalent Screened (-550C to +1250C) I = Industrial Temperature Tested (-450C to +850C) X = Burned In Speed (first two significant digits) DRAMS SRAMS 60 = 60 nS 12 = 12 nS 70 = 70 nS 15 = 15 nS 80 = 80 nS 20 = 20nS
Accutek reserves the right to make changes in specifications at any time and without notice. Accutek does not assume any responsibility for the use of any circuitry described; no circuit patent licenses are implied. Preliminary data sheets contain minimum and maximum limits based upon design objectives, which are subject to change upon full characterization over the specific operating conditions.
DQ16 DQ17 DQ18 DQ19 DQ20 DQ21 DQ22 DQ23 DQ24 DQ25 DQ26 DQ27 DQ28 DQ29 DQ30 DQ31
DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 DQ8 DQ9 DQ10 DQ11 DQ12 DQ13 DQ14 DQ15
12345678


▲Up To Search▲   

 
Price & Availability of AK5321024N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X