|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/26/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0901200770 Active cgrid_iii 2.54mm (.100") Pitch C-Grid IIITM Header, Single Row, Vertical, 10 Circuits, 0.38m (15") Gold (Au) Selective Plating Documents: 3D Model Drawing (PDF) RoHS Certificate of Compliance (PDF) Series General Product Family Series Application Overview Product Name PCB Headers 90120 Wire-to-Board cgrid_iii C-Grid IIITM image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Physical Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Temperature Range - Operating Termination Interface: Style Yes 10 10 Black No No No None None Brass Gold Tin Polyester 1 Vertical 0.114 In 2.90 mm No None Bag 0.100 In 2.54 mm 15 0.38 No No No No -55C to +125C Through Hole Search Parts in this Series 90120Series Mates With 90147 C-Grid(R) PC Board Connector. 90123 C-Grid IIITM Modular Crimp Housing Electrical Current - Maximum per Contact Voltage - Maximum 3A 350V Solder Process Data Duration at Max. Process Temperature (seconds) Lead-free Process Capability 5 Wave Capable (TH only) Max. Cycles at Max. Process Temperature Process Temperature max. C 1 260 Material Info Reference - Drawing Numbers Sales Drawing SDA-90120 This document was generated on 05/26/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 90120-0770 |