Part Number Hot Search : 
V470M 171ED SFAF504 PA61A MC33363 TEA5582 74162 ULN20
Product Description
Full Text Search
 

To Download 87061-0001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0870610001 Active
2.50mm (.098") / 3.50mm (.138") Pitch Low Profile Female Crimp Terminal, Tin (Sn) Overall
Documents: Drawing (PDF)
RoHS Certificate of Compliance (PDF) Series image - Reference only Crimp Terminals 87061 Yes N/A EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Crimp Quality Equipment Product Name
Physical
Durability (mating cycles max) Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Wire Insulation Diameter Wire Size AWG Wire Size mm 30 Receptacle Phosphor Bronze Tin Tin Reel 1.90 (.075) max. 22, 24, 26, 28 DIA.1.15 TO 1.9MM
Electrical
Current - Maximum per Contact Voltage - Maximum 3A 250V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Sales Drawing SD-87061-0001 Search Parts in this Series 87061Series Use With 5264 housings
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 87061-0001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X