Part Number Hot Search : 
ISD2564 3MC060 CLL4122 100MB 5932B 5932B 2SC184 12250
Product Description
Full Text Search
 

To Download 78061-0002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0780610002 Active
1.00mm (.039") Pitch Fully Buffered DIMM Socket, Vertical, Through Hole, 0.38m (15") Gold(Au) Selective Plating, 240 Circuits, with Beveled Metal Pins, with Off-White Latches, 3.18mm (.125") Solder Tail Length, Lead-free
Documents: 3D Model Drawing (PDF)
Product Specification PS-78061-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR 19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Comments Component Type JEDEC Outline Product Name Memory Module Sockets 78061
  • Latches in Off-White Color
  • Solder Tail Length at 3.18mm (.125") Memory Module MO-256 FB DIMM
    Physical
    Circuits (Loaded) Color - Resin Durability (mating cycles max) Entry Angle Flammability Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Temperature Range - Operating Termination Interface: Style 240 Black, Natural 25 Vertical (Top Entry) 94V-0 Yes Brass, Phosphor Bronze Gold Tin High Temperature Thermoplastic 0.125 In 3.18 mm Yes Yes 0.093 In 2.40 mm Tray 0.039 In 1.00 mm -55C to +85C Through Hole
    Search Parts in this Series 78061Series Mates With JEDEC MO-256 modules
    Electrical
    Current - Maximum per Contact Voltage - Maximum Voltage Key 1A 30V 1.8V, Center
    Solder Process Data
    Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 5 SMC & Wave Capable (TH only) 1 265
    Material Info Reference - Drawing Numbers
    Product Specification Sales Drawing PS-78061-001, RPS-78061-001 SD-78061-001
    This document was generated on 04/13/2010
    PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION

  • ▲Up To Search▲   

     
    Price & Availability of 78061-0002

    All Rights Reserved © IC-ON-LINE 2003 - 2022  

    [Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
    Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


     . . . . .
      We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X