Part Number Hot Search : 
CPT01 M37160M8 6M006 SHM50SMS FSL9130R KLL5817 LMR12WD 6M006
Product Description
Full Text Search
 

To Download 74981-8504 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0749818504 Active
vhdm__hsd 2.00mm (.079") Pitch 6-Row VHDM-HSDTM Backplane Header, Guide Pin Signal Module, Pin End Version, 100 Circuits, Pin Length 5.15mm (.202")
Documents: Drawing (PDF)
RoHS Certificate of Compliance (PDF) Series Backplane Connectors 74981 Backplane Tooling Manual No Keying Position PCB Header vhdm__hsd VHDM-HSDTM N/A image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Application Tooling Documents Comments Component Type Overview Product Name Style
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Guide to Mating Part Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Columns Number of Pairs Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style 100 100 Black 200 No Yes None Copper-Nickel-Silicon, High Performance Alloy (HPA), Stainless Steel Gold Tin High Temperature Thermoplastic 25 Open Pin Field 6 Vertical No None 0.070 In 1.80 mm Tube 0.079 In 2.00 mm 0.079 In 2.00 mm 30 0.75 30 0.75 Yes Yes Yes -55C to +105C Through Hole - Compliant Pin
Search Parts in this Series 74981Series Mates With 74880 VHDM\HSD Daughtercard Use With Daughtercard Modules Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # VHDM(R) Signal Pin 0622015700 Inserter Repair Tool VHDM-HSDTM Signal 0622020217 Header, 6 Row by 25 Wide, 50.00mm (1.97")
Electrical
Current - Maximum per Contact Data Rate Real Signals (per 25mm) Shielded Voltage - Maximum 1A 5.0 Gbps 48 No 120V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Sales Drawing VHDM-HSD is a trademark of Amphenol Corporation SD-74981-010
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 74981-8504

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X