Part Number Hot Search : 
MMJT9410 ECH8631 MBT440 ST7787 HCT1G125 ST7787 05M05 SDZ24V
Product Description
Full Text Search
 

To Download 74059-2501 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0740592501 Active
vhdm 2.00mm (.079") Pitch VHDM(R) Board-to-Board Backplane Header, Vertical, 6-Row, Guide Pin Signal Module, Shield End Version, 150 Circuits, Pin Length 4.75mm (.187")
Documents: 3D Model Drawing (PDF)
RoHS Certificate of Compliance (PDF) Series
General
Product Family Series Application Application Tooling Documents Comments Component Type Overview Product Name Style Backplane Connectors 74059 Backplane Tooling Manual No Keying Position PCB Header vhdm VHDM(R) N/A
image - Reference only EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Guide to Mating Part Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Columns Number of Pairs Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Stackable 150 150 Black 200 No Yes None Beryllium Copper, High Performance Alloy (HPA), Stainless Steel Gold Tin-Lead High Temperature Thermoplastic N/A Open Pin Field 6 Vertical 0.098 In 2.50 mm No None 0.070 In 1.80 mm Tube 0.079 In 2.00 mm 0.039 In 2.00 mm 30 0.75 30 0.75 Yes No
Search Parts in this Series 74059Series Mates With 74030 VHDM(R) Board-to-Board Daughtercard Receptacle Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Flat Rock Tooling for 0622013700 Pneumatic Press VHDM(R) Signal Pin 0622015700 Inserter Repair Tool VHDM(R) 6 Row Pin 0622015800 and Shield Repair Tool
Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style
Yes -55C to +105C Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact Data Rate Real Signals (per 25mm) Shield Type Shielded Voltage - Maximum 1A 3.125 Gbps 72 Ground Plane Shield Yes 120V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Sales Drawing SD-74059-002 VHDM and Very High Density Metric are trademarks of Amphenol Corporation
VHDM(R) 6 Row 0622016000 Shield Extraction Tool VHDM(R) Insertion 0622020204 Module for Advanced Mate Signal Header, 6 Row by 25 Wide, 50.00mm (1.97") VHDM(R) Insertion 0622020208 Module for Standard Shield Signal Header, 6 Row by 25 Wide, 50.00mm (1.97")
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 74059-2501

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X