Part Number Hot Search : 
PA210 STN1802 CDRH5D18 BU810 5ZSXE MSP34X1G BAV99 GBJ25
Product Description
Full Text Search
 

To Download 1N5352B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5342B~1N5369B
SILICON ZENER DIODES VOLTAGE
FEATURES
* Low profile package * Built-in strain relief * Low inductance * Typical ID less than 1.0A above 13V
.375(9.5) .285(7.2) 1.0(25.4)MIN.
6.8 to 51 Volts
CURRENT
5.0 Watts
DO-201AE
Unit: inch(mm)
* For surface mounted applications in order to optimize board space.
.042(1.07) .037(0.94)
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O * In compliance with EU RoHS 2002/95/EC directives
MECHANICALDATA
* Case: JEDEC DO-201AE molded plastic * Terminals: Axial leads, solderable per MIL-STD-750, Method 2026 * Polarity: Color band denoted cathode except Bipolar * Mounting Position: Any * Weight: 0.0395 ounce, 1.122 gram
1.0(25.4)MIN.
.210(5.3) .188(4.8)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
Parameter DC Power Dissipation on TL =75O C ,Measure at Zero Lead Length Derate above 50O C ( NOTE 1) Operating Junction and StorageTemperature Range
Symbol
Value 5.0 -55 to +150
Units Watts
O
PD TJ , TSTG
C
NOTE: 1.Mounted on 8.0mm2 copper pads to each terminal.
STAD-FEB.10.2009 1
PAGE . 1
1N5342B~1N5369B
N o m i na l Ze ne r V o l t a g e Part Number No m. V 1N5342B 1N5343B 1N5344B 1N5345B 1N5346B 1N5347B 1N5348B 1N5349B 1N5350B 1N5351B 1N5352B 1N5353B 1N5354B 1N5355B 1N5356B 1N5357B 1N5358B 1N5359B 1N5360B 1N5361B 1N5362B 1N5363B 1N5364B 1N5365B 1N5366B 1N5367B 1N5368B 1N5369B 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 V Z @ IZT M i n. V 6.46 7.13 7.79 8.27 8.65 9.5 10.45 11.4 12.35 13.3 14.25 15.2 16.15 17.1 18.05 19 20.9 22.8 23.75 25.65 26.6 28.5 31.35 34.2 37.05 40.85 44.65 48.45 M a x. V 7.14 7.88 8.61 9.14 9.56 10.5 11.55 12.6 13.65 14.7 15.75 16.8 17.85 18.9 19.95 21 23.1 25.2 26.25 28.35 29.4 31.5 34.65 37.8 40.95 45.15 49.35 53.55 1 2 2 2 2 2 3 3 3 3 3 3 3 3 3 3 4 4 4 5 6 8 10 11 14 20 25 27
M a x i m u m Z e n e r Im p e d a n c e ZZT @ IZT mA 175 175 150 150 150 125 125 100 100 100 75 75 70 65 65 65 50 50 50 50 50 40 40 30 30 30 25 25 200 200 200 200 150 125 125 125 100 75 75 75 75 75 75 75 75 100 110 120 130 140 150 160 170 190 210 230 ZZK @ IZK mA 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
Maximum Leakage Current IR A 10 10 10 10 7.5 5 5 2 1 1 1 1 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 VR V 5.2 5.7 6.2 6.6 6.9 7.6 8.4 9.1 9.9 10.6 11.5 12.2 12.9 13.7 14.4 15.2 16.7 18.2 19 20.6 21.2 22.8 25.1 27.4 29.7 32.7 35.8 38.8
STAD-FEB.10.2009 1
PAGE . 2
1N5342B~1N5369B
RATING AND CHARACTERISTIC CURVES
q Vz, TEMPERATURE COEFFICIENT (mV/C)@IZT
8
P D , MAXIMUM STEADY STATE POWER DISSIPATION (WATTS)
300 200 100 50 30 20
RANGE
6
4
2
10 5 0 20 40 60 80 100
0 0 30 60 90 120 150
T L , LEAD TEMPERATURE ( OC)
Vz,ZENER VOLTAGE@Iz T (VOLTS)
Fig.1 Power temperature Derating Curve
Fig.2 Temperature Coefficient-Range for Units 11 to 39 Volts
30
ir, PEAK SURGE CURRENT (AMPS)
1000
20 10 5 2 1 0.5
IZ, ZENER CURRENT (mA)
Vz=3.3V
T=25 O C
100
10
Vz=51V
1
0.2 0.1
0.1
1
10
100
1000
10
20
30
40
50
PW, PULSE WIDTH (ms)
Vz, ZENER VOLTAGE (VOLTS)
Fig.3 Peak Surge Current versus Pulse Width
Fig.4 Zener Voltage versus Zener Current Vz=11 thru 39 Volts
STAD-FEB.10.2009 1
PAGE . 3


▲Up To Search▲   

 
Price & Availability of 1N5352B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X