Part Number Hot Search : 
1A105 B89PV B230013 SPM3202 MSK541B 1581C6EU 2N6474 TPA5050
Product Description
Full Text Search
 

To Download 1N5333A07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Certificate: TH97/10561QM
Certificate: TW00/17276EM
1N5333A - 1N5388A
VZ : 3.3 - 200 Volts PD : 5 Watts
FEATURES :
* Complete Voltage Range 3.3 to 200 Volts * High peak reverse power dissipation * High reliability * Low leakage current * Pb / RoHS Free
SILICON ZENER DIODES
D2A
1.00 (25.4) MIN.
0.161 (4.1) 0.154 (3.9)
0.284 (7.2) 0.268 (6.8)
MECHANICAL DATA
* Case : D2A Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.645 gram
0.0400 (1.02) 0.0385 (0.98)
1.00 (25.4) MIN.
Dimensions in inches and ( millimeters )
MAXIMUM RATINGS
Rating at 25 C ambient temperature unless otherwise specified.
Rating
DC Power Dissipation at T L = 75 C (Note1) Maximum Forward Voltage at IF = 1 A Operating Junction Temperature Range Storage Temperature Range
Note : (1) TL = Lead temperature at 3/8 " (9.5mm) from body.
Symbol
PD VF TJ TSTG
Value
5.0 1.2 - 65 to + 200 - 65 to + 200
Unit
Watts Volts C C
Fig. 1 POWER TEMPERATURE DERATING CURVE 5 PD, MAXIMUM DISSIPATION (WATTS) 4 3 2 1 0
L = 3/8" (9.5mm)
0
25
50 75 100 125 150 175 TL, LEAD TEMPERATURE (C)
200
Page 1 of 3
Rev. 08 : March 16, 2007
Certificate: TH97/10561QM
Certificate: TW00/17276EM
ELECTRICAL CHARACTERISTICS (Rating at 25 C ambient temperature unless otherwise specified)
TYPE
Nominal Zener Voltage IZT VZ @ IZT (V) (mA)
3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 56 60 62 68 75 82 87 91 100 110 120 130 140 150 160 170 180 190 200 380 350 320 290 260 240 220 200 200 175 175 150 150 150 125 125 100 100 100 75 75 70 65 65 65 50 50 50 50 50 40 40 30 30 30 25 25 20 20 20 20 20 15 15 15 12 12 10 10 8.0 8.0 8.0 8.0 5.0 5.0 5.0
Maximum Zener Impedance ZZT @ IZT ZZK @ IZK () ()
3.0 2.5 2.0 2.0 2.0 1.5 1.0 1.0 1.0 1.0 1.5 1.5 2.0 2.0 2.0 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 3.0 3.0 3.5 3.5 4.0 5.0 6.0 8.0 10 11 14 20 25 27 35 40 42 44 45 65 75 75 90 125 170 190 230 330 350 380 430 450 480 400 500 500 500 450 400 400 300 200 200 200 200 200 150 125 125 125 100 75 75 75 75 75 75 75 75 100 110 120 130 140 150 160 170 190 210 230 280 350 400 500 620 720 760 760 800 1000 1150 1250 1500 1500 1650 1750 1750 1850 1850
IZK (mA)
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Maximum Reverse Leakage Current IR @ VR (V) (A)
300 150 50 10 5.0 1.0 1.0 1.0 1.0 150 150 150 150 150 150 50 2.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 1.0 1.0 1.0 1.0 1.0 1.0 2.0 3.0 3.0 4.9 5.4 5.9 6.3 6.6 7.2 8.0 8.6 9.4 10.1 10.8 11.5 12.2 13.0 13.7 14.4 15.8 17.3 18.0 19.4 20.1 21.6 23.8 25.9 28.1 31.0 33.8 36.7 40.3 43.0 44.6 49.0 54.0 59.0 63.0 65.5 72.0 79.2 86.4 93.2 101 108 115 122 130 137 144
Maximum DC Zener Current IZM (mA)
1440 1320 1220 1100 1010 930 856 790 765 700 630 580 545 520 475 430 395 365 340 315 295 280 265 250 237 216 198 190 176 170 158 144 132 122 110 100 93.0 86.0 79.0 76.0 70.0 63.0 58.0 54.5 52.5 47.5 43.0 39.5 36.6 34.0 31.6 29.4 28.0 26.4 25.0 23.6
1N5333A 1N5334A 1N5335A 1N5336A 1N5337A 1N5338A 1N5339A 1N5340A 1N5341A 1N5342A 1N5343A 1N5344A 1N5345A 1N5346A 1N5347A 1N5348A 1N5349A 1N5350A 1N5351A 1N5352A 1N5353A 1N5354A 1N5355A 1N5356A 1N5357A 1N5358A 1N5359A 1N5360A 1N5361A 1N5362A 1N5363A 1N5364A 1N5365A 1N5366A 1N5367A 1N5368A 1N5369A 1N5370A 1N5371A 1N5372A 1N5373A 1N5374A 1N5375A 1N5376A 1N5377A 1N5378A 1N5379A 1N5380A 1N5381A 1N5382A 1N5383A 1N5384A 1N5385A 1N5386A 1N5387A 1N5388A
Note : (1) Suffix " A " indicates 10% tolerance, suffix " B " indicates 5.0% tolerance.
Page 2 of 3
Rev. 08 : March 16, 2007
Certificate: TH97/10561QM
Certificate: TW00/17276EM
RATING AND CHARACTERISTIC CURVES ( 1N5333A - 1N5388A )
Fig 2. Typical Thermal Response L, Lead Length = 3/8 Inch JL(t,D),Transient Thermal Resistance Junction-To-Lead (C/W)
20 10 5 2 1
D=0.5
D=0.2 D=0.1 DUTY CYCLE, D = t 1/t2 SINGLE PULSE TJL =JL(t)PPK NOTE:BELOW 0.1 SECOND, THERMAL RESPONSE CURVE IS APPLICABLE TO ANY LEAD LENGTH (L) REPETITIVE PULSE TJL =JL(t,D)PPK
PPK
t1 t2
D=0.05 D=0.01
0.5
D=0 0.2 0.001
0.005 0.01
0.05
0.1
0.5
1
5
10
50
100
t,TIME (SECONDS)
Fig.3 Maximum Non-Repetitive Surg Current versus Nominal Zener Voltage
Ir, PEAK SURGE CURRENT (AMPS) 20 10 4 2 1 0.4 0.2 0.1 3 4
*SQURE WAVE PW=1 ms* PW=8.3 ms*
Fig. 4 Peak Surg Current versus Pulse Width
Ir, PEAK SURGE CURRENT (AMPS) 30 20 10 5 2 1 0.5 0.2 0.1 1 10 100 1000
Vz = 200 V
40
Vz = 3.3 V
PW=100 ms* PW=1000 ms*
6 8 10
20
30 40
80
100
200
NORMINAL Vz (V)
PW, PULSE WIDTH (ms)
Page 3 of 3
Rev. 08 : March 16, 2007


▲Up To Search▲   

 
Price & Availability of 1N5333A07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X