Part Number Hot Search : 
AD54908 L2500 C7608A DS1904 11021 CS5305 AD54908 480MHZ
Product Description
Full Text Search
 

To Download 1960004544 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 USB-4711A
150 kS/s, 12-bit, 16-ch Multifunction USB Module Features
Supports USB 2.0 Portable Bus-powered 16 analog input channels 12-bit resolution AI Sampling rate up to 150 kS/s 8-ch DI/8-ch DO, 2-ch AO and one 32-bit counter Detachable screw terminal on modules Suitable for DIN-rail mounting One lockable USB cable for secure connection included
RoHS
2002/95/EC
COMPLIANT
Introduction
The USB-4700 series consists of true Plug & Play data acquisition modules. You no longer need to open the chassis to install DAQ modules. Just plug in the module, then get the data. It's easy and efficient. Reliable and rugged enough for industrial applications, yet inexpensive enough for home projects, the USB-4700 series module is the perfect way to add measurement and control capability to any USB capable computer. The USB-4700 series is fully Plug & Play and with onboard terminal block for easy usage. It obtains all required power from the USB port, so no external power connection is ever required. USB-4711A is a multifunction module, with 16-ch Analog Input, 2-ch Analog Output, 16-ch Digital I/O and counter channel which is able to output a constant frequency square wave. With the features of USB-4700 series; USB-4711A is your most cost effective choice of lab or production line test & measurement tool.
Specifications
Analog Input
Channels 16 single-ended/8 differential (software programmable) Resolution 12 bits Max. Sampling Rate* 150 kS/s max. FIFO Size 1,024 samples Overvoltage Protection 30 Vp-p Input Impedance 1 G Sampling Modes Software, onboard programmable pacer, and external Input Range (V, software programmable)
10 0.1 5 0.1 2.5 0.2 1.25 0.2 0.625 0.4
Digital Inputs
Channels Compatibility Input Voltage 8 3.3 V/5 V/TTL Logic 0: 0.8 V max. Logic 1: 2.0 V min.
Digital Outputs
Channels Compatibility Output Voltage 8 3.3 V/TTL Logic 0: 0.8 V max.@ 4 mA (sink) Logic 1: 2.0 V min.@ 4 mA (source)
Event Counter
Channels Compatibility Max. Input Frequency 1 3.3 V/TTL 1 kHz
Bipolar Accuracy (% of FSR 1LSB)
*Note: The sampling rate and throughput depends on the computer hardware architecture and software environment. The rates may vary due to programming language, code efficiency, CPU utilization and so on.
General
USB 2.0 Onboard screw terminal 132 x 80 x 32 mm Typical: +5 V @ 340 mA Max.: +5 V @ 440 mA Operating Temperature 0 ~ 60 C (32 ~ 140 F) (refer to IEC 68-2-1, 2) Storage Temperature -20 ~ 70 C (-4 ~ 158 F) Storage Humidity 5 ~ 95% RH non-condensing (refer to IEC 68-2-3) Bus Type I/O Connector Dimensions (L x W x H) Power Consumption
Analog Output
Channels Resolution Output Rate Output Range 2 12 bits Static update (V, software programmable)
Unipolar Bipolar 0 ~ 5, 0 ~ 10 5, 10
Internal Reference

Slew Rate Driving Capability Output Impedance Operation Mode Accuracy
0.15 V/s 2 mA @ 10 V 0.5 Single output Relative: 1 LSB Differential non-linearity: 1 LSB
Ordering Information
USB-4711A 1960004544 1960005788 150 kS/s, 12-bit, 16-ch Multi. USB Module Wallmount Bracket VESA Mount Bracket
Online Download www.advantech.com/products


▲Up To Search▲   

 
Price & Availability of 1960004544

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X