Part Number Hot Search : 
00DIA5AR 78K0S PS4051 PA9109 A1201 CY2256 28C45 684MTB63
Product Description
Full Text Search
 

To Download 0716617050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0716617050 Active
ebbi_50d 1.27mm (.050") Pitch EBBITM 50D Plug, Vertical, Blind Mate, 50 Circuits, 2.79mm (.110") PC Tail Length
Documents: 3D Model Drawing (PDF)
Product Specification PS-71660 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Application MolexKits Overview Product Name PCB Headers 71661 Board-to-Board, Wire-to-Board Yes ebbi_50d EBBITM
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded No 50 50 Black 2,000 No 94V-0 No Yes None None Copper Alloy Gold Tin High Temperature Thermoplastic 2 Vertical 0.110 In 2.79 mm Yes Yes 0.062 In 1.60 mm Tray 0.050 In 1.27 mm 30 0.76 75 1.91 Yes Yes Fully
Search Parts in this Series 71661Series Mates With EBBITM 50D Receptacle 71660
Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style
No No -40C to +105C Through Hole
Electrical
Current - Maximum per Contact Voltage - Maximum 1A 30V
Solder Process Data
Lead-free Process Capability Process Temperature max. C SMC & Wave Capable (TH only) 260
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-71660 PS-71660 SDA-71661-7***
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0716617050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X