Part Number Hot Search : 
ZL30415 TK11A50D X25256S8 MC14557B PJ14126L 11000 MA102 TDA100
Product Description
Full Text Search
 

To Download 0676430991 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0676430991 Active
Universal Serial Bus (USB) Shielded I/O Receptacle, Right Angle, Type A, Black Polyester, 0.76m (30") Gold (Au) Plating, PCB Thickness 1.60mm (.063"), with Upper Flange, Lead Free
Documents: 3D Model Drawing (PDF)
Product Specification PS-67643-003 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only I/O Connectors 67643 Wire-to-Board With Upper Flange|Not for IR Reflow Process Receptacle USB A EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Component Type Product Name Type
Physical
Boot Color Circuits (Loaded) Circuits (maximum) Gender Keying to Mating Part Lock to Mating Part Material - Plating Mating Material - Plating Termination Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Polarized to Mating Part Polarized to PCB Ports Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof N/A 4 4 Receptacle Yes Yes Gold Tin 1 Right Angle 0.102 In 2.60 mm Yes Yes 0.062 In 1.60 mm Tray Yes 0.079 In, 0.098 In 2.00 mm, 2.50 mm 0.079 In, 0.098 In 2.00 mm, 2.50 mm 30 0.76 Yes Yes 1 No 0C to +50C Through Hole No
Search Parts in this Series 67643Series Mates With USB Type A Plug
Electrical
Current - Maximum per Contact Shield Type Shielded 1.5A Full Shield Yes
Voltage - Maximum
30V DC
Solder Process Data
Lead-free Process Capability Process Temperature max. C Wave Capable (TH only) 260
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-67643-003 SD-67643-004
This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0676430991

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X