Part Number Hot Search : 
C4722 0603C10 2T256 D3FK60 AM29F016 GP190 M1528 W9020
Product Description
Full Text Search
 

To Download 0556500688 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0556500688 Active
slimstack_050mm_020_pitch 0.50mm (.020") Pitch SlimStackTM Plug, Surface Mount, Dual Row, Vertical, 2.00mm (.079") Stack Height, with Solder Tab, 60 Circuits, Lead-free
Documents: 3D Model Drawing (PDF) Product Specification PS-54363-044 (PDF)
Product Specification PS-54363-046 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only
General
Product Family Series Application Comments Overview Product Name PCB Headers 55650 Board-to-Board Solder Tab Plating: Lead-free, Tin slimstack_050mm_020_pitch SlimStackTM EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Mated Height (in) Mated Height (mm) Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded No 60 60 Black 30 No No No None Yes 0.079 In 2.00 mm Brass Gold Gold High Temperature Thermoplastic 2 Vertical 0.000 In 0.00 mm No Yes 0.000 In 0.00 mm Embossed Tape on Reel 0.020 In 0.50 mm 0.020 In 0.50 mm 10 0.25 4 0.1 No No No
Search Parts in this Series 55650Series Mates With 54363 PCB Receptacle
Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style
No Yes -25C to +85C Surface Mount
Electrical
Current - Maximum per Contact Voltage - Maximum 0.5A 50V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing SPK-55650-001 PS-54363-044, PS-54363-046, RPS-54363-047 SD-55650-013, SD-55650-014
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0556500688

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X