Part Number Hot Search : 
5KP78A 1601B U2731B 75N08 TS95105 SAA73 CSE2410 258932
Product Description
Full Text Search
 

To Download 0391001011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description: Documents: 3D Model Drawing (PDF)
0391001011 Active
10.00mm (.394") Pitch BeauTM EurostyleTM Two-Screw Terminal Strips, 11 Circuits
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA UL 25562 E82573 image - Reference only
Series
General
Product Family Series Application Component Type Product Literature Order No Product Name Type Terminal Blocks 39100 Wire-to-Wire One Piece USA-303 EurostyleTMTwo Screw Euro Block
Physical
Circuits (Loaded) Entry Angle Flammability Lock to Mating Part Number of Rows Orientation PCB Retention Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating Wire Size AWG 11 Horizontal 94V-2 None 2 Vertical Yes Mounting Holes Between Circuit 0.394 In 10.00 mm 0.315 In 8.00 mm No No 100C 10, 12, 14, 16, 18
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 39100Series
Electrical
Current - Maximum per Contact Voltage - Maximum 30A 600V
Material Info Reference - Drawing Numbers
Sales Drawing SD-39100-004
This document was generated on 04/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0391001011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X