Part Number Hot Search : 
A240D 1E2AG SPF0004 LVC125B XN04402 CP591V XR16L580 TN6155PM
Product Description
Full Text Search
 

To Download 0359790240 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0359790240 Active
7.92mm (.312") Pitch Wire-to-Board Header, Vertical, 2 Circuits, with 11.40mm (.449") PC Tail, White, Polyester Alloy, Glow Wire Compatible
Documents: 3D Model Drawing (PDF)
Product Specification PS-35979-001 (PDF) RoHS Certificate of Compliance (PDF) Series LR19980 R72090224 E29179 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA TUV UL
General
Product Family Series Application Product Name PCB Headers 35979 Wire-to-Board N/A
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style No 2 2 White 30 No 94V-0 Yes No None Yes Tin Tin Polyester Alloy 1 Vertical 0.146 In 3.70 mm No None 0.062 In 1.60 mm Bag 0.312 In 7.92 mm No No No Yes No -25C to +85C Through Hole
Search Parts in this Series 35979Series Mates With 35977 Wire-to-Board Housing
Electrical
Current - Maximum per Contact 7A
Voltage - Maximum
250V
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-35979-001 PS-35979-001 SD-35979-001
This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0359790240

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X