Part Number Hot Search : 
CAXXXXXX DA8588BJ MC1494 10700450 16310 R0603 FZT3019 ELM824
Product Description
Full Text Search
 

To Download VT048A060T040FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRMTM Regulator and VTMTM Current Multiplier Modules
Features * 100C baseplate operation * Sine Amplitude Converter (VTM) * ZVS buck-boost regulator (PRM) * Regulation 1% (Adaptive Loop) * Small footprint: 1.64 and 2.08 in2 * High efficiency up to 97% * Low profile 0.37" flanged model * Power density: Up to 416 W/in3 * Flexible architecture * Low noise * Fast transient response * Lead free wave solder compatible * Agency approvals
Regulation (%) Line 0.10 0.10 0.10 0.17 0.10 0.30 Output Current (A) 100 80 70 50 40 30 25 25 15 12 9 6 Load 0.10 0.10 0.10 0.50 0.10 0.50
Product Description
VI BRICK PRM and VTM modules provide the technical advantages of Factorized Power including high density and efficiency, low noise operation, architectural flexibility, extremely fast transient response, and elimination of bulk capacitance at the point-of-load (POL). Utilizing baseplate and integrated heat sink packaging, the platform also provides improved thermal management and through-hole mounting capability in a small, robust package.
Output Ripple (mVpk-pk) 100% Load 228 202 274 360 372 655
PRM Model Number PR024A480T012FP PR036A480T012FP PR048A480T012FP PR048A480T024FP PR045A480T017FP PR045A480T032FP VTM Model Number VT048A015T100FP VT048A020T080FP VT048A030T070FP VT048A040T050FP VT048A060T040FP VT048A080T030FP VT048A096T025FP VT048A120T025FP VT048A160T015FP VT048A240T012FP VT048A320T009FP VT048A480T006FP
Input Voltage Output Voltage Output Power (V) (V) (W) 18 - 36 18 - 60 36 - 75 36 - 75 38 - 55 38 - 55 26 - 55 26 - 55 26 - 55 26 - 55 26 - 55 26 - 55 Output Voltage (V) 48 Vin 1.50 2.00 3.00 4.00 6.00 8.00 9.60 12.00 16.00 24.00 32.00 48.00 120 120 120 240 170 320
Efficiency (%) 50% Load 92.5 92.5 92.5 95.0 95.3 96.2 100% Load 95.0 95.0 95.1 96.0 97.0 97.0
26 Vin 0.81 1.08 1.63 2.17 3.25 4.33 6.40[a] 6.50 8.67 14.00[b] 17.33 26.00
55 Vin 1.72 2.29 3.44 4.58 6.88 9.17 11.00 13.75 18.33 26.50[c] 36.67 55.00
Efficiency % 50% Load 100% Load 91.0 94.2 95.0 94.8 95.6 96.0 96.2 95.1 96.0 95.7 96.5 96.7 90.5 93.2 94.2 94.4 94.6 95.8 96.2 95.6 95.7 95.9 96.2 96.4
Output Ripple (mVpk-pk) 50% Load 100% Load 51 35 48 168 96 61 107 92 108 102 184 112 100 50 65 216 168 132 176 141 153 176 158 176
Note: See individual data sheets for additional model specifications and configurations. [a] Vout = 6.4 Vdc @ 32 Vin; [b] Vout = 14.0 Vdc @ 28 Vin; [c] Vout = 26.5 Vdc @ 53 Vin
Typical Application
Vo = VL 1.0%
VC PC TM IL NC PR +IN VH SC SG OS NC CD
ROS RCD
Factorized Bus (Vf)
Vf = VL (Io*Ro) + K K
+IN
+OUT
-OUT TM VC PC
PRM
+OUT
VTM
+OUT
Vin
-IN -OUT
-IN
-OUT
L O A D
Figure 1 -- Typical application with Adaptive Loop control, the output of the VTM is regulated over the load current range with only a single interconnect between the PRM and VTM and without the need for isolation in the feedback path.
VI Brick: PRMTM Regulator and VTMTM Current Multiplier Modules
vicorpower.com
Rev. 1.0
Page 1 of 2
VI BRICK PRM Mechanical Drawing
Baseplate - Slotted Flange Heat Sink (Transverse) Recommended PCB Pattern
(Component side shown)
VI BRICK VTM Mechanical Drawing
Baseplate - Slotted Flange Heat Sink (Transverse) Recommended PCB Pattern
(Component side shown)
The products described on this document are protected by the following U.S. Patents Numbers: PRMs: 5,945,130; 6,403,009; 6,710,257; 6,788,033; 6,940,013; 6,969,909; 7,038,917; 7,154,250; 7,166,898; 7,187,263; D496,906; D506,438; D509,472; and for use under 6,975,098 and 6,984,965 VTMs: 5,945,130; 6,403,009; 6,710,257; 6,911,848; 6,930,893; 6,934,166; 6,940,013; 6,969,909; 7,038,917; 7,145,186; 7,166,898; 7,187,263; D496,906; D505,114; D506,438; D509,472; and for use under 6,975,098 and 6,984,965
VI Brick: PRMTM Regulator and VTMTM Current Multiplier Modules
vicorpower.com
Rev. 1.0
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of VT048A060T040FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X