Part Number Hot Search : 
SMD05 018EN01 LTC2321 F9NK90 TFS411A TA7666 ISL1202 MM5Z22V
Product Description
Full Text Search
 

To Download USB-M04-003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series USB-M Mini USB - 90 Receptacle (4 Pin, SMT)
Specifications
Insulation Resistance: Current Rating: Voltage Rating: Withstanding Voltage: Contact Resistance: . 1000M at 100 V DC for 1 minute 1A max. per contact 30V ACrms max. 500V AC (rms) for 1 minute 30m max. (initial)
I/O Connectors
Part Number
USB-M04-003
Materials and Finish
Housing: Shell: Contacts: Contact Plating: Thermoplastic, glass filled (UL94V-0) Tin over Copper Alloy Copper Alloy Solder area - Solder over Nickel Mating area - Au over Nickel
Outline Dimensions SMT Type
12
3
4
Recommended PCB Layout
Top View
4
3
2
1
Trading Division
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Connectors
E-17
USB (Universal Serial Bus and IEEE1394
I/O Connectors
Specifications
Insulation Resistance: Withstanding Voltage: Voltage Rating: Current Rating: Contact Resistance: .
Series USB-M Mini USB - Plug (4 Pin Solder Port )
1000M at 100V DC for 1 minute 500V ACrms for 1 minute 30V AC (rms) max. 1A max. per contact 15m max. (initial)
Part Number
USB-M04-P
Assembly set with plastic cover
Note: USB-M04-P is also available in assembled version with moulded strain relief. For more details please contact Yamaichi.
Materials and Finish
Housing: Shell: Contacts: Contact Plating: Thermoplastic, glass filled (UL94V-0) Tin over Copper Alloy Copper Alloy Solder area - Sn over Nickel Mating area - Au over Nickel
Outline Dimensions Plug
E-18
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Trading Division


▲Up To Search▲   

 
Price & Availability of USB-M04-003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X