Part Number Hot Search : 
S2415 MGB38TA 16F16 4AX103V1 080CT M12541DJ SB360A 2N4924
Product Description
Full Text Search
 

To Download TRJ-80-6A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TRJ Series * Pulse Transformers for RF Applications
These miniature transformers are suitable for pulse applications requiring a very fast rise time and for 50 ohm wideband RF Features * SMD styles are pick and place compatable and provide consistent and reliable coplanarity * EMI noise suppression in the common mode * low leakage inductance * excellent quality at extremely competitive price due to high volume production * Manufactured in an ISO-9001:2000, TS-16949:2002 and ISO-14001:2004 certified Talema facility * Fully RoHS compliant and meets lead free reflow level J-STD-020C Electrical Specifications @ 25C Power Rating : 250mW Dielectric Strength between windings: 700Vrms Operating Temperature Range: -40C to +85C Storage Temperature: -40C to +125C Insulation Resistance: 10,000 MOhm minimum Test Frequency: Inductance measured @ 100kHz/20mVrms Standard Packaging: Tape & Reel
TRJ Series * SMD RF Pulse Transformers
Bandw ith for Part Number OCL (H 30% Turns Ratio 2% LL Pri/Sec CC Pri/Sec Rise Time Primary ET RCUP RCUS RCUT -3dB Loss Freq. (MHz ) Low High Schematic
(H Max) (pF Max) (nS Max) (V-S Min)
(mOhms) (mOhms) (mOhms)
TRJ-20-6A TRJ-20-6C TRJ-40-6A TRJ-40-6C TRJ-40-6D TRJ-80-6A TRJ-80-6B TRJ-80-6C TRJ-80-6E TRJ-80-6F
20 20 40 40 40 80 80 80 80 80
1:4 1:4ct 1:2 1:2ct 1:1:1 1:1 1ct:1ct 1:1ct 1:1.414 1:1.414ct
0.10 0.10 0.14 0.14 0.10 0.15 0.18 0.18 0.30 0.20
10 10 15 15 12 12 15 15 18 18
6.0 6.0 3.0 3.0 2.0 2.2 3.0 3.0 4.0 3.0
1.25 1.25 2.00 2.00 2.00 2,50 2.50 2.50 2.50 2.50
90 90 130 130 130 190 190 190 270 270
360 360 260 260 130 190 190 190 270 270
----130 ------
0.20 0.20 0.10 0.10 0.10 0.05 0.05 0.05 0.05 0.05
60 60 110 110 150 110 90 90 50 50
A C A C D A B C A C
TRJ
TALEMA IN WK/YR Part Number
Suggested Pad Layout
0.200 (5.08) 6
Schematic
A
1 6 5
0.453 0.374 (11.50) (9.50)
B
1 2 3
0 - 8
0.307 (7.80) 0.283 0.244 (7.20) (6.20)
0.100 (2.54)
0.492 0.287 (12.50) (7.30)
0.047 (1.20)
4
3
4
C
6 1 2 4 3 6 1
D
2 5 3 4
0.020 x 0.12 (0.50 x 0.30)
Surface coplanarity will be 0.004 (0.01) maximum Dimensions: Inches (Millimeters) To l e r a n c e : 0 . 0 1 0 ( 0 . 2 5 ) u n l e s s s p e c i f i e d o t h e r w i s e
USA: AlfaMag Electronics LLC | 945 Parkwood | PO Box 668 | Rolla, MO 65402 Phone: 1-800-413-6693 FAX: 1-364-5390 EMail: support@alfamag.com http://www.alfamag.com
(10-06 )Networks\TRJ


▲Up To Search▲   

 
Price & Availability of TRJ-80-6A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X