Part Number Hot Search : 
55158K C100EP 14516 FN1189 20N15 1N4393 RFG3500 PF0310
Product Description
Full Text Search
 

To Download TIP122 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
TO-220 Plastic-Encapsulated Transistors
TIP120, 121, 122
FEATURES Power dissipation PCM: 2
Darlington TRANSISTOR (NPN) TO-220
1. BASE 2. COLLECTOR
W (Tamb=25)
3. EMITTER
Collector current 5A ICM: Collector-base voltage TIP120: 60 V V(BR)CBO: TIP121: 80 V TIP122: 100 V Operating and storage junction temperature range TJ, Tstg: -65 to +150 unless otherwise specified)
Test conditions
123
ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter TIP120 Collector-base breakdown voltage TIP121 TIP122 TIP120 Collector-emitter breakdown voltage TIP121 TIP12 TIP120 Collector cut-off current TIP121 TIP122 TIP120 Collector cut-off current TIP121 TIP122 Emitter cut-off current
Symbol
MIN 60
MAX
UNIT
V(BR)CBO
Ic= 1mA, IE=0
80 100 60
V
V(BR)CEO
Ic= 100mA, IB=0
80 100
V
VCB= 60V, IE=0 ICBO VCB= 80V, IE=0 VCB= 100V, IE=0 VCE=30V, IB=0 ICEO VCE=40V, IB=0 VCE=50V, IB=0 IEBO VEB= 5V, IC=0 VCE= 3V, IC= 0.5A VCE= 3V, IC= 3 A IC=3 A, IB=12 mA IC=5 A, IB=20 mA VCE=3V, IC= 3 A 1000 1000
0.2 0.2 0.2 0.5 0.5 0.5 2 mA uA uA
DC current gain
hFE
Collector-emitter saturation voltage Base-emitter ON voltage
VCE(sat) VBE(on)
2 4 2.5
V V


▲Up To Search▲   

 
Price & Availability of TIP122

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X