![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PolySwitch(R) PTC Devices 308 Constitution Drive Menlo Park, CA 94025-1164 Phone: 800-227-4856 www.circuitprotection.com PRODUCT: SMD150F/33 DOCUMENT: SCD 25168 REV LETTER: E REV DATE: JULY 11, 2008 PAGE NO.: 1 OF 1 Overcurrent Protection Device Raychem Circuit Protection Products Specification Status: Released Maximum Electrical Ratings Operating Voltage / Interrupt Current C 33V / 40A 12V / 60A 5V / 125A Marking: H B G D A E F Notes: 1. All metal surfaces are tin plated. 2. Devices cannot be wave soldered. 3. Drawing not to scale. TABLE I. DIMENSIONS: A MIN MAX mm: 8.00 9.40 in*: (0.315) (0.370) B MIN --C D E F G H MAX MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX MIN 3.00 6.0 6.71 0.56 0.71 0.56 0.71 3.68 3.94 0.66 1.37 0.43 (0.118) (0.236) (0.264) (0.022) (0.028) (0.022) (0.028) (0.145) (0.155) (0.026) (0.054) (0.017) TABLE II. PERFORMANCE RATINGS: CURRENT RATINGS** TIME TO TRIP** RESISTANCE VALUES OHMS AT 20C MIN MAX* 0.080 0.230 TRIPPED-STATE POWER DISSIPATION** WATTS AT 20C MAX 1.9 AMPS AT 0C HOLD TRIP 1.80 3.60 AMPS AT 20C HOLD TRIP 1.50 3.00 AMPS SECONDS AT AT 60C 20C, 8.0A HOLD TRIP MAX 0.99 1.98 5.0 * Maximum resistance is measured both 1 hour post reflow and 1 hour post trip. ** Values specified were determined using PCB's with 0.070"X1.5 ounce copper traces. Agency Recognition: Reference Documents: Precedence: Effectivity: CAUTION: UL, CSA and TUV PS300, E.N. SMD 1.0x This specification takes precedence over documents referenced herein. Reference documents shall be the issue in effect on the date of invitation for bid. Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame. Materials Information ROHS Compliant ELV Compliant Pb-Free (c) 2005, 2008 Tyco Electronics Corporation. All rights reserved. |
Price & Availability of SMD150F
![]() |