Part Number Hot Search : 
HCF40 P20N60 84134041 12TRPBF MC54H 6KE18CA 3002E 5KP24A
Product Description
Full Text Search
 

To Download SI3850ADV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Specification Comparison
Vishay Siliconix
SI3850ADV vs. Si3850DV
Description: Package: Pin Out: Complementary MOSFET Half-Bridge (N- and P-Channel) TSOP-6 Identical
Part Number Replacements SI3850ADV-T1-E3 Replaces Si3850DV-T1-E3 SI3850ADV-T1-E3 Replaces Si3850DV-T1
ABSOLUTE MAXIMUM RATINGS TA = 25 C, unless otherwise noted
Parameter Drain-Source Voltage Gate-Source Voltage TA = 25 C Continuous Drain Current TA = 70 C Pulsed Drain Current Continuous Source Current (MOSFET Diode Conduction) Power Dissipation TA = 25 C TA = 70 C IDM IS PD Tj and Tstg RthJA ID VDS VGS Symbol N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch SI3850ADV 20 - 20 12 12 1.4 - 0.96 1.1 - 0.77 3.5 - 2.0 0.9 - 0.9 1.08 0.7 - 55 to 150 115 Si3580DV 20 - 20 12 12 1.2 - 0.85 0.95 - 0.65 3.5 - 2.5 1 -1 1.25 0.8 - 55 to 150 100 W C C/W A V Unit
Operating Junction and Storage Temperature Range Maximum Junction-to-Ambient
Document Number: 73853 Revision: 31-Oct-06
www.vishay.com 1
Specification Comparison
Vishay Siliconix
SPECIFICATIONS TJ = 25 C, unless otherwise noted
Parameter Static Gate-Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Current VGS = 4.5 V VGS = - 4.5 V VGS = 4.5 V VGS = - 4.5 V VGS = 3.0 V VGS = - 3.0 V VGS(th) IGSS IDSS ID(on) N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch N-Ch 0.6 - 0.6 1.5 - 1.5 100 100 1 -1 0.6 - 0.6 1.5 - 1.5 100 100 1 -1 V nA A A 0.38 0.7 0.55 1.1 2.7 1.2 0.500 1.0 0.750 1.3 Symbol SI3850ADV Min Typ Max Min Si3850DV Typ Max Unit
3.0 - 1.5 0.240 0.510 0.325 0.780 1.8 1.1 0.87 - 1.0 0.95 1.10 0.22 0.28 0.24 0.26 3.5 10.5 8 13 16 34 20 18 9 18 20 25 0.300 0.640 0.410 0.980
3.0 - 2.0
Drain-Source On-Resistance
rDS(on)
Forward Transconductance Diode Forward Voltage Dynamic Total Gate Charge Gate-Source Charge Gate-Drain Charge Gate Resistance Switchinga
gfs VSD
S 1.2 - 1.2 V
1.2 - 1.3 1.4 1.7 0.8 1.10 0.25 0.5 0.2 0.2 0.3 3 10 8 20 20 20 10 16 8 40 40
Qg Qgs Qgd Rg
2.0 2.5 nC
5.3 16 14 20 25 50 30 30 15 30 30 40
1.5 16 20 15 40 40 40 20 30 15 80 80
td(on) Turn-On Time tr td(off) Turn-Off Time tf Source-Drain Reverse Recovery Time trr
ns
Specification comparisons are supplied as a courtesy to compare two devices and do not constitute a commercial product datasheet or any guarantee of identical performance. Designers should refer to the appropriate datasheets of the same number for guaranteed specification limits.
www.vishay.com 2
Document Number: 73853 Revision: 31-Oct-06


▲Up To Search▲   

 
Price & Availability of SI3850ADV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X