Part Number Hot Search : 
AD844 PBL403 Q6704 1620C LSP2961 CPC1135N 66ESA NLX2G04
Product Description
Full Text Search
 

To Download RMCD35W100RKSB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TOKEN
RMCD Non-Inductance Tubular
Non-Inductance Ceramic Tubular Resistors
Tubular Resistor Offers Higher Energy Power Dissipation & Higher Voltage Withstand
Preview Power High Voltage Dividers and Resistors Type RMCD extend Token Electronic's advanced proprietary high voltage resistor technology to larger devices than have previously been available on the market. The RMCD is the non-inductive tubular ceramic resistor. Because of the larger volume of resistive material, these resistors are capable of handling significantly higher pulsed power than their wirewound or metal film counterparts, making them suitable for rapid energy dumping and high energy pulse work. This RMCD offer higher average power dissipation while retaining the advantages of high surge energy, high voltage withstand, and non-inductance. It is especially useful in RF applications such as transmitters and modulators, where the tube configuration provides more effective convection cooling. In addition, this RMCD HV resistor and divider provides high peak voltage and power energy combined with extremely high working voltage. These specifications can provide important improvements in performance in many types of advanced electronic systems, including TWT power supplies, radar systems, X-ray systems, analytical equipment and high resolution CRT displays. Token will also produce devices outside these specifications to meet customer requirements, with comprehensive application engineering and design support available for customers worldwide. Contact us for details with your specific needs. Features - Heavy load characteristics - Inductance only 0.4H max. - Resistance tolerance K(10%). - Typical resistance range 75 ohm ~ 1 Kohm. - Peak voltage up to 74 KV, Power (W) up to 100W. Applications - X-Ray, Lasers, Medical Defibrillators, - Dynamic Braking, Soft-start/Current-limit, - Radar, Motor Drives, Broadcast Transmitters, - Snubber Circuits, Dummy Loads, Energy Research - RF Amplifiers, Semiconductor Process, Power Conditioning
Version 2010
http://www.token.com.tw/
rfq token.com.tw
01 of 02
TOKEN
General Specifications (Unit: mm)
RMCD Non-Inductance Tubular
d
Silver plate L
Type RMCD-100 RMCD-90 RMCD-70 RMCD-50 RMCD-35 Dimensions (mm) L3.0 D2.0 d2.0 305 25.4 15.5 250 25.4 15.5 200 25.4 15.5 150 25.4 15.5 100 25.4 15.5 Resistance () Tolerance (%) Energy (KJ) 30 25 20 15 10 Peak Voltage (KV) 75 60 45 30 15 Power (W) 100 90 70 50 35
75 ~ 1K
10
Electrical Characterisics
Type RMCD Power Rating 35 ~ 100W Temperature Coefficient -500 ~ -1500PPM/C Resistivity 5 ~ 80*cm Specific Heat 2J/cm3*C Inductance 0.4H max Density 2.25g/cm3 Max. Operating Temperature 220C max
How to Order
RMCD
100W
100R
K
S
B
Part Number: RMCD Rated Power (W): 35W, 502W, 70W, 90W, 100W Resistance Value ()
Code 82R 100R 470R 820R 1K Resistance Value () 82 100 470 820 1K
Resistance Tolerance (%)
Code Resistance Tolerance
K Silver plate terminal Color: B (black)
Code
B
Back to 1st Page - High Voltage Resistors (RMCD)
02 of 02
D
10%
Color
black
http://www.token.com.tw/
rfq token.com.tw
Version 2010


▲Up To Search▲   

 
Price & Availability of RMCD35W100RKSB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X