Part Number Hot Search : 
VCH162 ICS66401 FZT493A BS62L 2SC6045G 0ZA6T 1SV103 20100C
Product Description
Full Text Search
 

To Download PDSP16116 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PDSP1601/PDSP1601A
ALU and Barrel Shifter
Supersedes version in December 1993 Digital Video & DSP IC Handbook, HB3923-1 DS3705 - 2.3 September 1996
PDSP1601/PDSP1601A
The PDSP1601 is a high performance 16-bit arithmetic logic unit with an independent on-chip 16-bit barrel shifter. The PDSP1601A has two operating modes giving 20MHz or 10MHz register-to-register transfer rates. The PDSP1601 supports Multicycle multiprecision operation. This allows a single device to operate at 20MHz for 16-bit fields, 10MHz for 32-bit fields and 5MHz for 64-bit fields. The PDSP1601 can also be cascaded to produce wider words at the 20MHz rate using the Carry Out and Carry In pins. The Barrel Shifter is also capable of extension, for example the PDSP1601 can used to select a 16-bit field from a 32-bit input in 100ns.
PIN 1A INDEX MARK ON TOP SURFACE
A B C D E F G H J K L 11 10 9 87 6 5 4 3 2 1
AC84
LC84
FEATURES
s s s s s s s s s
16-bit, 32 instruction 20MHz ALU 16-bit, 20MHz Logical, Arithmetic or Barrel Shifter Independent ALU and Shifter Operation 4 x 16-bit On Chip Scratchpad Registers Multiprecision Operation; e.g. 200ns 64-bit Accumulate Three Port Structure with Three Internal Feedback Paths Eliminates I/O Bottlenecks Block Floating Point Support 300mW Maximum Power Dissipation 84-pin Pin Grid Array or 84 Contact LCC Packages or 100 pin Ceramic Quad Flat Pack
GG100 Fig.1 Pin connections - bottom view
APPLICATIONS
s s s s s
Digital Signal Processing Array Processing Graphics Database Addressing High Speed Arithmetic Processors
ASSOCIATED PRODUCTS
PDSP16112 PDSP16116 PDSP16318 PDSP16330 Complex Multiplier 16 x 16 Complex Multiplier Complex Accumulator Pythagoras Processor
1
PDSP1601/PDSP1601A
PIN DESCRIPTION
LC pin AC pin Function LC pin AC pin Function LC pin AC pin Function LC pin AC pin Function 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 C6 A6 A5 B5 C5 A4 B4 A3 A2 B3 A1 B2 C2 B1 C1 D2 D1 E3 E2 E1 F1 IA4 MSB MSS B15 B14 B13 B12 B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 CEB CLK 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 F3 G3 G1 G2 F1 H1 H2 J1 K1 J2 L1 K2 K3 L2 L3 K4 L4 J5 K5 L5 K6 GND MSA0 MSA1 A15 A14 A13 A12 A11 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 CEA MSC 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 J6 J7 L7 K7 L6 L8 K8 L9 L10 K9 L11 K10 J10 K11 J11 H10 H11 F10 G10 G11 G9 IS0 IS1 IS2 IS3 SV0 SV1 SV2 SV3 SVOE RS0 RS1 VCC RS2 C0 C1 C2 C3 C4 C5 C6 C7 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 F9 F11 E11 E10 E9 D11 D10 C11 B11 C10 A11 B10 B9 A10 A9 B8 A8 B6 B7 A7 C7 GND C8 C9 C10 C11 C12 C13 C14 C15 OE BFP VCC CO RA0 RA1 RA2 CI IA0 IA1 IA2 IA3
GG 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
SIG N/C N/C N/C N/C VCC C0 RA0 RA1 RA2 CI IA0 IA1 IA2 IA3 IA4 MSB MSS B15 B14 B13 B12 B11 B10 B9 B8
GG 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
SIG N/C N/C N/C N/C B7 B6 B5 B4 B3 B2 B1 B0 CEB CLK GND MSA0 MSA1 A15 A14 A13 A12 A11 A10 A9 A8
GG 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75
SIG N/C N/C N/C N/C A7 A6 A5 A4 A3 A2 A1 A0 CEA MSC IS0 IS1 IS2 IS3 SV0 SV1 SV2 SV3 SVOE RS0 RS1
GG 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100
SIG N/C N/C N/C N/C VCC RS2 C0 C1 C2 C3 C4 C5 C6 C7 GND C8 C9 C10 C11 C12 C13 C14 C15 OE BFP
N/C = not connected - leave open circuit All GND and VDD pin must be used
2
PDSP1601/PDSP1601A
PIN DESCRIPTIONS
Symbol MSB MSS B15 - B0 CEB CLK Pin No. (LC84 Package) 2 3 4 - 19 20 21 Description ALU B-input multiplexer select control.1 This input is latched internally on the rising edge of CLK. Shifter Input multiplexer select control.1 This input is latched internally on the rising edge of CLK. B Port data input. Data presented to this port is latched into the input register on the rising edge of CLK. B15 is the MSB. Clock enable, B Port input register. When low the clock to this register is enabled. Common clock to all internal registered elements. change on the rising edge of CLK. All registers are loaded, and outputs
MSA0 - MSA1 23 - 24 A15 - A0 CEA MSC IS0 - IS3 SV0 - SV3 25 - 40 41 42 43 - 46 47 - 50
ALU A-input multiplexer select control.1 These inputs are latched internally on the rising edge of CLK. A Port data input. Data presented to this port is latched into the input register on the rising edge of CLK. A15 is the MSB. Clock enable, A Port input register. When low the clock to this register is enabled. C-Port multiplexer select control.1 This input is latched internally on the rising edge of CLK. Instruction inputs to Barrel Shifter, IS3 = MSB.1 These inputs are latched internally on the rising edge of CLK. Shift Value I/O Port. This port is used as an input when shift values are supplied from external sources, and as an output when Normalise operations are invoked. The I/O functions are determined by the IS0 - IS3 instruction inputs, and by the SVOE control. The shift value is latched internally on the rising edge of CLK. SV Output enable. When high the SV port can only operate as an input. When low the SV port can act as an input or as an output, according to the IS0 - IS3 instruction. This pin should be tied hihg or low, depending upon the application. Instruction inputs to Barrel Shifter registers.1 These inputs are latched internally on the rising edge of CLK. C Port data output. Data output on this port is selected by the C output multiplexer. C15 is the MSB. Output enable. The C Port outputs are in high impedance condition when this control is high. Block Floating Point Flag from ALU, active high. Carry out from MSB of ALU. Instruction inputs to ALU registers.1 These inputs are latched internally on the rising edge of CLK. Carry in to LSB of ALU. Instruction inputs to ALU.1 IA4 = MSB. These inputs are latched internally on the rising edge of CLK. +5V supply: Both Vcc pins must be connected. 0V supply: Both GND pins must be connected.
SVOE
51
RS0, RS1 RS2 C0 - C15 OE BFP CO RA0 - RA2 CI IA0 - IA3 IA4 Vcc GND NOTES 1.
52 - 53 55 56 - 63 65 - 72 73 74 76 77 - 79 80 81 - 84 1 54 & 75 22 & 64
All instructions are executed in the cycle commencing with the rising edge of the CLK which latches the inputs.
3
PDSP1601/PDSP1601A
Fig.2 PDSP1601 block diagram
FUNCTIONAL DESCRIPTION
The PDSP1601 contains four main blocks: the ALU, the Barrel Shifter and the two Register Files. The ALU The ALU supports 32 instructions as detailed in Table 1. The inputs to the ALU are selected by the A and B MUXs. Data will fall through from the selected register through the A or B input MUXs and the ALU to the ALU output register file in 50ns for the PDSP1601A (100ns for the PDSP1601). The ALU instructions are latched, such that the instruction will not start executing until the rising edge of CLK latches the instruction into the device. The ALU accepts a carry in from the CI input and supplies a carry out to the CO output. Additionally, at the end of each cycle, the carry out from the ALU is loaded into an internal 1 bit register, so that it is available as an input to the ALU on the next cycle. In the manner, multicycle, multiprecision operations are supported. (See MULTICYCLE CASCADE OPERATIONS). BFP Flag The ALU has a user programmable BFP flag. This flag may be programmed to become active at any one of four conditions. Two of these conditions are intended to support Block Floating Point operations, in that they provide flags indicating that the ALU result is within a factor of two or four of overflowing the 16 bit number range. For multiprecision operations the flag is only valid whilst the most significant 16 bit byte is being processed. In this manner the BFP flag may be used over any extended word width. The remaining two conditions detect either an overflow condition or a zero result. For the overflow condition to be active the ALU result must have overflowed into the 16th (sign) bit, (this flag is only valid whilst the most significant 16 bit byte is being processed). The zero condition is active if the result from the ALU is equal to zero. For multiprecision operations the zero flag must be active for all of the 16 bit bytes of an extended word. The BFP flag is programmed by executing on of the four SBFXX instructions (see Table 1). During the execution of any of these four instructions, the output of the ALU is forced to zero. Multicycle/Cascade Operation The ALU arithmetic instructions contain two or three options for each arithemtic operation. The ALU is designed to operate with two's complement arithmetic, requiring a one to be added to the LSB for all subtract operations. The instructions set includes instructions that will force a one into the LSB, e.g. MIAX1, AMBX1, BMAX1 (see Table 1). These instructions are used for the least significant 16 bit byte of any subtract operation. The user has an option of cascading multiple devices, or multicycling a single device to extend the arithmetic precision. Should the user cascade multiple devices, then the cascade arithmetic instructions using the external CI input should be employed for all but the least significant 16 bit byte, e.g. MIACI, APBCI, BMACI (see Table 1). Should the user multicycle a single device, then the Multicycle Arithmetic instructions, using the internally registered CO bit should be employed for all but the least significant 16 bit byte, e.g. MIACO, APBCO, AMBCO, BMACO (see Table 1).
4
PDSP1601/PDSP1601A
Table 1 ALU instructions
1a. ARITHMETIC INSTRUCTIONS Inst 00 01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 0E 0F IA4-AI0 Mnemonic 00000 00001 00010 00011 00100 00101 00110 00111 01000 01001 01010 01011 01100 01101 01110 01111 CLRXX MIAX1 MIACI MIACO A2SGN A2RAL A2RAR A2RSX APBCI APBCO AMBX1 AMBCI AMBCO BMAX1 BMACI BMACO Operation RESET MINUS A MINUS A MINUS A A/2 A/2 A/2 A/2 A PLUS B A PLUS B A MINUS B A MINUS B A MINUS B B MINUS A B MINUS A B MINUS A Function CLEAR ALL REGISTERS NA Plus 1 NA Plus CI NA Plus CO A/2 Sign Extend A/2 with RAL LSB A/2 with RAR LSB A/2 with RSX LSB A Plus B Plus CI A Plus B Plus CO A Plus NB Plus 1 A Plus NB Plus CI A Plus NB Plus CO NA Plus B Plus 1 NA Plus B Plus CI NA Plus B Plus CO Mode --------LSBYTE CASCADE MULTICYCLE MSBYTE MULTICYCLE MULTICYCLE MULTICYCLE CASCADE MULTICYCLE LSBYTE CASCADE MULTICYCLE LSBYTE CASCADE MULTICYCLE
1b. LOGICAL INSTRUCTIONS Inst 10 11 12 13 14 15 16 17 IA4-AI0 Mnemonic 10000 10001 10010 10011 10100 10101 10110 10111 ANXAB ANANB ANNAB ORXAB ORNAB XORAB PASXA PASNA Operation A AND B A AND NB NA AND B A OR B NA OR B A XOR B PASS A INVERT A Function A. B A. NB NA. B A+B NA + B A XOR B A NA
1c. CONTROL INSTRUCTIONS Inst 18 19 1A 1B 1C 1D 1E 1F IA4-AI0 Mnemonic 11000 11001 11010 11011 11100 11101 11110 11111 SBFOV SBFU1 SBFU2 SBFZE OPONE OPBYT OPNIB OPALT Operation Set BFP Flag to OVR, Force ALU output to zero Set BFP Flag to UND 1 Force ALU output to zero Set BFP Flag to UND 2 Force ALU output to zero Set BFP Flag to ZERO Force ALU output to zero Output 0001 Hex Output 00FF Hex Output 000F Hex Output 5555 Hex
KEY A B CI CO RAL RAR RSX
MNEMONICS = A input to ALU = B input to ALU = External Carry in to ALU = Internally Registered Carry out from ALU = ALU Register (Left) = ALU Register (Right) = Shifter Register (Left or Right)
CLRXX MIAXX A2XXX APBXX AMBXX BMAXX ANX-Y ORX-Y XORXY PASXX SBFXX OPXXX Clear All Registers to zero Minus A, XX = Carry in to LSB A Divided by 2, XXX = Source of MSB A Plus B, XX = Carry in to LSB A Minus B, XX = Carry in to LSB B Minus A, XX = Carry in to LSB AND X = Operand 1, Y = Operand 2 OR X = Operand 1, Y = Operand 2 Exclusive OR X = Operand 1, Y = Operand 2 Pass XX = Operand Set BFP Flag XX = Function Output Constant XXX
5
PDSP1601/PDSP1601A
Divide by Two The ALU has four (A2SGN, A2RAL, A2RAR, A2RSX) instructions used for right shifting (dividing by two) extended precision words. These words, (up to 64 bits) may be stored in the two on-chip register files. When the least significant 16 bit word is shifted, the vacant MSB must be filled with the LSB from the next most significant 16 bit byte. This is achieved via the A2RAL, A2RAR or A2RSX instructions which indicate the source of the new MSB (see ALU INSTRUCTION SET). When the most significant 16 bit byte is right shifted, the MSB must be filled with a duplicate of the original MSB so as to maintain the correct sign (Sign Extension). This operation is achieved via the A2SGN instruction (see Table 1). Constants The ALU has four instructions (OPONE, OPBYT, OPNIB, OPALT) that force a constant value onto the ALU output. These values are primarily intended to be used as masks, or the seeds for mask generation, for example, the OPONE instruction will set a single bit in the least significant position. This bit may be rotated any where in the 16 bit field by the Barrel Shifter, allowing the AND function of the ALU to perform bit-pick operations on input data. CLR The ALU instruction CLRXX is used as a Master Reset for the entire device. This instruction has the effect of: 1. 2. 3. 4. 5. Clearing ALU and Barrel Shifter register files to zero. Clearing A and B port input registers to zero. Clearing the R1 and R2 shift control registers to zero. Clearing the internally registered CO bit to zero. Programming the BFP flag to detect overflow conditions. Inst 0 1 2 3 4 5 6 7 8 9 A B C D E F IS3-IS0 Mnemonic 0000 0001 0010 0011 0100 0101 0110 0111 1000 1001 1010 1011 1100 1101 1110 1111 LSRSV LSLSV BSRSV BSLSV LSRR1 LSLR1 LSRR2 LSLR2 LR1SV LR2SV ASRSV ASRR1 ASRR2 NRMXX NRMR1 NRMR2 The Barrel Shifter The Barrel Shifter supports 16 instructions as detailed in Table 2. The input to the Barrel Shifter is selected by the S MUX. Data will fall through from the selected register, through the S MUX and the Barrel Shifter to the shifter output register file in 50ns for the PDSP1601A (100ns for the PDSP1601). The Barrel Shifter instructions are latched, such that the instructions will not start executing until the rising edge of CLK latches the instruction into the device. The Barrel Shifter is capable of Logical Arithmetic or Barrel Shifts in either direction. A. B. C. Logical shifts discard bits that exit the 16 bit field and fill spaces with zeros. Arithmetic shifts discard bits that exit the 16 bit field and fill spaces with duplicates of the original MSB. Barrel Shifts rotate the 16 bit fields such that bits tha exit the 16 bit field to the left or right reappear in the vacant spaces on the right or left.
The amount of shift applied is encoded onto the 4 bit Barrel Shifter input as illustrated in Table 3. The type of shift and the amount are determined by the shift control block. The shift control block (see Fig.3) accepts and decodes the four bit ISO3 instruction. The shift control block contains a priority encoder and two user programmable 4 bit registers R1 and R2. There are four possible sources of shift value that can be passed onto the Barrel Shifter, there are: 1. 2. 3. 4. The Priority Encoder The SV input The R1 register The R2 register Operation I/O I I I I X X X X I I I X X O O O
Logical Shift Right by SV Logical Shift Left by SV Barrel Shift Right by SV Barrel Shift Left by SV Logical Shift Right by R1 Logical Shift Left by R1 Logical Shift Right by R2 Logical Shift Left by R2 Load Register 1 From SV Load Register 2 From SV Arithmetic Shift Right by SV Arithmetic Shift Right by R1 Arithmetic Shift Right by R2 Normalise Output PE Normalise Output PE, Load R1 Normalise Output PE, Load R2
Table 2 Barrel shifter instructions KEY SV R1 R2 PE I O X MNEMONICS = Shift Value = Register 1 = Register 2 = Priority Encoder Output => SV Port operates as an Input => SV Port operates as an Output => SV Port in a High Impedance State
LSXYY BSXYY ASXYY LXXYY NRMYY Logical Shift, X = Direction YY = Source of Shift Value Barrel Shift, X = Direction YY = Source of Shift Value Arithmetic Shift, X = Direction YY = Source of Shift Value Load XX = Target YY = Source Normalise by PE, Output PE value on SV Port, Load YY Reg
6
PDSP1601/PDSP1601A
SV3 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 SV2 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 SV1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 SV0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 Shift No shift 1 place 2 places 3 places 4 places 5 places 6 places 7 places 8 places 9 places 10 places 11 places 12 places 13 places 14 places 15 places (1) Priority encode the 16 bit input to the Barrel Shifter and place the 4 bit value in either of the R1 or R2 registers and output the value on the SV port (if enabled by SVOE). (2) Shift the 16 bit input by the amount indicated by the Priority Encoder such that the output from the Barrel Shifter is a normalised value. SV Input If the SV port is selected as the source of the shift value, then the input to the Barrel Shifter is shifted by the value stored in the internal SV register.
SVOE The SV port acts as an input or an output depending upon the IS0-3 instruction. If the user does not wish to use the normalise instructions, then the SV port mat be forced to be input only by typing SVOE control high. In this mode the SV port may be considered an extension of the instruction inputs. R1 and R2 Registers The R1 and R2 registers may be loaded from the Priority Encoder (NRMR1 and NRMR2) or from the SV input (LR1SV, LR2SV). Whilst the latter two instructions are executing, the Barrel Shifter will pass its input to the output unshifted.
Table 3 Barrel shifter codes
Priority Encoder If the priority encoder is selected as the source of the shift value (instructions:- NRMXX, NRMR1, MRMRZ), then within one 100ns cycle or two 50ns cycles for the PDSP1601A (one 200ns or two 100ns cycles for the PDSP1601), the shift circuitry will:
Fig.3 Shift control block
7
PDSP1601/PDSP1601A
The Register Files There are two on-chip register files (ALU and Shifter), each containing two 16 bit registers and each supporting 8 instructions (see Table 4). The instructions for the ALU register file and the Barrel Shifter Register file are the same. The Inputs to the register files come from either the ALU or the Barrel Shifter, and are loaded into the Register files on the rising edge of CLK. The register file instructions are latched such that the instruction will not start executing until the rising edge of the CLK latches the instruction into the device. The register file instructions (see Table 4) allow input data to be loaded into either, neither or both of the registers. Data is loaded at the end of the cycle in which the instruction is executing. The register file instructions allow the output to be sourced from either of the two registers, the selected output will be valid during the cycle in which the instruction is executing.
ALU REGISTER INSTRUCTIONS Inst 0 1 2 3 4 5 6 7 RA2-RA0 000 001 010 011 100 101 110 111 Mnemonic LLRRR LRRLR LLRLR LRRRR LBRLR NOPRR NOPLR NOPPS Operation Load Left Reg Output Right Reg Load Right Reg Output Left Reg Load Left Register, Output Left Reg Load Right Register, Output Right Reg Load Both Registers, Output Left Reg No Load Operation, Output Right Reg No Load Operation, Output Left Reg No Load Operation, Pass ALU Result
SHIFTER REGISTER INSTRUCTIONS Inst 0 1 2 3 4 5 6 7 RA2-RA0 000 001 010 011 100 101 110 111 Mnemonic LLRRR LRRLR LLRLR LRRRR LBRLR NOPRR NOPLR NOPPS Operation Load Left Reg Output Right Reg Load Right Reg Output Left Reg Load Left Register, Output Left Reg Load Right Register, Output Right Reg Load Both Registers, Output Left Reg No Load Operation, Output Right Reg No Load Operation, Output Left Reg No Load Operation, Pass Barrel Shifter Result
Table 4 ALU and shift register instructions mnemonics
MNEMONICS
LXXYY Load XX = Target, YY = Source of Output LBOXX Load Both Registers, XX = Source of Output NOPXX No Load Operation, XX = Source of Output
8
PDSP1601/PDSP1601A
Multiplexers There are four user selectable on-chip multiplexers (AMUX, B-MUX, S-MUX and C-MUX). These four multiplexers support instructions as tabulated in Table 5. The MUX instructions are latched such that the instruction will not start executing until the rising edge of CLK latches the instruction onto the device.
MSA1 A-MUX MARAX MAAPR MABPR MARSX 0 0 1 1 MSB B-MUX 0 1 MSS S-MUX 0 1 MSC C-MUX 0 1
MSA0 0 1 0 1
Output ALU REGISTER FILE OUPUT A-PORT INPUT B-PORT INPUT SHIFTER REGISTER FILE OUTPUT Output B-PORT INPUT SHIFTER REGISTER FILE OUTPUT Output B-PORT INPUT SHIFTER REGISTER FILE OUTPUT Output ALU REGISTER FILE OUTPUT SHIFTER REGISTER FILE OUTPUT
Table 5
9
PDSP1601/PDSP1601A
INSTRUCTION SET
ALU Arithmetic Instructions Mnemonic CLRXX Op Code <00> Function On the rising edge of CLK at the end of the cycle in which this instruction is executing, the A Port, B Port, ALU, Barrel Shifter, and Shift Control Registers will be loaded with zeros. The internal registered CO will also be set to zero, and the BFP flag will be set to activate on overflow conditions. The A input to the ALU is inverted and a one is added to the LSB. The A input to the ALU is inverted and the CI input is added to the LSB. The A input to the ALU is inverted and the CO output from the ALU on the previous cycle is added to the LSB. The A input to the ALU is right shifted one bit position. The LSB is discarded, and the vacant MSB is filled by duplicating the original MSB (Sign Extension). The A input to the ALU is right shifted one bit position. The LSB is discarded, and the vacant MSB is filled with the LSB from the ALU register. The A input to the ALU is right shifted one bit position. The LSB is discarded, and the vacant MSB is filled with the LSB from the ALU register. The A input to the ALU is right shifted one bit position. The LSB is discarded, and the vacant MSB is filled with the LSB from the B input to the ALU. The A input to the ALU is added to the B input, and the CI input is added to the LSB. The A input to the ALU is added to the B input, and the CO out from the ALU on the previous cycle is added to the LSB. The A input to the ALU is added to the inverted B input, and a one is added to the LSB. The A input to the ALU is added to the inverted B input, and the CI input is added to the LSB. The A input to the ALU is added to the inverted B input, and the CO out from the ALU on the previous cycle is added to the LSB. The inverted A input to the ALU is added to the B input, and a one is added to the LSB. The inverted A input to the ALU is added to the B input, and the CI input is added to the LSB. The inverted A input to the ALU is added to the B input, and the CO out from the ALU on the previous cycle is added to the LSB.
MIAX1 MIAC1 MIACO A2SGN A2RAL A2RAR A2RSX APBCI APBCO AMBX1 AMBCI AMBCO BMAX1 BMAC1 BMACO
<01> <02> <03> <04> <05> <06> <07> <08> <09> <0A> <0B> <0C> <0D> <0E> <0F>
ALU Logical Instructions Mnemonic ANXAB ANANB ANNAB ORXAB ORNAB XORAB PASXA PASNA Op Code <10> <11> <12> <13> <14> <15> <16> <17> Function The A input to the ALU is logically 'ANDed' with the B input. The A input to the ALU is logically 'ANDed' with the inverse of the B input. The inverse of the A input to the ALU is logically 'ANDed' with the B input. The A input to the ALU is logically 'ORed' with the B input. The inverse A input to the ALU is logically 'ORed' with the B input. The A input to the ALU is logically Exclusive-ORed with the B input. The A input to the ALU is passed to the output. The inverse of the A input to the ALU is passed to the output.
10
PDSP1601/PDSP1601A
ALU Control Instructions Mnemonic SBFOV Op Code <18> Function The BFP flag is programmed to activate when an ALU operation causes an overflow of the 16 bit number range. This flag is logically the exclusive-or of the carry into and out of the MSB of the ALU. For the most significant Byte this flag indicates that the result of an arithmetic two's complement operation has overflowed into the sign bit. The output of the ALU is forced to zero for the duration of this instruction. The BFP flag is programmed to activate when an ALU operation comes within a factor of two of causing an overflow of the 16 bit number range. For the most significant Byte this flag indicates that the result of an arithmetic two's complement operation is within a factor of two of overflowing into the sign bit. The output of the ALU is forced to zero for the duration of this instruction. The BFP flag is programmed to activate when an ALU operation comes within a factor of four of causing an overflow of the 16 bit number range. For the most significant Byte this flag indicates that the result of an arithmetic two's complement operation is within a factor of four of overflowing into the sign bit. The output of the ALU is forced to zero for the duration of this instruction. The BFP flag is programmed to activate when an ALU operation causes a result of zero. The output of the ALU is forced to zero for the duration of this instruction. During the execution of this instruction the BFP flag will become active. The ALU will output the binary value 0000000000000001, the MSB on the left. The ALU will output the binary value 0000000011111111, the MSB on the left. The ALU will output the binary value 0000000000001111, the MSB on the left. The ALU will output the binary value 0101010101010101, the MSB on the left.
SBFU1
<19>
SBFU2
<1A>
SBFZE
<1B>
OPONE OPBYT OPNIB OPALT
<1C> <1D> <1E> <1F>
Barrel Shifter Instructions Mnemonic LSRSV Op Code <0> Function The 16 bit input to the Barrel Shifter is right shifted by the number of places indicated by the magnitude of the four bit number present in the SV register. The LSBs are dicarded, and the vacant MSBs are filled with zeros. The 16 bit input to the Barrel Shifter is left shifted by the number of places indicated by the magnitude of the four bit number present in the SV register. The LSBs are dicarded, and the vacant MSBs are filled with zeros. The 16 bit input to the Barrel Shifter is rotated to the right by the number of places indicated by the magnitude of the four bit number present in the SV register. The LSBs that exit the 16 bit field to the right, reappear in the vacant MSBs on the left. The 16 bit input to the Barrel Shifter is rotated to the left by the number of places indicated by the magnitude of the four bit number present in the SV register. The LSBs that exit the 16 bit field to the right, reappear in the vacant MSBs on the right. The 16 bit input to the Barrel Shifter is right shifted by the number of places indicated by the magnitude of the four bit number resident within the R1 register. The LSBs are discarded, and the vacant MSBs are filled with zeros. The 16 bit input to the Barrel Shifter is left shifted by the number of places indicated by the magnitude of the four bit number resident within the R1 register. The LSBs are discarded, and the vacant LSBs are filled with zeros. The 16 bit input to the Barrel Shifter is right shifted by the number of places indicated by the magnitude of the four bit number resident within the R2 register. The LSBs are discarded, and the vacant MSBs are filled with zeros. The 16 bit input to the Barrel Shifter is left shifted by the number of places indicated by the magnitude of the four bit number resident within the R2 register. The LSBs are discarded, and the vacant LSBs are filled with zeros.
LSLSV
<1>
BSRSV
<2>
BSLSV
<3>
LSRR1
<4>
LSLR1
<5>
LSRR2
<6>
LSLR2
<7>
11
PDSP1601/PDSP1601A
Mnemonic LR1SV Op Code <8> Function On the rising edge of CLK at the end of the cycle in which this instruction is executing, the R1 register will be loaded with the data present on the SV port. The input to the Barrel Shifter will be passed onto the output unshifted. On the rising edge of CLK at the end of the cycle in which this instruction is executing, the R2 register will be loaded with the data present on the SV port. The input to the Barrel Shifter will be passed onto the output unshifted. The 16 bit input to the Barrel Shifter is right shifted by the number of places indicated by the magnitude of the four bit number present in the SV register. The LSBs are discarded, and the vacant MSBs are filled with duplicates of the original MSB. (Sign Extension). The 16 bit input to the Barrel Shifter is right shifted by the number of places indicated by the magnitude of the four bit number resident within the R1 register. The LSBs are discarded, and the vacant MSBs are filled with duplicates of the original MSB. (Sign Extension). The 16 bit input to the Barrel Shifter is right shifted by the number of places indicated by the magnitude of the four bit number resident within the R2 register. The LSBs are discarded, and the vacant MSBs are filled with duplicates of the original MSB. (Sign Extension). The 16 bit input to the Barrel Shifter is left shifted by the number of places indicated by the magnitude of the four bit number output from the Priority Encoder. This value is also output on the SV port (provided SVOE is low). The effect of this operation is to left shift the input by the necessary amount (max 15 places) to result in the MSB and the next most significant bit being different. This has the effect of eliminating unnecessary Sign Bits, and hence Normalising the input data. The MSBs shifted out to the left are discarded, and the vacant LSBs on the right are filled with zeros. The 16 bit input to the Barrel Shifter is left shifted by the number of places indicated by the magnitude of the four bit number output from the Priority Encoder. This value is also loaded into the R1 register at the end of the cycle, and is output on the SV port (provided SVOE is low). The effect of this operation is to left shift the input by the necessary amount (max 15 places) to result in the MSB and the next most significant bit being different. This has the effect of eliminating unnecessary Sign Bits, and hence Normalising the input data. The MSBs shifted out to the left are discarded, and the vacant LSBs on the right are filled with zeros. The 16 bit input to the Barrel Shifter is left shifted by the number of places indicated by the magnitude of the four bit number output from the Priority Encoder. This value is also loaded into the R2 register at the end of the cycle, and is output on the SV port (provided SVOE is low). The effect of this operation is to left shift the input by the necessary amount (max 15 places) to result in the MSB and the next most significant bit being different. This has the effect of eliminating unnecessary Sign Bits, and hence Normalising the input data. The MSBs shifted out to the left are discarded, and the vacant LSBs on the right are filled with zeros.
LR2SV
<9>
ASRSV

ASRR1

ASRR2

NRMXX

NRMR1

NRMR2

12
PDSP1601/PDSP1601A
Barrel Shifter or ALU Register Instructions Mnemonic LLRRR Op Code <0> Function After the rising edge of CLK at the beginning of the cycle in which this instruction is executed, the contents of the Right register will appear on the output. On the rising edge of CLK at the end of the cycle, and the data on the register inputs will be loaded into the Left Register. After the rising edge of CLK at the beginning of the cycle in which this instruction is executed, the contents of the Left register will appear on the output. On the rising edge of CLK at the end of the cycle, the data on the register inputs will be loaded into the Right Register. After the rising edge of CLK at the beginning of the cycle in which this instruction is executed, the contents of the Left register will appear on the output. On the rising edge of CLK at the end of the cycle, the data on the register inputs will be loaded into the Left Register. After the rising edge of CLK at the beginning of the cycle in which this instruction is executed, the contents of the Right register will appear on the output. On the rising edge of CLK at the end of the cycle, the data on the register inputs will be loaded into the Right Register. After the rising edge of CLK at the beginning of the cycle in which this instruction is executed, the contents of the Left register will appear on the output. On the rising edge of CLK at the end of the cycle, and the data on the register inputs will be loaded into both Left and Right Register. After the rising edge of CLK at the beginning of the cycle in which this instruction is executed, the contents of the Right register will appear on the output. On the rising edge of CLK at the end of the cycle no load operation will occur, the register contents will remain unchanged. After the rising edge of CLK at the beginning of the cycle in which this instruction is executed, the contents of the Left register will appear on the output. On the rising edge of CLK at the end of the cycle no load operation will occur, the register contents will remain unchanged. After the rising edge of CLK at the beginning of the cycle in which this instruction is executed, the input to the registers will appear on the output. On the rising edge of CLK at the end of the cycle no load operation will occur, the register contents will remain unchanged.
LRRLR
<1>
LLRLR
<2>
LRRRR
<3>
LBRLR
<4>
NOPRR
<5>
NOPLR
<6>
NOPPS
<7>
13
PDSP1601/PDSP1601A
TYPICAL APPLICATION
Select a 16 bit field from each word in a block of 32 bit words with a 10MHz throughput. The 16 bit field indicated is to be selected from each 32 bit word. (2) The LS byte is logically right shifted, n-places, the LSBs being discarded and the MSBs being filled with zeros. This shifted data is loaded into the shifter register file left register. During this cycle the previous contents of this register are passed through the ALU to the ALU register file left register.
MS Byte MS Bit
LS Byte
8
8
16 bits
8
8
nbits
The 32 bit words are fed into the B port of the PDSP1601 in two cycles, MS byte first. The PDSP1601 shift control is initiated by programming the R1 and R2 registers with n and 16-n respectively. The shift operation is implemented in three steps:(1) The MS byte is logically left shifted (16-n) places, the MSBs being discarded and the LSB spaces being filled with zeros. This shifted data is loaded into the shifter register file left register.
(3) While the MS byte of the next 32 bit word is shifted in the Barrel Shifter, the two previous results, resident within the left registers of the ALU and Shifter Register files are 'ORed' by the ALU, the result being the desired 16 bit field is loaded into the ALU register file right register ready to be output on the next cycle. The instructions from initialisation are given in Table 6.
CLK 1/ 2/ 3/ 4/ 5/ 6/ 7/ 8/
CEB 1 1 0 0 0 0 0 0
MSA MARSX MARSX MARSX MARSX MARSX MARAX MARSX MARAX
MSB 1 1 1 1 1 1 1 1
MSS 0 0 0 0 0 0 0 0
MSC 0 0 0 0 0 0 0 0
IA CLRXX PASXA PASXA PASXA PASXA ORXAB PASXA ORXAB
IS X LR1SV LR2SV LSLR2 LSRR1 LSLR2 LSRR1 LSLR2
SV X n (16-n) X X X X X
RA NOPLR NOPLR NOPLR NOPLR LLRRR LRRLR LLRRR LRRLR
RS NOPLR NOPLR NOPLR LLRLR LLRLR LLRLR LLRLR LLRLR
Comment Clear Load R1 with n Load R2 with (16-n) Shift 1st MS byte Shift 1st LS byte OR 1st bytes and shift 2nd MS byte Shift 2nd LS byte and output first result Shift 3rd LS byte
Repeat instruction pair 5/ and 6/ until all 16 bit fields have been selected. Table 6
ABSOLUTE MAXIMUM RATINGS (Note 1)
Supply voltage Vcc -0.5V to 7.0V Input voltage VIN -0.9 to Vcc + 0.9V Output voltage VOUT -0.9 to Vcc + 0.9V Clamp diode current per pin Ik (see note 2) 18mA Static discharge voltage (HMB) 500V Storage temperature TS -65C to +150C Ambient temperature with power applied Tamb Military -40C to +125C Industrial -40C to +85C Package power dissipation PTOT AC 1000mw LC 1000mw
NOTES 1. Exceeding these ratings may cause permanent damage. Functional operation under these conditions is not implied. 2. Maximum dissipation or 1 second should not be exceeded, only one output to be tested at any one time.
THERMAL CHARACTERISTICS
Package type AC LC JC C/W 12 12 JA C/W 36 35
14
PDSP1601/PDSP1601A
ELECTRICAL CHARACTERISTICS Operating Conditions (unless otherwise stated)
TAMB (Commercial) = 0C to +70C, VCC = 5.0V5%, Ground = 0V TAMB (Industrial) = -40C to +85C, VCC = 5.0V10%, Ground = 0V TAMB (Military) = -55C to +125C, VCC = 5.0V10%, Ground = 0V
Static Characteristics
Characteristic Symbol Min. Output high voltage Output low voltage Input high voltage Input low voltage Input leakage current Vcc current Output leakage current Output S/C current Input capacitance VOH VOL VIH VIL IIL ICC IOZ ISC CIN 2.4 0.4 3.5 -10 -50 12 5 0.5 +10 60 +50 80 Value Typ. Units Max. V V V V A mA A mA pF IOH = 8mA IOL = -8mA GND < VIN < VCC Tamb = -40C to +85C GND < VOUT < VCC VCC = Max Conditions
Switching Characteristics
Value Characteristic PDSP1601 PDSP1601/A Units Min. Max. Min. Max. 5 CLK rising edge to C-PORT 5 CLK rising edge to CO 5 CLK rising edge to BFP 30 Setup CEA or CEB to CLK rising edge Hold CEA or CEB after CLK rising edge 40 Setup A or B port inputs to CLK rising edge Hold A or B port inputs after CLK rising edge 40 Setup MSA0-1, MSB, MSS, MSC, RA2-0, RS0-2, IA0-4, IS0-3, to CLK rising edge Hold RS0-2, IA0-4 after CLK rising edge Hold IS0-3 after CLK rising edge Hold MSA0-1, MSB, MSS, MSC, RA0-2 after CLK rising edge 40 Setup SV to CLK rising edge Hold SV after CLK rising edge 5 CLK rising edge to SV OE C-PORT Z OE C-PORT Z OE C-PORT Z OE C-PORT Z 200 Clock period (ALU & Barrel Shifter, serial mode) 100 Clock period (ALU & Barrel Shifter, parallel mode) 40 Clock high time 40 Clock low time NOTES 1. 2. LSTTL is equivalent to IOH at 20A IOL of -0.4mA Current is defined as negative into the device. 40 100 100 0 20 0 20 0 3 0 20 3 100 40 40 40 40 5 3 50 25 25 25 25 0 3 0 0 5 5 5 15 25 50 50 0 ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns 2 x LSTTL + 20pF 1 x LSTTL + 5pF 1 x LSTTL + 5pF Conditions
Input mode Input mode 20pF load, SV O P mode 2 x LSTTL + 20pF 2 x LSTTL + 20pF 2 x LSTTL + 20pF 2 x LSTTL + 20pF
100 50 20 20
15
PDSP1601/PDSP1601A
ORDERING INFORMATION
PDSP1601 AO AC PDSP1601 MC GGCR PDSP1601A BO AC 10MHz Military - PGA package 10MHz MIL883 Screened - QFP package 20MHz Industrial - PGA package
16
PDSP1601/PDSP1601A
17
PDSP1601/PDSP1601A
HEADQUARTERS OPERATIONS MITEL SEMICONDUCTOR Cheney Manor, Swindon, Wiltshire SN2 2QW, United Kingdom. Tel: (01793) 518000 Fax: (01793) 518411 MITEL SEMICONDUCTOR 1500 Green Hills Road, Scotts Valley, California 95066-4922 United States of America. Tel (408) 438 2900 Fax: (408) 438 5576/6231
Internet: http://www.gpsemi.com CUSTOMER SERVICE CENTRES q FRANCE & BENELUX Les Ulis Cedex Tel: (1) 69 18 90 00 Fax : (1) 64 46 06 07 q GERMANY Munich Tel: (089) 419508-20 Fax : (089) 419508-55 q ITALY Milan Tel: (02) 6607151 Fax: (02) 66040993 q JAPAN Tokyo Tel: (03) 5276-5501 Fax: (03) 5276-5510 q KOREA Seoul Tel: (2) 5668141 Fax: (2) 5697933 q NORTH AMERICA Scotts Valley, USA Tel: (408) 438 2900 Fax: (408) 438 5576/6231 q SOUTH EAST ASIA Singapore Tel:(65) 3827708 Fax: (65) 3828872 q SWEDEN Stockholm Tel: 46 8 702 97 70 Fax: 46 8 640 47 36 q TAIWAN, ROC Taipei Tel: 886 2 25461260 Fax: 886 2 27190260 q UK, EIRE, DENMARK, FINLAND & NORWAY Swindon Tel: (01793) 726666 Fax : (01793) 518582 These are supported by Agents and Distributors in major countries world-wide. (c) Mitel Corporation 1998 Publication No. DS3705 Issue No. 2.3 September 1996 TECHNICAL DOCUMENTATION - NOT FOR RESALE. PRINTED IN UNITED KINGDOM
This publication is issued to provide information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. The Company reserves the right to alter without prior notice the specification, design or price of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All products and materials are sold and services provided subject to the Company's conditions of sale, which are available on request. All brand names and product names used in this publication are trademarks, registered trademarks or trade names of their respective owners.
18


▲Up To Search▲   

 
Price & Availability of PDSP16116

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X