Part Number Hot Search : 
C245M Y34NB50F CM431290 DA470M 1N6154 F9602 1N5524 SDA5255
Product Description
Full Text Search
 

To Download NTB125N02R06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTB125N02R, NTP125N02R Power MOSFET 125 A, 24 V N-Channel TO-220, D2PAK
Features
* Planar HD3e Process for Fast Switching Performance * Body Diode for Low trr and Qrr and Optimized for Synchronous * * * *
Operation Low Ciss to Minimize Driver Loss Optimized Qgd and RDS(on) for Shoot-through Protection Low Gate Charge Pb-Free Packages are Available
http://onsemi.com
125 AMPERES, 24 VOLTS RDS(on) = 3.7 mW (Typ)
D
MAXIMUM RATINGS (TJ = 25C Unless otherwise specified)
Parameter Drain-to-Source Voltage Gate-to-Source Voltage - Continuous Thermal Resistance - Junction-to-Case Total Power Dissipation @ TC = 25C Drain Current - Continuous @ TC = 25C, Chip Continuous @ TC = 25C, Limited by Package Continuous @ TA = 25C, Limited by Wires Single Pulse (tp = 10 ms) Thermal Resistance - Junction-to-Ambient (Note 1) Total Power Dissipation @ TA = 25C Drain Current - Continuous @ TA = 25C Thermal Resistance - Junction-to-Ambient (Note 2) Total Power Dissipation @ TA = 25C Drain Current - Continuous @ TA = 25C Operating and Storage Temperature Range Single Pulse Drain-to-Source Avalanche Energy - Starting TJ = 25C (VDD = 50 Vdc, VGS = 10 Vdc, IL = 15.5 Apk, L = 1 mH, RG = 25 W) Maximum Lead Temperature for Soldering Purposes, 1/8 from Case for 10 Seconds Symbol VDSS VGS RqJC PD ID ID ID ID RqJA PD ID RqJA PD ID TJ, Tstg EAS Value 24 20 1.1 113.6 125 120.5 95 250 46 2.72 18.6 63 1.98 15.9 -55 to 150 120 Unit Vdc Vdc C/W W A A A A C/W W A C/W W A C 4 mJ 1 C 125N2x x A Y WW G = Device Code =R = Assembly Location = Year = Work Week = Pb-Free Package 2 3 TL 260 D2PAK CASE 418AA STYLE 2 125N2G AYWW 1 2 4 S G
MARKING DIAGRAMS
TO-220AB CASE 221A STYLE 5
125N2RG AYWW
3
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. When surface mounted to an FR4 board using 1 inch pad size, (Cu Area 1.127 in2). 2. When surface mounted to an FR4 board using minimum recommended pad size, (Cu Area 0.412 in2).
PIN ASSIGNMENT
PIN 1 2 3 4 FUNCTION Gate Drain Source Drain
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet.
(c) Semiconductor Components Industries, LLC, 2006
1
April, 2006 - Rev. 7
Publication Order Number: NTB125N02R/D
NTB125N02R, NTP125N02R
ELECTRICAL CHARACTERISTICS (TJ = 25C Unless otherwise specified)
Characteristics OFF CHARACTERISTICS Drain-to-Source Breakdown Voltage (Note 3) (VGS = 0 Vdc, ID = 250 mAdc) Temperature Coefficient (Positive) Zero Gate Voltage Drain Current (VDS = 20 Vdc, VGS = 0 Vdc) (VDS = 20 Vdc, VGS = 0 Vdc, TJ = 125C) Gate-Body Leakage Current (VGS = 20 Vdc, VDS = 0 Vdc) ON CHARACTERISTICS (Note 3) Gate Threshold Voltage (Note 3) (VDS = VGS, ID = 250 mAdc) Threshold Temperature Coefficient (Negative) Static Drain-to-Source On-Resistance (Note 3) (VGS = 10 Vdc, ID = 110 Adc) (VGS = 4.5 Vdc, ID = 55 Adc) (VGS = 10 Vdc, ID = 20 Adc) (VGS = 4.5 Vdc, ID = 20 Adc) Forward Transconductance (Note 3) (VDS = 10 Vdc, ID = 15 Adc) DYNAMIC CHARACTERISTICS Input Capacitance Output Capacitance Transfer Capacitance SWITCHING CHARACTERISTICS (Note 4) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Gate Charge (VGS = 4.5 Vdc, ID = 40 Adc, VDS = 10 Vdc) (Note 3) SOURCE-DRAIN DIODE CHARACTERISTICS Forward On-Voltage (IS = 20 Adc, VGS = 0 Vdc) (Note 3) (IS = 55 Adc, VGS = 0 Vdc) (IS = 20 Adc, VGS = 0 Vdc, TJ = 125C) VSD - - - - - - - 0.82 0.99 0.65 36.5 17.7 18.8 0.024 1.2 - - - - - - mC Vdc (VGS = 10 Vdc, VDD = 10 Vdc, ID = 40 Adc, RG = 3 W) td(on) tr td(off) tf QT Q1 Q2 - - - - - - - 11 39 27 21 23.6 5.1 11 22 80 40 40 28 - - nC ns (VDS = 20 Vdc, VGS = 0 V, f = 1 MHz) Ciss Coss Crss - - - 2710 1105 227 3440 1670 640 pF VGS(th) 1.0 - RDS(on) - - - - gFS - 44 - 3.7 4.9 3.7 4.7 - - 4.6 6.2 Mhos 1.5 5.0 2.0 - Vdc mV/C mW V(BR)DSS 25 - IDSS - - IGSS - - - - 1.5 10 100 28 15 - - Vdc mV/C mAdc Symbol Min Typ Max Unit
nAdc
Reverse Recovery Time (IS = 30 Adc, VGS = 0 Vdc, dIS/dt = 100 A/ms) (Note 3) Reverse Recovery Stored Charge 3. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2%. 4. Switching characteristics are independent of operating junction temperatures.
trr ta tb QRR
ns
ORDERING INFORMATION
Device NTP125N02R NTP125N02RG NTB125N02R NTB125N02RG NTB125N02RT4 NTB125N02RT4G Package TO-220AB TO-220AB (Pb-Free) D2PAK D2PAK (Pb-Free) D2PAK D2PAK (Pb-Free) 800 Units / Tape & Reel 800 Units / Tape & Reel Shipping 50 Units / Rail 50 Units / Rail 50 Units / Rail 50 Units / Rail
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
2
NTB125N02R, NTP125N02R
200 4.0 V ID, DRAIN CURRENT (AMPS) 160 4.5 V 5.0 V 6.0 V 8.0 V 10 V ID, DRAIN CURRENT (AMPS) 3.5 V
200 VDS 10 V 160
120
3.0 V
120
80 VGS = 2.5 V 40 0 0 2 4 6 8 10 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
80
TJ = 125C TJ = 25C
40 0 0 0.8
TJ = -55C
1.6
2.4
3.2
4.0
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
Figure 1. On-Region Characteristics
RDS(on), DRAIN-TO-SOURCE RESISTANCE (W) RDS(on), DRAIN-TO-SOURCE RESISTANCE (W)
Figure 2. Transfer Characteristics
0.01 VGS = 10 V 0.008 TJ = 125C 0.006 TJ = 25C 0.004 TJ = -55C 0.002 0 40 80 120 160 200 ID, DRAIN CURRENT (AMPS)
0.01 VGS = 4.5 V 0.008 TJ = 125C
0.006 TJ = 25C 0.004 TJ = -55C
0.002 0 40 80 120 160 200 ID, DRAIN CURRENT (AMPS)
Figure 3. On-Resistance versus Drain Current and Temperature
RDS(on), DRAIN-TO-SOURCE RESISTANCE (NORMALIZED) 1.8 1.6 1.4 1.2 1.0 0.8 0.6 -50 10 -25 0 25 50 75 100 125 150 0 ID = 55 A VGS = 4.5 V IDSS, LEAKAGE (nA) 10,000 100,000
Figure 4. On-Resistance versus Drain Current and Temperature
VGS = 0 V TJ = 150C
TJ = 125C 1000 TJ = 100C 100
4.0
8.0
12
16
20
24
TJ, JUNCTION TEMPERATURE (C)
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 5. On-Resistance Variation with Temperature
Figure 6. Drain-to-Source Leakage Current versus Voltage
http://onsemi.com
3
NTB125N02R, NTP125N02R
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
7000 6000 C, CAPACITANCE (pF) 5000 4000 3000 2000 Crss Ciss
VDS = 0 V VGS = 0 V
10
8.0
VGS
6.0 QT Q1 Q2 ID = 40 A TJ = 25C 0 8 16 24 32 40 48
Ciss
4.0
Coss 1000 0 10 TJ = 25C 5 VGS 0 VDS 5 10 15 Crss 20
2.0 0
Qg, TOTAL GATE CHARGE (nC)
GATE-TO-SOURCE OR DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 7. Capacitance Variation
Figure 8. Gate-to-Source and Drain-to-Source Voltage versus Total Charge
60 IS, SOURCE CURRENT (AMPS)
1000 VDS = 10 V ID = 40 A VGS = 10 V t, TIME (ns)
50 40 30 20 10 0
VGS = 0 V TJ = 25C
100
tr td(off) tf 10 1 td(on) 10 RG, GATE RESISTANCE (W) 100
0
0.2
0.4
0.6
0.8
1.0
VSD, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
Figure 9. Resistive Switching Time Variation versus Gate Resistance
1000 ID, DRAIN CURRENT (AMPS) VGS = 20 V SINGLE PULSE TC = 25C 100
Figure 10. Diode Forward Voltage versus Current
100 ms 1 ms
10 RDS(on) Limit Thermal Limit Package Limit 0.1 1.0 10
10 ms dc
1.0
100
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 11. Maximum Rated Forward Biased Safe Operating Area
http://onsemi.com
4
NTB125N02R, NTP125N02R
1 EFFECTIVE TRANSIENT THERMAL RESPONSE (NORMALIZED) Normalized to RqJC at Steady State
0.1
r(t),
0.01 0.00001
0.0001
0.001
0.01 t, TIME (s)
0.1
1
10
Figure 12. Thermal Response
http://onsemi.com
5
NTB125N02R, NTP125N02R
PACKAGE DIMENSIONS
D2PAK CASE 418AA-01 ISSUE O
C E -B-
4 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.340 0.380 0.380 0.405 0.160 0.190 0.020 0.036 0.045 0.055 0.310 --- 0.100 BSC 0.018 0.025 0.090 0.110 0.280 --- 0.575 0.625 0.045 0.055 GATE DRAIN SOURCE DRAIN MILLIMETERS MIN MAX 8.64 9.65 9.65 10.29 4.06 4.83 0.51 0.92 1.14 1.40 7.87 --- 2.54 BSC 0.46 0.64 2.29 2.79 7.11 --- 14.60 15.88 1.14 1.40
V W
A
1 2 3
S
-T-
SEATING PLANE
K G D 3 PL 0.13 (0.005) J
W
DIM A B C D E F G J K M S V
M
TB
M
VARIABLE CONFIGURATION ZONE U
STYLE 2: PIN 1. 2. 3. 4.
M
M
M
F VIEW W-W 1
F VIEW W-W 2
F VIEW W-W 3
SOLDERING FOOTPRINT*
8.38 0.33
10.66 0.42
1.016 0.04
5.08 0.20
3.05 0.12 17.02 0.67
SCALE 3:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
6
NTB125N02R, NTP125N02R
PACKAGE DIMENSIONS
TO-220 CASE 221A-09 ISSUE AA
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION Z DEFINES A ZONE WHERE ALL BODY AND LEAD IRREGULARITIES ARE ALLOWED. DIM A B C D F G H J K L N Q R S T U V Z INCHES MIN MAX 0.570 0.620 0.380 0.405 0.160 0.190 0.025 0.035 0.142 0.147 0.095 0.105 0.110 0.155 0.018 0.025 0.500 0.562 0.045 0.060 0.190 0.210 0.100 0.120 0.080 0.110 0.045 0.055 0.235 0.255 0.000 0.050 0.045 --- --- 0.080 GATE DRAIN SOURCE DRAIN MILLIMETERS MIN MAX 14.48 15.75 9.66 10.28 4.07 4.82 0.64 0.88 3.61 3.73 2.42 2.66 2.80 3.93 0.46 0.64 12.70 14.27 1.15 1.52 4.83 5.33 2.54 3.04 2.04 2.79 1.15 1.39 5.97 6.47 0.00 1.27 1.15 --- --- 2.04
-T- B
4
SEATING PLANE
F T S
C
Q
123
A U K
H Z L V G D N R J
STYLE 5: PIN 1. 2. 3. 4.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
7
NTB125N02R/D


▲Up To Search▲   

 
Price & Availability of NTB125N02R06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X