Part Number Hot Search : 
CZRL4750 2SC30 SDR9105N DM5441A SS8550 MTB20 HDT44SR HCM2512B
Product Description
Full Text Search
 

To Download MTD2003F10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Constant Current Control Function (Fixed Frequency PWM Control) 4 2 bit 4-Phase Input 2-bit Digital Current Selection Noise Cancellation Function Cross Conduction Protection Thermal Shutdown Function Built-in Flywheel and Flyback Diodes
Absolute Maximum Ratings
Ta=25 Parameter Logic Supply Voltage Logic Input Voltage Load Supply Voltage Output Current Flywheel Diode Current Power Dissipation Storage Temperature Junction Temperature Symbol VCC VIN/I0/I1 Vmm IC If PD Tstg Tj -40 0 0 Rating 6 VCC 30 1.2 1.2 3 150 150 V V V A A W Ta=25 unless otherwise specified Unit
U170-1
www.shindengen.co.jp/product/semi/
Electrical Characteristics
Ta=25 Parameter Symbol Condition ,VCC=5V min. Ta=25 ,VCC=5V unless otherwise specified typ. max. Unit
Output stage
Output Saturation Voltage Upper side Output Saturation Voltage Lower side Output Leakage Current Upper side Output Leakage Current Lower side Diode Forward Drop Upper side Diode Forward Drop Lower side VCE VCE
SAT
H L
IC=1.0A IC=1.0A Vmm=30V, VOUT=0V VOUT=30V, VRs=0V If=1.0A If=1.0A
-
1.2 0.7 1.4 1.3
1.4 1.0 10 10 1.6 1.5
V V A A V V
SAT
IrH IrL VFH VFL
Logic stage
VCC 2 ON Logic Supply Current 2 Circuit ON VCC 2 OFF Logic Supply Current 2 Circuit OFF IN H IN H Input Voltage IN L IN L Input Voltage IN H IN H Input Current IN L IN L Input Current I0,I1 H I0,I1 H Input Voltage I0,I1 L I0,I1 L Input Voltage I0,I1 H I0,I1 H Input Current I0,I1 L I0,I1 L Input Current Vref Vref input current Vs Vs Input Current Comp 100 Comparator Threshold 100% Comp 70 Comparator Threshold 70% Comp 33 Comparator Threshold 33% Chopping Frequency Blanking Time Vs Vs Maximum Voltage Thermal Shutdown Temperature ICC (ON) ICC (OFF) VINH VINL IINH IINL VI0/I1H VI0/I1L II0/I1H II0/I1L Iref Is Vs1 Vs2 Vs3 fchop tb Vs (max) TTSD VI0/I1=3.3 or 5V VI0/I1=0V Vr=5V Vs=0V Vr=5V, VI0=0V, VI1=0V Vr=5V, VI0=5V, VI1=0V Vr=5V, VI0=0V, VI1=5V Ct=3300pF, Rt=18k Ct=3300pF VIN=3.3 or 5V VIN=0V VIN=all 0V or all 5V 2.3 GND 2.3 GND 0.475 0.322 0.153 50 15 -3 -75 500 -1 0.5 0.35 0.17 23 1.55 150 65 25 VCC 0.6 10 -20 VCC 0.6 10 -100 650 -10 0.525 0.378 0.187 1.5 mA mA V V A A V V A A A A V V V kHz s V
www.shindengen.co.jp/product/semi/
U170-1
Typical Application
Recommended External Components Value
Symbol Rt Ct Vr Recommendation 18 3300 VCC k pF V Unit
Recommended Operating Conditions
Ta=25 Parameter Junction Temperature Logic Supply Voltage Load Supply Voltage Symbol Tj VCC Vmm Ta=25 unless otherwise specified Unit Recommendation -25 4.75 120 5.25 27 V V
Setting of Output Current and Chopping Frequency
Output Current Setting Vr - 0.015 lchop A 10 x Rs Chopping Frequency Setting 1 fchop Hz 0.72 x Ct x Rt
T=1/fchop Ichop
Constant current waveform Motor current
U170-1
www.shindengen.co.jp/product/semi/
3/4
Pin Assignment
Top View MTD2003F
Vmm A OUT 1 NC Rs A NC NC OUT 2 Vcc IN 1 IN 2 I0 NC Vs A Vr
GND
GND
OUT 3 NC NC Rs B NC OUT 4 Vmm B Package HSOP28
CR Vs B NC I1 IN 3 IN 4 Vcc
Truth Table
IN 1 or 4 L L H H IN 2 or 3 L H L H OUT 1 or 4 OFF L H OFF OUT 2 or 3 OFF H L OFF
I0 L H L H
I1 L L H H
Output current level 100 70 33 0
Vref V at Vr=5V 0.5 r 5 0.35 r 8 0.17 r 10 -
www.shindengen.co.jp/product/semi/
U170-1


▲Up To Search▲   

 
Price & Availability of MTD2003F10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X