Part Number Hot Search : 
20012 RB208 PM73123 MUR1505 AY31015D H1121NL DVSA2812 AY31015D
Product Description
Full Text Search
 

To Download ME020-508 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Steckbare Anschlussklemmen, Raster 5,08 mm Pluggable terminal blocks, pitch 5.08 mm Borniers de raccordement enfichables, pas 5,08 mm
ME 020-508 Stiftleiste, ohne Seitenwande, stehend, teilungsgerecht anreihbar
1. Temperaturbereich 2. Werkstoffe Kontakttrager Kontakt 3. Mechanische Daten Kontaktierung mit 4. Elektrische Daten Bemessungsstrom Bemessungsspannung Prufspannung Isolationswiderstand 16 A 300 V AC 2 kV > 5 G steckbaren Anschlussklemmen 6770, MC ...-508 PA, V0 nach UL 94 CuZn, verzinnt -40 C/+105 C
ME 020-508 Pin header, without sidewalls, upright, consecutive placement without loss of pitch
1. Temperature range 2. Materials Insulating body Contact 3. Mechanical data Mating with *a Leiterplattenlayout printed circuit board layout modele de la carte imprimee 4. Electrical data Rated current Rated voltage Test voltage Insulation resistance 16 A 300 V AC 2 kV > 5 G pluggable terminal blocks 6770, MC ...-508 PA, V0 according to UL 94 CuZn, tinned -40 C/+105 C
*a
(R)
-Reg.-Nr. 115483 ME 020-508
Bestellbezeichnung Designation Designation Polzahl Poles Poles VE PU UE Abmessungen Dimensions Dimensions A (mm)
Reglette a broches, sans parois laterales, droite, emboitable sans perte de pas
1. Temperature d'utilisation 2. Materiaux Corps isolant Contact 3. Caracteristiques mecaniques Raccordement avec borniers de raccordement enfichables 6770, MC ...-508 PA, V0 suivant UL 94 CuZn, etame -40 C/+105 C
ME 020-50802 ME 020-50803 ME 020-50804 ME 020-50806 ME 020-50808
2 3 4 6 8
500 500 500 300 200
10,16 15,24 20,32
4. Caracteristiques electriques
30,48 40,64
Courant assigne Tension assignee Tension de claquage Resistance d'isolement
16 A 300 V AC 2 kV > 5 G
Weitere Polzahlen auf Anfrage Further pole numbers on request Autres nombres de poles sur demande Verpackung: im Kunststoffbeutel Packaging: in bulk, in a plastic bag Emballage: en vrac, dans un sachet en plastique
www.lumberg.com
12/2009


▲Up To Search▲   

 
Price & Availability of ME020-508

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X