Part Number Hot Search : 
ER3001P T048P MA2SV05 BU5471K 78DL05A 060PT 01MXA 74HC5
Product Description
Full Text Search
 

To Download MBR25100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR2540CT~MBR25200CT
SCHOTTKY BARRIER RECTIFIERS
VOLTAGE FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O. Flame Retardant Epoxy Molding Compound. * Exceeds environmental standards of MIL-S-19500/228
40 to 200 Volts
CURRENT
25 Amperes
PRELIMINARY
* Low power loss, high efficiency. * Low forwrd voltge, high current capability * High surge capacity. * For use in low voltage,high frequency inverters free wheeling , and polarlity protection applications. * In compliance with EU RoHS 2002/95/EC directives
.058(1.47) .042(1.07)
MECHANCEAL DATA
* Case: TO-220AB Molded plastic * Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 * Polarity: As marked. * Standard packaging: Any * Weight: 0.0655 ounces, 1.859grams.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
PA RA M E TE R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a xi m um R M S V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a xi m um A ve r a g e F o r w a r d C ur r e nt ( S e e f i g . 1 ) P e a k F o r w a r d S ur g e C ur r e nt : 8 . 3 m s s i ng l e ha l f s i ne w a ve s up e r i m p o s e d o n r a t e d l o a d ( J E D E C m e t ho d ) M a xi m um F o r w a r d V o l t a g e a t 1 2 . 5 A , p e r l e g M a xi m um D C R e ve r s e C ur r e nt T J= 2 5 OC a t R a t e d D C B l o c k i ng V o l t a g e T J= 1 2 5 OC Ty p i c a l T h e r m a l R e s i s t a n c e O p e r a t i n g J u n c t i o n a n d S t o r a g e Te m p e r a t u r e R a n g e
S YM B O L VRRM VRMS VD C IF ( A V ) IF S M VF IR R J C T J , T S TG
MB R2 5 4 0 C T MB R2 5 4 5 C T MB R2 5 5 0 C T MB R2 5 6 0 C T MB R2 5 8 0 C T MB R2 5 9 0 C T MB R2 5 1 0 0 C T MB R2 5 1 5 0 C T MB R2 5 2 0 0 C T
U N IT S V V V A A
40 28 40
45 3 1 .5 45
50 35 50
60 42 60
80 56 80 20 200
90 63 90
100 70 100
150 105 150
200 140 200
0 .7
0.75 0 .0 5 20 2
0 .8
0 .9
V
mA
O
C/ W C
-5 0 to + 1 5 0
-65 to +175
O
NOTES: Both Bonding and Chip structure are available.
STAD-APR.30.2009
PAGE . 1
MBR2540CT~MBR25200CT
RATING AND CHARACTERISTIC CURVES
AVERAGE FORWARD RECTIFIED CURRENT AMPERES
PEAK FORWARD SURGE CURRENT, Amps
25.0 20.0 15.0 10.0 5.0 0 0 20 40 60 80 100 120
O
= 40V = 45-200V
240 210 180 150 120 90 60 30 0 1 2 5 10 20 50 100
8.3ms Single Half Since-Wave JEDEC Method
INSTANTANEOUS REVERSE CURRENT, mA
TC=125 C
1.0
O
FORWARD CURRENT, Amps
PRELIMINARY
RESISTIVE OR INDUCTIVE LOAD
140 160 180
CASE TEMPERATURE, C
NO. OF CYCLE AT 60Hz
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2- MAXIMUM NON - REPETITIVE SURGE CURRENT
10
40
40-45V
10 8 6 4 2 1.0 .8 .6 .4 .2 .1
50-60V 80-100V 150-200V
0.1
TC=75 C
O
0.01
TC=25 OC
TJ = 25 C Pulse Width = 300 us 1% Duty Cycle
O
0 .001
20 40 60 80 100
.4
.5
.6
.7
.8
0.9
1.0
1 .1
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE, %
FORWARD VOLTAGE, VOLTS
Fig.3- TYPICAL REVERSE CHARACTERISTICS
Fig.4- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
STAD-APR.30.2009
PAGE . 2


▲Up To Search▲   

 
Price & Availability of MBR25100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X