Part Number Hot Search : 
24LC08B MPS20WGW H1959 TIPP31B LM2931 80C49AP 10AY8 25AA01
Product Description
Full Text Search
 

To Download MAX700CD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-2690; Rev 2; 12/07
Power-Supply Monitor with Reset
General Description
The MAX700/MAX701/MAX702 are supervisory circuits used to monitor the power supplies in microprocessor (P) and digital systems. The RESET/RESET outputs of the MAX700/MAX701/MAX702 are guaranteed to be in the correct state for VCC voltages down to +1V (Figure 4). They provide excellent circuit reliability and low cost by eliminating external components and adjustments when used with +5V-powered circuits. The MAX702 is the simplest part in the family. When VCC falls to 4.65V, RESET goes low. The MAX702 also provides a debounced manual reset input. The MAX701 performs the same functions but has both RESET and RESET outputs. Their primary function is to provide a system reset. Accordingly, an active reset signal is supplied for low supply voltages and for at least 200ms after the supply voltage reaches its operating value. In addition to the features of the MAX701 and MAX702, the MAX700 provides preset or adjustable voltage detection so thresholds other than 4.65V can be selected, and adjustable hysteresis. All parts are supplied in 8-pin PDIP and Narrow SO packages in commercial and extended temperature ranges.
Features
Min 200ms RESET Pulse on Power-Up, PowerDown, and During Low-Voltage Conditions Reset Threshold Factory Trimmed for +5V Systems No External Components or Adjustments with +5V-Powered Circuits Debounced Manual Reset Input Preset or Adjustable Voltage Detection (MAX700) Adjustable Hysteresis (MAX700) 8-Pin PDIP and Narrow SO Packages
MAX700/MAX701/MAX702
Ordering Information
PART* MAX700C/D MAX700CPA MAX700CSA MAX700EPA MAX700ESA MAX701C/D MAX701CPA MAX701CSA MAX701EPA MAX701ESA MAX702C/D MAX702CPA MAX702CSA MAX702EPA TEMP RANGE 0C to +70C 0C to +70C 0C to +70C -40C to +85C -40C to +85C 0C to +70C 0C to +70C 0C to +70C -40C to +85C -40C to +85C 0C to +70C 0C to +70C 0C to +70C -40C to +85C PIN-PACKAGE Dice 8 PDIP 8 Narrow SO 8 PDIP 8 Narrow SO Dice 8 PDIP 8 Narrow SO 8 PDIP 8 Narrow SO Dice 8 PDIP 8 Narrow SO 8 PDIP
Applications
Computers Controllers Intelligent Instruments Automotive Systems Critical P Power Monitoring
MAX702ESA -40C to +85C 8 Narrow SO *Devices in PDIP and SO packages are available in both leaded and lead-free packaging. Specify lead free by adding the + symbol at the end of the part number when ordering.
Pin Configurations
TOP VIEW
MR 1 SENSE 2 8 7 VCC CTL RESET RESET MR 1 N.C. 2 8 7 VCC N.C. RESET RESET MR VCC GND 1 2 8 7 N.C. RESET N.C. N.C.
MAX700
HYST 3 6 5 N.C. 3 GND 4 GND 4
MAX701
6 5
MAX702
3 6 5
N.C. 4
DIP/SO
DIP/SO
DIP/SO 1
________________________________________________________________ Maxim Integrated Products
For pricing delivery, and ordering information please contact Maxim Direct at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
Power-Supply Monitor with Reset MAX700/MAX701/MAX702
ABSOLUTE MAXIMUM RATINGS
VCC ......................................................................-0.3V to +15.5V Voltage (with respect to GND) at RESET, RESET, HYST, CTL, SENSE ............................................-0.3V to VCC Operating Temperature Range C Suffix .............................................................0C to +70C E Suffix...........................................................-40C to +85C Rate of Rise, VCC ............................................................100V/s Power Dissipation, Any Package .....................................380mW Storage Temperature Range .............................-55C to +150C Lead Temperature (soldering, 10s)..................................+300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VCC = +5V, CTL = GND on MAX700, TA = +25C, unless otherwise noted.)
PARAMETER VCC Monitor Voltage Range (MAX700 Only) Min VCC for Valid Reset Output, Declining Supply Supply Current Reset Threshold Internal Hysteresis Reset Output Pulse Width RESET Fall Time VCC Pulse Duration Guaranteeing MR Input Threshold MR Pullup Current MAX700 RESET Output Low ISINK = 3.2mA, VCC = 5V ISINK = 1.6mA, VCC = 3V ISOURCE = 3.2mA, VCC = 4.25V RESET Output High ISOURCE = 1.6mA, VCC = 3V ISOURCE = 0.5mA, VCC = 1.5V ISINK = 16mA, VCC = 4.25V RESET Output Low ISINK = 1.6mA, VCC = 3V ISINK = 0.4mA, VCC = 1.5V ISOURCE = 3.2mA, VCC = 5V RESET Output High ISOURCE = 1.6mA, VCC = 3V VCC 0.4 V VCC 0.4 VCC 0.4 VCC 0.4 VCC 0.4 0.4 0.4 0.4 V V 0.4 0.4 V MAX700/MAX701 only, CLOAD = 100pF 5V to 4V VCC pulse No reset Reset 100 TA = TMIN to TMAX HYST not connected 200 Power-up Power-down 4.50 4.50 CONDITIONS TA = TMIN to TMAX, CTL = VCC TA = TMIN to TMAX, RESET 0.4V when sinking 1mA MIN 3 1.5 1 100 4.65 4.62 30 350 200 10 10 0.7 -5 -30 1 500 200 4.75 4.75 TYP MAX 15 UNITS V V A V mV ms ns s V A
2
_______________________________________________________________________________________
Power-Supply Monitor with Reset
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V, CTL = GND on MAX700, TA = +25C, unless otherwise noted.)
PARAMETER MAX701 RESET Output Low ISINK = 16mA, VCC = 5V ISOURCE = 3.2mA, VCC = 4.25V RESET Output High ISOURCE = 1.6mA, VCC = 3V ISOURCE = 0.5mA, VCC = 1.5V ISINK = 3.2mA, VCC = 4.25V RESET Output Low ISINK = 1.6mA, VCC = 3V ISINK = 0.4mA, VCC = 1.5V RESET Output High MAX702 ISINK = 3.2mA, VCC = 4.25V RESET Output Low ISINK = 1.6mA, VCC = 3V ISINK = 0.4mA, VCC = 1.5V RESET Output High ISOURCE = 3.2mA, VCC = 5V VCC 0.4 1.25 1.29 0.1 0.5 2 30 100 1.35 0.4 0.4 0.4 V V ISOURCE = 3.2mA, VCC = 5V VCC 0.4 VCC 0.4 VCC 0.4 VCC 0.4 0.4 0.4 0.4 V V V 0.4 V CONDITIONS MIN TYP MAX UNITS
MAX700/MAX701/MAX702
MAX700 ONLY (CTL = VCC, unless otherwise noted) SENSE Input Threshold SENSE Input Current HYST Input On-Resistance CTL Input Threshold CTL Pulldown Current TA = TMIN to TMAX V nA k V A
_______________________________________________________________________________________
3
Power-Supply Monitor with Reset MAX700/MAX701/MAX702
Pin Description
PIN MAX700 1 MAX701 1 MAX702 1 NAME MR FUNCTION Input for Manual Pushbutton Reset. Has internal 5A pullup. Low input activates the RESET/RESET outputs. The voltage-sense input when CTL = VCC. Its threshold is 1.29V. SENSE always remains connected to the internal comparator. So, when VCC is being monitored internally (CTL = GND), SENSE should be left open circuit. Normally NOT used when voltage is monitored through VCC (CTL = GND). When monitoring through SENSE (CTL = VCC), HYST allows hysteresis to be added, reducing noise and spurious reset activity (Figure 3). HYST turns on 5s before the RESET/RESET outputs are activated, and its on-resistance to GND is typically 1k. Ground Goes low when VCC falls below 4.65V, or when CTL = VCC on the MAX700 goes low when SENSE falls below 1.29V. Inverted Version of RESET When CTL = GND, VCC is monitored by the reset circuit. When CTL = VCC, VCC is ignored and SENSE is monitored, allowing the threshold to be set with external resistors. Chip Power and +5V Sensing Input (When CTL = GND on MAX700) No Connection
2
--
--
SENSE
3
--
--
HYST
4 5 6 7 8 --
4 6 5 -- 8 2, 3, 7
3 7 -- -- 2 4, 5, 6, 8
GND RESET RESET CTL VCC N.C.
4
_______________________________________________________________________________________
Power-Supply Monitor with Reset MAX700/MAX701/MAX702
MR
1
1M
8
VCC
7 COMPARATOR SENSE 2 150k
CTL
MANUAL RESET BUTTON 1 N.C. 2 3 MR SENSE HYST GND
MAX700
VCC CTL RESET RESET
8 7 6 5
+5V
MAX700 1.29V REF R RC 6 R OSC HYST 3 5 4 RESET RESET
N.C. TO P
4
GND
Figure 1. MAX700 Block Diagram
Figure 2. MAX700 Typical Connection Diagram
MANUAL RESET BUTTON 1 R1 VIN R2 R3 3 4 HYST GND RESET RESET 6 5 N.C. TO P 2 MR SENSE
MAX700
VCC CTL
8 7
VIN 3V TO 15V
RESET
2V/div
0V
VCC
R1 = R2 VL - 1 VL = LOWER VOLTAGE THRESHOLD 1.29 VTR1 R3 = V = UPPER VOLTAGE THRESHOLD VU - V L U
2V/div
(
)
0V 1s/div
HYSTERESIS = VU - VL
Figure 3. MAX700 Connected for External Senses and Hysteresis
Figure 4. Typical MAX700/MAX701/MAX702 RESET Output vs. VCC
Figure 4 shows the RESET output of the MAX700/ MAX701/MAX702 in the correct state for VCC voltages down to 0V. Note the effect of the built-in hysteresis on the trigger lever of RESET.
Package Information
For the latest package outline information, go to www.maxim-ic.com/packages.
_______________________________________________________________________________________
5
Power-Supply Monitor with Reset MAX700/MAX701/MAX702
Revision History
REVISION NUMBER 0 1 2 REVISION DATE 3/90 11/05 12/07 Initial release Added lead-free information to the Ordering Information table. Updated Pin Description table. DESCRIPTION PAGES CHANGED -- 1 4
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
6 _____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2008 Maxim Integrated Products is a registered trademark of Maxim Integrated Products, Inc.


▲Up To Search▲   

 
Price & Availability of MAX700CD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X