Part Number Hot Search : 
MAX528 M52358VP SD1434 BDV65A ZMM5241 NF03L ISL6840 FTS2015
Product Description
Full Text Search
 

To Download HFCN-3800 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ceramic
High Pass Filter
50 4250 to 10000 MHz
Features
-55C to 100C -55C to 100C 7W max. at 25C
HFCN-3800+ HFCN-3800
CASE STYLE: FV1206-1 Model Price Qty. HFCN-3800+ $2.49 (10-49) HFCN-3800 $2.49 (10-49) HFCN-3800D+ $2.99 (10-49) HFCN-3800D $2.99 (10-49)
Maximum Ratings
Operating Temperature Storage Temperature RF Power Input*
*Passband rating, derate linearly to 3W at 100C ambient.
Pin Connections
RF IN RF OUT GROUND **RF IN & RF OUT can be interchanged 1** 3** 2,4,5,6
* * * * * * * *
Low Cost Small size 5 sections Temperature stable Excellent power handling, 7W DC block in/out, breakdown voltage, 1kV typ. Hermetically sealed Patent pending
Application
* Sub-harmonic rejection and DC blocking * Transmitters/Receivers
+ RoHS compliant in accordance with EU Directive (2002/95/EC)
The +Suffix identifies RoHS Compliance. See our web site for RoHS Compliance methodologies and qualifications.
Outline Drawing
6 F TYP 1 D C G TYP
FRONT VIEW PCB Land Pattern
High Pass Filter Electrical Specifications1 (TAMB= 25OC)
STOPBAND (MHz) fco, MHz Nom. PASSBAND (MHz) VSWR Typ. POWER NO. OF INPUT SECTIONS (W) Max. 7 5
A 5
4 B
INDEX AREA
2
3
(Loss>30dB) (Loss>20dB) (Loss 3dB) (Loss<1.5dB) (Loss<2dB) Stopband Frequency (MHz) Typ. Min. Typ. Max. Max. 1.5:1 DC-F1 DC-F2 F3 F4-F5 DC-3100 DC-3200 3800 4500-9000 4250-10000 20:1 3950-10000
TOP VIEW
1. For Applications requiring DC voltage to be applied to the input or output, use HFCN-3800D (DC Resistance to ground is 100 Mohms min.)
Typical Frequency Response
ATTENUATION(dB)
Electrical Schematic
RF IN RF OUT
E TYP
30dB 20dB 3dB 1.5dB
H TYP G TYP J TYP K
F1 F2 F3 F4 FREQUENCY(MHz)
F5
Typical Performance Data at 25oC
Suggested Layout, Tolerance to be within .002
inch mm A B C D E F G H J K wt. .126 .063 .035 .024 .022 .012 .039 .042 .024 .123 grams 3.20 1.60 0.89 0.61 0.56 0.30 0.99 1.07 0.61 3.12 .02
Frequency (MHz)
Insertion Loss (dB) 54.14 37.58 32.52 33.38 36.68 19.19 10.63 2.59 1.41 1.14 1.02 0.72 0.68 1.13 2.71 3.15
VSWR (:1) 1737.18 1737.18 108.58 31.60 28.03 18.90 9.33 2.00 1.16 1.45 1.43 1.22 1.28 1.70 1.96 1.70
HFCN-3800 VSWR
Outline Dimensions (
)
Demo Board MCL P/N: TB-285 Suggested PCB Layout(PL-158)
6X o.015 PTH, FOR GROUND .012
50 500 1500 3100 3200 3400 3550 3800 3950 4250 4500 7000 9000 10000 11330 12000
HFCN-3800 INSERTION LOSS
INSERTION LOSS(dB)
PACKAGE OUTLINE
.072 TYP
.010 TYP .012 PIN 1 .073
.055
.044 .002 TRACE WIDTH, 2 PL. (SEE NOTE BELOW)
70 60 50 40 30 20 10 0 0 4000 8000 12000 FREQUENCY (MHz)
10000
.034 .010 TYP
1000
NOTES:
1. TRACE WIDTH IS SHOWN FOR ROGERS RO4350B WITH DIELECTRIC THICKNESS .020" .0015". COPPER: 1/2 OZ. EACH SIDE. FOR OTHER MATERIALS TRACE WIDTH MAY NEED TO BE MODIFIED. 2. BOTTOM SIDE OF THE PCB IS CONTINUOUS GROUND PLANE. DENOTES PCB COPPER LAYOUT WITH SMOBC (SOLDER MASK OVER BARE COPPER) DENOTES COPPER LAND PATTERN FREE OF SOLDER MASK
VSWR
.017
100
10
1
0
4000
8000
12000
FREQUENCY (MHz)
REV. A M101678 EDR-6982/4 HFCN-3800 RAV 070401 page 1 of 1


▲Up To Search▲   

 
Price & Availability of HFCN-3800

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X