Part Number Hot Search : 
UN0231C LS103 CXA192 CDRR157 BUL98B AQW212A SR8100S 26300
Product Description
Full Text Search
 

To Download GBPC1506 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBPC15005/W - GBPC1510/W
15A GLASS PASSIVATED BRIDGE RECTIFIER
Please click here to visit our online spice models database.
Features
* * * * * * * * Glass Passivated Die Construction Low Reverse Leakage Current Low Power Loss, High Efficiency Surge Overload Rating to 300A Peak Electrically Isolated Metal Base for Maximum Heat Dissipation Case to Terminal Isolation Voltage 1500V UL Listed Under Recognized Component Index, File Number E94661 Lead Free Finish, RoHS Compliant (Date Code 0514+) (Note 4) GBPC
H B E
GBPC / GBPC-W Dim A
A C H
Min 28.30 7.40 16.10 18.80 13.80 5.08 17.60 10.90 0.97 31.80 17.60
Max 28.80 8.25 17.10 21.30 14.80 5.59 18.60 11.90 1.07 18.60
B C E
(+)
(AC)
J
(-) (AC)
C
A
G H
Hole for #10 screw
Mechanical Data
* * * * * * * * * * * Case: GBPC/GBPC-W Case Material: Molded Plastic with Heatsink Internally Mounted in the Bridge Encapsulation. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020D Terminals: Finish Silver. Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: As Marked on Case Mounting: Through Hole for #10 Screw Mounting Torque: 8.0 Inch-pounds Maximum Ordering Information: See Page 3 Marking: Type Number GBPC Weight: 20 grams (approximate) GBPC-W Weight: 14 grams (approximate)
G
J GBPC-W
H B M L
K L M P
All Dimensions in mm "W" Suffix Designates Wire Leads No Suffix Designates Faston Terminals
A
A P
(AC)
H
(+)
P
K
(-)
(AC)
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @ TC = 70C Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IR It CT RJC TJ, TSTG
2
@TA = 25C unless otherwise specified
GBPC15 005/W 50 35
GBPC15 01/W 100 70
GBPC15 02/W 200 140
GBPC15 04/W 400 280 15 300 1.1 5.0 500 374 300 5.0 -65 to +150
GBPC15 06/W 600 420
GBPC15 08/W 800 560
GBPC15 Unit 10/W 1000 700 V V A A V A As pF C/W C
2
Non-Repetitive Peak Forward Surge Current 8.3ms Single Half Sine-Wave Superimposed on Rated Load Forward Voltage (per element) Peak Reverse Current at Rated DC Blocking Voltage I t Rating for Fusing Typical Total Capacitance Typical Thermal Resistance
2
@ IF = 7.5A @ TC = 25C @ TC = 125C (Note 1) (Note 2) (Note 3)
Operating and Storage Temperature Range
Notes: 1. 2. 3. 4.
Non-repetitive, for t > 1.0ms and t < 8.3ms. Measured at 1.0MHz and applied reverse voltage of 4.0V DC. Thermal resistance junction to case mounted on heatsink. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at http://www.diodes.com/products/lead_free.html.
DS21208 Rev. 11 - 2
1 of 3 www.diodes.com
GBPC15005/W - GBPC1510/W
(c) Diodes Incorporated
IF, AVERAGE FORWARD CURRENT (A)
Mounted on a 220 x 220 x 50 mm AL plate heatsink
IF, INSTANTANEOUS FORWARD CURRENT (A)
20
100
15
10
10
1.0
5
0.1
Tj = 25C
Resistive or Inductive load
0 0 25 50 75 100 125 150 TC, CASE TEMPERATURE (C) Fig. 1 Forward. Current Derating Curve
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics (per element) 1000
f = 1 Mhz Tj = 25C
IFSM, PEAK FORWARD SURGE CURRENT (A)
400
Single Half-Sine Wave
300
200
CT, TOTAL CAPACITANCE (pF)
100
100
0 1 10 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Surge Current
100
10
100
0.1
1.0
10
100
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Total Capacitance (per element)
10
1.0
0.1
0.01 20 40 60 80 100 120 140 0 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics (per element)
DS21208 Rev. 11 - 2
2 of 3 www.diodes.com
GBPC15005/W - GBPC1510/W
(c) Diodes Incorporated
Ordering Information (Note 5)
Device GBPC15005 GBPC1501 GBPC1502 GBPC1504 GBPC1506 GBPC1508 GBPC1510 GBPC15005W GBPC1501W GBPC1502W GBPC1504W GBPC1506W GBPC1508W GBPC1510W
Notes:
Packaging GBPC GBPC GBPC GBPC GBPC GBPC GBPC GBPC-W GBPC-W GBPC-W GBPC-W GBPC-W GBPC-W GBPC-W
Shipping 100/Tray 100/Tray 100/Tray 100/Tray 100/Tray 100/Tray 100/Tray 100/Tray 100/Tray 100/Tray 100/Tray 100/Tray 100/Tray 100/Tray
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02008.pdf.
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS21208 Rev. 11 - 2
3 of 3 www.diodes.com
GBPC15005/W - GBPC1510/W
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of GBPC1506

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X