|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Ampere FEATURES * * * * * Ideal for surface mounted applications Low leakage current Metallurgically bonded construction Mounting position: Any Weight: 0.24 gram FM520 THRU FM5200 DO-214AB MECHANICAL DATA * Epoxy: Device has UL flammability classification 94V-O 0.125 (3.17 ) 0.115 (2.92 ) 0.245 ( 6.22 ) 0.220 ( 5.59 ) 0.280 ( 7.11 ) 0.260 ( 6.60 ) 0.012 ( 0.305 ) 0.006 ( 0.152 ) 0.103 ( 2.62 ) 0.079 ( 2.06 ) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. 0.060 ( 1.52 ) 0.030 ( 0.76 ) 0.008 ( 0.203 ) 0.004 ( 0.102 ) 0.320 ( 8.13 ) 0.305 ( 7.75 ) Dimensions in inches and (millimeters) MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at Ambient Temperature Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Thermal Resistance (Note 1) Typical Junction Capacitance (Note 2) Operating Temperature Range Storage Temperature Range SYMBOL VRRM VRMS VDC IO I FSM RqJA RqJL CJ TJ T STG FM520 FM530 FM540 FM550 FM560 FM580 FM5100 FM5150 FM5200 UNITS 20 14 20 30 21 30 40 28 40 50 35 50 60 42 60 5.0 150 55 17 200 150 -55 to + 150 80 56 80 100 70 100 150 105 150 200 140 200 Volts Volts Volts Amps Amps 0 C/W pF 0 0 C C ELECTRICAL CHARACTERISTICS (@TA=25 OC unless otherwise noted) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 5.0A DC Maximum Average Reverse Current at Rated DC Blocking Voltage @T A = 25 o C @T A = 100 o C SYMBOL VF IR FM520 FM530 FM540 FM550 FM560 FM580 FM5100 FM5150 FM5200 UNITS .55 .75 0.2 2 .85 Volts mA mA 2006-11 NOTES : 1. Thermal Resistance : Mounted on PCB. 2. Measured at 1 MHz and applied reverse voltage of 4.0 volts. 3. "Fully ROHS compliant", "100% Sn plating (Pb-free)". RATING AND CHARACTERISTICS CURVES ( FM520 THRU FM5200 ) 6.0 5.0 FM INSTANTANEOUS FORWARD CURRENT, (mA) AVERAGE FORWARD CURRENT, (A) 10 O 1.0 TA = 125 C 4.0 3.0 2.0 1.0 0 0 P.C.B. Mounted on 0.4X0.4"(10X10mm) copper pad areas 55 Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375" (9.5mm) Lead Length FM 52 0~ FM 54 0 0~ FM 52 00 0.1 T = 75 OC A 0.01 TA = 25 OC 25 50 75 100 O 125 150 0.001 0 FM520~FM540 FM550~FM560 FM580~FM5200 20 40 60 80 100 120 140 AMBIENT TEMPERATURE, ( C) PERCENT OF RATED PEAK REVERSE VOLTAGE, (%) INSTANTANEOUS REVERSE CURRENT, (A) 10 FM520~FM540 CJ, JUNCTION CAPACITANCE, (pF) 20 FIG.1 TYPICAL FORWARD CURRENT DERATING CURVE 500 200 100 50 20 10 5 0.1 0.2 FIG.2 TYPICAL REVERSE CHARACTERISTICS TJ = 25 OC 1.0 FM580~FM5200 FM550~FM560 TJ = 25 C Pulse width=300mS 1% Duty Cycle O 0.1 0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 0.5 1 2 5 10 20 40 INSTANTANEOUS FORWARD VOLTAGE, (V) REVERSE VOLTAGE, (V) FIG.3 TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PEAK FORWARD SURGE CURRENT, (A) FIG.4 TYPICAL JUNCTION CAPACITANCE 210 180 150 120 90 60 30 0 1 2 5 At rated TL 8.3mS Single Half Sine-Wave JEDEC Method 10 20 50 100 NUMBER OF CYCLES AT 60Hz FIG.5 MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT Mounting Pad Layout 0.185 MAX. (4.69 MAX.) 0.121MIN. ( 3.07 MIN.) 0.060 MAX. (1.52 MAX.) 0.320 REF Dimensions in inches and (millimeters) DISCLAIMER NOTICE Rectron Inc reserves the right to make changes without notice to any product specification herein, to make corrections, modifications, enhancements or other changes. Rectron Inc or anyone on its behalf assumes no responsibility or liability for any errors or inaccuracies. Data sheet specifications and its information contained are intended to provide a product description only. "Typical" parameters which may be included on RECTRON data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. Rectron Inc does not assume any liability arising out of the application or use of any product or circuit. Rectron products are not designed, intended or authorized for use in medical, life-saving implant or other applications intended for life-sustaining or other related applications where a failure or malfunction of component or circuitry may directly or indirectly cause injury or threaten a life without expressed written approval of Rectron Inc. Customers using or selling Rectron components for use in such applications do so at their own risk and shall agree to fully indemnify Rectron Inc and its subsidiaries harmless against all claims, damages and expenditures. |
Price & Availability of FM580 |