|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DMP2035UTS DUAL P-CHANNEL ENHANCEMENT MODE MOSFET Features * * * * * * * * * Dual P-Channel MOSFET Low On-Resistance Low Input Capacitance Fast Switching Speed Low Input/Output Leakage Lead Free By Design/RoHS Compliant (Note 1) ESD Protected up to 3kV "Green" Device (Note 2) Qualified to AEC-Q101 Standards for High Reliability Mechanical Data * * * * * * * Case: TSSOP-8L Case Material: Molded Plastic, "Green" Molding Compound. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020 Terminal Connections: See Diagram Below Marking Information: See Page 5 Ordering Information: See Page 5 Weight: 0.039 grams (approximate) NEW PRODUCT D1 D2 G1 1 2 3 4 D S1 S1 G1 D S2 S2 G2 8 7 6 5 G2 S1 S2 ESD PROTECTED TO 3kV TOP VIEW BOTTOM VIEW Top View Pin Configuration Internal Schematic Maximum Ratings Drain-Source Voltage Gate-Source Voltage @TA = 25C unless otherwise specified Symbol VDSS VGSS TA = 25C TA = 85C ID IDM Value -20 8 6.04 3.96 22 Unit V V A A Characteristic Continuous Drain Current (Note 3) Pulsed Drain Current (Note 4) Steady State Thermal Characteristics Characteristic Power Dissipation (Note 3) Thermal Resistance, Junction to Ambient @TA = 25C Operating and Storage Temperature Range Notes: Symbol PD RJA TJ, TSTG Value 0.89 142.7 -55 to +150 Unit W C/W C 1. No purposefully added lead. 2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. 3. Device mounted on FR-4 substrate PC board with minimum recommended pad layout. 4. Repetitive rating, pulse width limited by junction temperature. DMP2035UTS Document number: DS31940 Rev. 3 - 2 1 of 6 www.diodes.com January 2010 (c) Diodes Incorporated DMP2035UTS Electrical Characteristics Characteristic OFF CHARACTERISTICS (Note 5) Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate-Source Leakage ON CHARACTERISTICS (Note 5) Gate Threshold Voltage Static Drain-Source On-Resistance @TA = 25C unless otherwise specified Symbol BVDSS IDSS IGSS VGS(th) RDS (ON) |Yfs| VSD Ciss Coss Crss Rg Qg Qgs Qgd tD(on) tr tD(off) tf Min -20 -0.4 Typ -0.7 23 30 41 14 -0.7 1610 157 145 9.45 15.4 2.5 3.3 16.8 12.4 94.1 42.4 Max -1.0 10 -1.0 35 45 62 -1.0 Unit V A A V m S V pF pF pF nC nC nC ns ns ns ns Test Condition VGS = 0V, ID = -250A VDS = -20V, VGS = 0V VGS = 8V, VDS = 0V VDS = VGS, ID = -250A VGS = -4.5V, ID = -4.0A VGS = -2.5V, ID = -4.0A VGS = -1.8V, ID = -2.0A VDS = -5V, ID = -4A Is = -1A, VGS = 0V VDS = -10V, VGS = 0V, f = 1.0MHz VDS = 0V, VGS = 0V, f = 1MHz VGS = -4.5V, VDS = -10V, ID = -4A NEW PRODUCT Forward Transfer Admittance Diodes Forward Voltage DYNAMIC CHARACTERISTICS (Note 6) Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance SWITCHING CHARACTERISTICS Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Notes: VDS = -10V, VGS = -4.5V, RL = 10, RG = 6.0, ID = -1A 5. Short duration pulse test used to minimize self-heating effects. 6. Guaranteed by design. Not subject to production testing. 30 VGS = 8.0V 20 VDS = 5V 25 ID, DRAIN CURRENT (A) VGS = 4.5V 16 ID, DRAIN CURRENT (A) VGS = 2.0V 20 VGS = 3.0V VGS = 2.5V 12 15 8 TA = 150C 10 VGS = 1.5V 5 4 T A = 125C TA = 85C T A = 25C TA = -55C 0 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 VDS, DRAIN-SOURCE VOLTAGE (V) Fig. 1 Typical Output Characteristics 5 0 0 0.5 1 1.5 2 2.5 VGS, GATE SOURCE VOLTAGE (V) Fig. 2 Typical Transfer Characteristics 3 DMP2035UTS Document number: DS31940 Rev. 3 - 2 2 of 6 www.diodes.com January 2010 (c) Diodes Incorporated DMP2035UTS RDS(ON), DRAIN-SOURCE ON-RESISTANCE () RDS(ON), DRAIN-SOURCE ON-RESISTANCE () 0.10 0.06 VGS = 4.5V 0.08 0.05 0.04 TA = 125C TA = 150C NEW PRODUCT 0.06 0.03 TA = 85C TA = 25C TA = -55C 0.04 VGS = 1.8V 0.02 VGS = 2.5V 0.02 VGS = 4.5V 0.01 0 0 5 10 15 20 25 ID, DRAIN-SOURCE CURRENT (A) Fig. 3 Typical On-Resistance vs. Drain Current and Gate Voltage 30 0 0 8 12 16 20 ID, DRAIN CURRENT (A) Fig. 4 Typical Drain-Source On-Resistance vs. Drain Current and Temperature 4 RDS(ON), DRAIN-SOURCE ON-RESISTANCE () 1.6 0.06 0.05 RDS(ON), DRAIN-SOURCE ON-RESISTANCE (NORMALIZED) 1.4 0.04 VGS = 2.5V ID = 5A 1.2 VGS = 4.5V ID = 10A 0.03 VGS = 4.5V ID = 10A 1.0 0.02 0.8 VGS = 2.5V ID = 5A 0.01 0.6 -50 -25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) Fig. 5 On-Resistance Variation with Temperature 0 -50 -25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) Fig. 6 On-Resistance Variation with Temperature 1.2 VGS(TH), GATE THRESHOLD VOLTAGE (V) 1.0 IS, SOURCE CURRENT (A) 20 16 0.8 ID = 1mA 12 TA = 25C 0.6 ID = 250A 8 0.4 0.2 4 -25 0 25 50 75 100 125 150 TA, AMBIENT TEMPERATURE (C) Fig. 7 Gate Threshold Variation vs. Ambient Temperature 0 -50 0 0 0.2 0.4 0.6 0.8 1.0 1.2 VSD, SOURCE-DRAIN VOLTAGE (V) Fig. 8 Diode Forward Voltage vs. Current 1.4 DMP2035UTS Document number: DS31940 Rev. 3 - 2 3 of 6 www.diodes.com January 2010 (c) Diodes Incorporated DMP2035UTS IDSS, DRAIN-SOURCE LEAKAGE CURRENT (nA) 100,000 10,000 10,000 TA = 150C IGSS, LEAKAGE CURRENT (nA) 1,000 TA = 150C T A = 125C NEW PRODUCT 1,000 TA = 125C 100 TA = 85C TA = 25C 100 T A = 85C 10 TA = -55C 10 TA = 25C TA = -55C 1 0 4 6 8 10 12 14 16 18 20 VDS, DRAIN-SOURCE VOLTAGE (V) Fig. 9 Typical Drain-Source Leakage Current vs. Drain-Source Voltage 100 2 1 1 2 3 4 5 6 7 8 VGS, GATE-SOURCE VOLTAGE (V) Fig. 10 Leakage Current vs. Gate-Source Voltage 10,000 P(PK), PEAK TRANSIENT POWER (W) 90 80 70 60 50 40 30 20 10 IGSS, LEAKAGE CURRENT (nA) 1,000 TA = 150C TA = 125C Single Pulse RJA = 143C/W RJA(t) = r(t) * RJA TJ - TA = P * RJA(t) 100 T A = 85C TA = 25C TA = -55C 10 1 1 2 3 4 5 6 7 8 VGS, GATE-SOURCE VOLTAGE (V) Fig. 11 Leakage Current vs. Gate-Source Voltage 1 r(t), TRANSIENT THERMAL RESISTANCE D = 0.7 D = 0.5 D = 0.3 0 0.0001 0.001 0.01 0.1 1 10 100 1,000 t1, PULSE DURATION TIME (s) Fig. 12 Single Pulse Maximum Power Dissipation 0.1 D = 0.1 D = 0.9 D = 0.05 RJA(t) = r(t) * RJA RJA = 143C/W P(pk) D = 0.02 0.01 D = 0.01 D = 0.005 t1 t2 TJ - TA = P * RJA(t) Duty Cycle, D = t1 /t2 D = Single Pulse 0.001 0.00001 0.0001 0.001 0.01 0.1 1 t1, PULSE DURATION TIME (s) Fig. 13 Transient Thermal Response 10 100 1,000 DMP2035UTS Document number: DS31940 Rev. 3 - 2 4 of 6 www.diodes.com January 2010 (c) Diodes Incorporated DMP2035UTS Ordering Information Part Number DMP2035UTS-13 Notes: (Note 7) Case TSSOP-8L Packaging 2500 / Tape & Reel 7. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. NEW PRODUCT Marking Information 8 5 Logo P2035U YY WW 1 4 Part no Xth week : 01~52 Year: "09" = 2009 Top View Package Outline Dimensions D See Detail C E E1 e b c Gauge plane A D A2 L A1 a Detail C TSSOP-8L Dim Min Max Typ a 0.09 - - A 1.20 - - A1 0.05 0.15 - A2 0.825 1.025 0.925 b 0.19 0.30 - c 0.09 0.20 - D 2.90 3.10 3.025 e 0.65 - - E 6.40 - - E1 4.30 4.50 4.425 L 0.45 0.75 0.60 All Dimensions in mm Suggested Pad Layout Y X C3 C2 G C1 Dimensions Value (in mm) X 0.45 Y 1.78 C1 7.72 C2 0.65 C3 4.16 G 0.20 DMP2035UTS Document number: DS31940 Rev. 3 - 2 5 of 6 www.diodes.com January 2010 (c) Diodes Incorporated DMP2035UTS IMPORTANT NOTICE DIODES INCORPORATED MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARDS TO THIS DOCUMENT, INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION). NEW PRODUCT Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to this document and any product described herein. Diodes Incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does Diodes Incorporated convey any license under its patent or trademark rights, nor the rights of others. Any Customer or user of this document or products described herein in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on Diodes Incorporated website, harmless against all damages. Diodes Incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales channel. Should Customers purchase or use Diodes Incorporated products for any unintended or unauthorized application, Customers shall indemnify and hold Diodes Incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized application. Products described herein may be covered by one or more United States, international or foreign patents pending. Product names and markings noted herein may also be covered by one or more United States, international or foreign trademarks. LIFE SUPPORT Diodes Incorporated products are specifically not authorized for use as critical components in life support devices or systems without the express written approval of the Chief Executive Officer of Diodes Incorporated. As used herein: A. Life support devices or systems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. B. A critical component is any component in a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or to affect its safety or effectiveness. Customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support devices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning their products and any use of Diodes Incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or systems-related information or support that may be provided by Diodes Incorporated. Further, Customers must fully indemnify Diodes Incorporated and its representatives against any damages arising out of the use of Diodes Incorporated products in such safety-critical, life support devices or systems. Copyright (c) 2009, Diodes Incorporated www.diodes.com DMP2035UTS Document number: DS31940 Rev. 3 - 2 6 of 6 www.diodes.com January 2010 (c) Diodes Incorporated |
Price & Availability of DMP2035UTS-13 |