Part Number Hot Search : 
UPA807T 1N3685B GU016NC MNR15E N4751 RT5N234S R211D C3216
Product Description
Full Text Search
 

To Download CAT5113LI-00-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CAT5113 100-Tap Digitally Programmable Potentiometer (DPPTM)
FEATURES
100-position linear taper potentiometer Non-volatile EEPROM wiper storage 10 nA ultra-low standby current Single supply operation: 2.5 V - 6.0 V Increment up/down serial interface Resistance values: 1 k, 10 k, 50 k and 100 k Available in PDIP, SOIC, TSSOP and MSOP packages
DESCRIPTION
The CAT5113 is a single digitally programmable potentiometer (DPPTM) designed as a electronic replacement for mechanical potentiometers. Ideal for automated adjustments on high volume production lines, they are also well suited for applications where equipment requiring periodic adjustment is either difficult to access or located in a hazardous or remote environment. The CAT5113 contains a 100-tap series resistor array connected between two terminals RH and RL. An up/ down counter and decoder that are controlled by three input pins, determines which tap is connected to the wiper, RW. The wiper setting, stored in nonvolatile memory, is not lost when the device is powered down and is automatically reinstated when power is returned. The wiper can be adjusted to test new system values without affecting the stored setting. Wiper-control of the CAT5113 is accomplished with three input control pins, CS, U/D, and INC. The INC input increments the wiper in the direction which is determined by the logic state of the U/D input. The CS input is used to select the device and also store the wiper position prior to power down. The digitally programmable potentiometer can be used as a three-terminal resistive divider or as a twoterminal variable resistor.
APPLICATIONS
Automated product calibration Remote control adjustments Offset, gain and zero control Tamper-proof calibrations Contrast, brightness and volume controls Motor controls and feedback systems Programmable analog functions
For Ordering Information details, see page 12.
FUNCTIONAL DIAGRAM
U/D INC CS
5-BIT UP/DOWN COUNTER 31
RH
RH
VCC RH U/D INC CS Control and Memory RW
30
29 5-BIT NONVOLATILE MEMORY
ONE 28 OF THIRTY TWO DECODER 2
TRANSFER GATES
RESISTOR ARRAY
RW
Power On Recall
RL VCC GND
GND
STORE AND RECALL CONTROL CIRCUITRY
1
0
RL RW RL Electronic Potentiometer Implementation
General
Detailed
(c) 2009 SCILLC. All rights reserved. Characteristics subject to change without notice
1
Doc. No. MD-2009 Rev. Y
CAT5113
PIN CONFIGURATION
PDIP 8-Lead (L) SOIC 8 Lead (V) MSOP 8 Lead (Z)
INC 1 U/D 2 RH 3 GND 4 8 VCC
PIN DESCRIPTIONS
Name Function TSSOP 8 Lead (Y)
CS 1 VCC 2 INC 3 U/D 4 8 RL 7 RWB 6 GND 5 RH
INC U/D RH RW RL CS VCC
Increment Control Up/Down Control Potentiometer High Terminal Wiper Terminal Potentiometer Low Terminal Chip Select Supply Voltage
CAT
7 CS 6 RL 5 RWB
CAT
GND Ground
PIN DESCRIPTION
INC: Increment Control Input The INC input moves the wiper in the up or down direction determined by the condition of the U/D input. U/D: Up/Down Control Input The U/D input controls the direction of the wiper movement. When in a high state and CS is low, any high-to-low transition on INC will cause the wiper to move one increment toward the RH terminal. When in a low state and CS is low, any high-to-low transition on INC will cause the wiper to move one increment towards the RL terminal. RH: High End Potentiometer Terminal RH is the high end terminal of the potentiometer. It is not required that this terminal be connected to a potential greater than the RL terminal. Voltage applied to the RH terminal cannot exceed the supply voltage, VCC or go below ground, GND. RW: Wiper Potentiometer Terminal RW is the wiper terminal of the potentiometer. Its position on the resistor array is controlled by the control inputs, INC, U/D and CS. Voltage applied to the RW terminal cannot exceed the supply voltage, VCC or go below ground, GND. RL: Low End Potentiometer Terminal RL is the low end terminal of the potentiometer. It is not required that this terminal be connected to a potential less than the RH terminal. Voltage applied to the RL terminal cannot exceed the supply voltage, VCC or go below ground, GND. RL and RH are electrically interchangeable. CS: Chip Select The chip select input is used to activate the control input of the CAT5113 and is active low. When in a high state, activity on the INC and U/D inputs will not affect or change the position of the wiper.
DEVICE OPERATION
The CAT5113 operates like a digitally controlled potentiometer with RH and RL equivalent to the high and low terminals and RW equivalent to the mecha- nical potentiometer's wiper. There are 100 available tap positions including the resistor end points, RH and RL. There are 99 resistor elements connected in series between the RH and RL terminals. The wiper terminal is connected to one of the 100 taps and controlled by three inputs, INC, U/D and CS. These inputs control a seven-bit up/down counter whose output is decoded to select the wiper position. The selected wiper position can be stored in non-volatile memory using the INC and CS inputs. With CS set LOW the CAT5113 is selected and will respond to the U/D and INC inputs. HIGH to LOW transitions on INC wil increment or decrement the wiper (depending on the state of the U/D input and seven-bit counter). The wiper, when at either fixed terminal, acts like its mechanical equivalent and does not move beyond the last position. The value of the counter is stored in nonvolatile memory whenever CS transitions HIGH while the INC input is also HIGH. When the CAT5113 is powered-down, the last stored wiper counter position is maintained in the nonvolatile memory. When power is restored, the contents of the memory are recalled and the counter is set to the value stored. With INC set low, the CAT5113 may be de-selected and powered down without storing the current wiper position in nonvolatile memory. This allows the system to always power up to a preset value stored in nonvolatile memory.
Doc. No. MD-2009 Rev. Y
2
(c) 2009 SCILLC. All rights reserved. Characteristics subject to change without notice
CAT5113
OPERATION MODES INC High to Low High to Low High Low X CS Low Low Low to High Low to High High U/D High Low X X X Operation Wiper toward H Wiper toward L Store Wiper Position No Store, Return to Standby Standby
ABSOLUTE MAXIMUM RATINGS(1) Parameters Supply Voltage VCC to GND Inputs CS to GND INC to GND U/D to GND H to GND L to GND W to GND Ratings -0.5 to +7 -0.5 to VCC +0.5 -0.5 to VCC +0.5 -0.5 to VCC +0.5 -0.5 to VCC +0.5 -0.5 to VCC +0.5 -0.5 to VCC +0.5 Units V V V V V V V Parameters Operating Ambient Temperature Commercial (`C' or Blank suffix) Industrial (`I' suffix) Junction Temperature Storage Temperature Lead Soldering (10s max) Ratings 0 to 70 -40 to +85 +150 -65 to 150 +300 Units C C C C C
RELIABILITY CHARACTERISTICS Symbol VZAP(2) ILTH(2) (3) TDR NEND Parameter ESD Susceptibility Latch-Up Data Retention Endurance Test Method MIL-STD-883, Test Method 3015 JEDEC Standard 17 MIL-STD-883, Test Method 1008 MIL-STD-883, Test Method 1003 Min 2000 100 100 1,000,000 Typ Max Units V mA Years Stores
DC ELECTRICAL CHARACTERISTICS VCC = +2.5 V to +6 V unless otherwise specified Power Supply Symbol VCC ICC1 ICC2 ISB1(3) Parameter Operating Voltage Range Supply Current (Increment) Supply Current (Write) Supply Current (Standby) VCC = 6 V, f = 1 MHz, IW = 0 VCC = 6 V, f = 250 kHz, IW = 0 Programming, VCC = 6 V VCC = 3 V CS = VCC - 0.3 V U/D, INC = VCC - 0.3 V or GND Conditions Min 2.5 - - - - - Typ - - - - - 0.01 Max 6.0 100 50 1000 500 1 Units V A A A A A
Notes: (1) Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability. (2) (3) (4) (5) This parameter is tested initially and after a design or process change that affects the parameter. Latch-up protection is provided for stresses up to 100 mA on address and data pins from -1 V to VCC + 1 V IW = source or sink These parameters are periodically sampled and are not 100% tested.
(c) 2009 SCILLC. All rights reserved. Characteristics subject to change without notice
3
Doc. No. MD-2009 Rev. Y
CAT5113
Logic Inputs Symbol IIH IIL VIH2 VIL2 Parameter Input Leakage Current Input Leakage Current CMOS High Level Input Voltage CMOS Low Level Input Voltage Conditions VIN = VCC VIN = 0 V 2.5 V VCC 6 V Min - - VCC x 0.7 -0.3 Typ - - - - Max 10 -10 VCC + 0.3 VCC x 0.2 Units A A V V
Potentiometer Characteristics Symbol Parameter Conditions -01 Device RPOT Potentiometer Resistance -10 Device -50 Device -00 Device Pot. Resistance Tolerance VRH VRL INL DNL RWI IW TCRPOT TCRATIO VN CH/CL/CW fc Voltage on RH pin Voltage on RL pin Resolution Integral Linearity Error Differential Linearity Error Wiper Resistance Wiper Current TC of Pot Resistance Ratiometric TC Noise Potentiometer Capacitances Frequency Response Passive Attenuator, 10 k 100 kHz / 1 kHz 8/24 8/8/25 1.7 IW 2 A IW 2 A VCC = 5 V, IW = 1 mA VCC = 2.5 V, IW = 1 mA
(1)
Min
Typ 1 10 50 100
Max
Units
k
20 0 0 1 0.5 0.25 1 0.5 400 1000 -4.4 300 20 4.4 VCC VCC
% V V % LSB LSB mA ppm/C ppm/C nV/Hz pF MHz
Notes: (1) This parameter is not 100% tested.
Doc. No. MD-2009 Rev. Y
4
(c) 2009 SCILLC. All rights reserved. Characteristics subject to change without notice
CAT5113
AC CONDITIONS OF TEST VCC Range Input Pulse Levels Input Rise and Fall Times Input Reference Levels 2.5 V VCC 6 V 0.2VCC to 0.7VCC 10 ns 0.5VCC
AC OPERATING CHARACTERISTICS VCC = +2.5 V to +6.0 V, VH = VCC, VL = 0 V, unless otherwise specified Symbol tCI tDI tID tIL tIH tIC tCPH tCPH tIW tCYC tR, tF tPU
(2) (2)
Parameter CS to INC Setup U/D to INC Setup U/D to INC Hold INC LOW Period INC HIGH Period INC Inactive to CS Inactive CS Deselect Time (NO STORE) CS Deselect Time (STORE) INC to VOUT Change INC Cycle Time INC Input Rise and Fall Time Power-up to Wiper Stable Store Cycle
Min 100 50 100 250 250 1 100 10 - 1 - - -
Typ (1) - - - - - - - - 1 - - - 5
Max - - - - - - - - 5 - 500 1 10
Units ns ns ns ns ns s ns ms s s s ms ms
tWR
A.C. TIMING
CS (store) tCPH 90% 10% tDI U /D tID tF tR 90%
tCI INC
tCYC tIL tIH
tIC
tIW
MI(3)
RW
Notes: (1) Typical values are for TA = 25C and nominal supply voltage. (2) This parameter is periodically sampled and not 100% tested. (3) MI in the A.C. Timing diagram refers to the minimum incremental change in the W output due to a change in the wiper position.
(c) 2009 SCILLC. All rights reserved. Characteristics subject to change without notice
5
Doc. No. MD-2009 Rev. Y
CAT5113
APPLICATIONS INFORMATION
Potentiometer Configuration
(a) resistive divider
(b) variable resistance
(c) two-port
Applications
3
V1 (-)
+ -
1
R3
R4
+5V
+5V
8 2
9
2
R1 RA
6
+5V
8 2 1 DPP 7 4 6
+5V
R2 R1 R2
10
- +
R4
4
A3
8
1 DPP 7
pRPOT
5 3
4 7
8 3
VO
4
(1-p)R POT
11
RB R2
555
CAT5113/5114 V2 (+)
5
- +
7
R3
+2.5V A1 = A2 = A3 = 1/4 LM6064 R2 = R3 = R4 = 5k RPOT = 10k
6
5 2 1
C
0.01F 0.003F
0.01F
Programmable Instrumentation Amplifier
Programmable Sq. Wave Oscillator (555)
IC3A 1/4 74HC132 OSC
2 1 DPP 7 4
7
- +
IC1B
6
VREF = 1V
+5V
8
+200mV
20k
5
10k 0.01F
+ -
VCORR 499k
2
499k +5V
CS
CAT5111/5112 IC2
3
- +
4 1 11
VOUT = 1V 1mV
IC1A
-5V
Sensor
499k
499k
VSENSOR = 1V 50mV
Sensor Auto Referencing Circuit
Doc. No. MD-2009 Rev. Y
6
(c) 2009 SCILLC. All rights reserved. Characteristics subject to change without notice
CAT5113
100k
2 1 DPP CAT5113/5114 7 4
+5V
8
VOUT 2952 SD GND +5V
8 2 1 DPP 7 4 5 3
VO (REG) R1 11k
VIN (UNREG) SHUTDOWN
1F
0.1F
6.8F
FB
1.23V R2 820
330
pR (1-p)R
6 3 5
330
1M
2
+5V
+5V
-
R3 10k
6
7 6 4
A1
10k
2
- +
7 6 4
A2
IS
3
+
VO
3
CAT5113/5114
LT1097
+2.5V
Programmable Voltage Regulator
+5V IC1 393
1
Programmable I to V Convertor
IC2 74HC132 OSC
CLO
- + - +
2
VLL
R1
3
R2
6
10k 0.1F
CHI 7
R3
5
+5V VUL
C1 0.001F 1F VS R1 50k C2
R3 100k
2
+5V
IC3 CAT5111/5112 +5V 6
8 2 1 DPP 7 4 5
+5V
-
0.001F R2 10k
3
7 6 4
+5V
8 2
+
VO
A1
10k
3
VS +2.5V 0 VS 2.5V
Automatic Gain Control
+5V +5V
R1 100k
Serial Bus
CAT5111/5112
7
A2
Programmable Current Source/Sink
(c) 2009 SCILLC. All rights reserved. Characteristics subject to change without notice
7
+
-
+
-
VO AI IC4 0 VO 2.5V
1 DPP 7 4
+2.5V
CAT5113/5114
Programmable Bandpass Filter
R1 100k
- +
VS
2
+5V
-
+2.5V R1 100k R1 100k
3
4 1 11
R 2.5k IS
+
5
+2.5V
6
A1 = A2 = LMC6064A
Doc. No. MD-2009 Rev. Y
CAT5113
PACKAGE OUTLINE DRAWINGS
PDIP 8-Lead 300 mils (L) (1)(2)
SYMBOL
MIN
NOM
MAX
A A1 A2 b
E1
5.33 0.38 2.92 0.36 1.14 0.20 9.02 7.62 6.10 7.87 2.92 3.30 3.30 0.46 1.52 0.25 9.27 7.87 2.54 BSC 6.35 7.11 10.92 3.80 4.95 0.56 1.78 0.36 10.16 8.25
b2 c D E e E1 eB
PIN # 1 IDENTIFICATION D
L
TOP VIEW
E
A
A2
A1 b2 L c
e
b
eB
SIDE VIEW
END VIEW
Notes: (1) All dimensions are in millimeters. (2) Complies with JEDEC Standard MS-001.
Doc. No. MD-2009 Rev. Y
8
(c) 2009 SCILLC. All rights reserved. Characteristics subject to change without notice
CAT5113
SOIC 8-Lead 150 mils (V) (1)(2)
SYMBOL
MIN
NOM
MAX
A A1 b c
E1 E
1.35 0.10 0.33 0.19 4.80 5.80 3.80 1.27 BSC 0.25 0.40 0
1.75 0.25 0.51 0.25 5.00 6.20 4.00 0.50 1.27 8
D E E1 e h L
PIN # 1 IDENTIFICATION TOP VIEW
D
h
A1
A
c e b L
SIDE VIEW
END VIEW
Notes: (1) All dimensions are in millimeters. Angles in degrees. (2) Complies with JEDEC Specification MS-012.
(c) 2009 SCILLC. All rights reserved. Characteristics subject to change without notice
9
Doc. No. MD-2009 Rev. Y
CAT5113
TSSOP 8-Lead 4.4 mm (Y) (1)(2)
b
SYMBOL
MIN
NOM
MAX
A A1 A2 b c
E1 E
1.20 0.05 0.80 0.19 0.09 2.90 6.30 4.30 3.00 6.40 4.40 0.65 BSC 1.00 REF 0.50 0 0.60 0.75 8 0.90 0.15 1.05 0.30 0.20 3.10 6.50 4.50
D E E1 e L L1 1
e
TOP VIEW
D
A2
A
1
c
A1 SIDE VIEW
L1 END VIEW
L
Notes: (1) All dimensions are in millimeters. (2) Complies with JEDEC Standard MO-153
Doc. No. MD-2009 Rev. Y
10
(c) 2009 SCILLC. All rights reserved. Characteristics subject to change without notice
CAT5113
MSOP 8-Lead 3.0 x 3.0 mm (Z) (1)(2)
SYMBOL
MIN
NOM
MAX
A A1 A2 b c D
E E1
1.10 0.05 0.75 0.22 0.13 2.90 4.80 2.90 0.40 3.00 4.90 3.00 0.65 BSC 0.60 0.95 REF 0.25 BSC 0 6 0.80 0.10 0.85 0.15 0.95 0.38 0.23 3.10 5.00 3.10
E E1 e L L1 L2
TOP VIEW
D
A
A2
DETAIL A
A1
e SIDE VIEW
b
c END VIEW
L2 L L1 DETAIL A
Notes: (1) All dimensions are in millimeters. Angles in degrees. (2) Complies with JEDEC Specification MS-187.
(c) 2009 SCILLC. All rights reserved. Characteristics subject to change without notice
11
Doc. No. MD-2009 Rev. Y
CAT5113
EXAMPLE OF ORDERING INFORMATION
Prefix CAT Device # 5113 Suffix V I -10 - G(2)(3) T3
Optional Company ID Product Number 5113
Temperature Range I = Industrial (-40C to 85C) Resistance -01: 1 k -10: 10 k -50: 50 k -00: 100 k
Tape & Reel T: Tape & Reel 3: 3,000/Reel Lead Finish Blank: Matte-Tin G: NiPdAu
Package L: PDIP V: SOIC Y: TSSOP Z: MSOP
Notes: (1) (2) (3) (4) All packages are RoHS-compliant (Lead-free, Halogen-free). The standard lead finish is NiPdAu, except MSOP package is Matte-Tin. Contact factory for Matte-Tin finish availability for PDIP, SOIC and TSSOP packages. This device used in the above example is a CAT5113VI-10-GT3 (SOIC, Industrial Temperature, 10 k, NiPdAu, Tape & Reel, 3,000/Reel).
ORDERING INFORMATION
Orderable Part Number CAT5113LI-01-G CAT5113LI-10-G CAT5113LI-50-G CAT5113LI-00-G CAT5113VI-01-GT3 CAT5113VI-10-GT3 CAT5113VI-50-GT3 CAT5113VI-00-GT3 CAT5113YI-01-GT3 CAT5113YI-10-GT3 CAT5113YI-50-GT3 CAT5113YI-00-GT3 CAT5113ZI-01-T3 CAT5113ZI-10-T3 CAT5113ZI-50-T3 CAT5113ZI-00-T3 Resistance (k) 1 10 50 100 1 10 50 100 1 10 50 100 1 10 50 100 Package-Pins Lead Finish
PDIP-8
NiPdAu
SOIC-8
NiPdAu
TSSOP-8
NiPdAu
MSOP-8
Matte-Tin
Doc. No. MD-2009 Rev. Y
12
(c) 2009 SCILLC. All rights reserved. Characteristics subject to change without notice
CAT5113
REVISION HISTORY
Date 09-Oct-03 10-Mar-04 29-Mar-04 02-Apr-04 08-Apr-04 25-Jan-05 22-Apr-06 01-Jun-07 Rev. M N O P Q R S T Description Revised Features Revised DC Electrical Characteristics Updated Potentiometer Parameters Changed Green Package marking for SOIC from W to V Add 1k version to data sheet Eliminated data sheet designation Updated Tape and Reel specs in Ordering Information Updated Potentiometer Parameters Updated Example of Ordering Information Added Package Outline Added MD- in front of Document No. Update Logic Inputs table Update Application Information (Sensor Auto Referencing Circuit and Programmable Current Source/Sink) Update Package Outline Drawings Update Example of Ordering Information Delete MSOP in NiPdAu plated finish Add Top Mark Codes link Change logo and fine print to ON Semiconductor Update Ordering Information table
15-Feb-08
U
27-Mar-08 20-Nov-08 10-Jul-09
V X Y
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center: Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
(c) 2009 SCILLC. All rights reserved. Characteristics subject to change without notice
13
Doc. No. MD-2009 Rev. Y


▲Up To Search▲   

 
Price & Availability of CAT5113LI-00-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X