Part Number Hot Search : 
AS5115 L200C CDR05 CM1718 TA76432F T4700B C10H1 MB90587
Product Description
Full Text Search
 

To Download BC847BS2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC847BS
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
* * * * * * Ideally Suited for Automated Insertion For Switching and AF Amplifier Applications Ultra-Small Surface Mount Package Lead Free/RoHS Compliant (Note 2) Qualified to AEC-Q101 Standards for High Reliability "Green" Device (Note 4 and 5)
A
SOT-363 Dim A
BC
Min 0.10 1.15 2.00 0.30 1.80 -- 0.90 0.25 0.10 0
Max 0.30 1.35 2.20 0.40 2.20 0.10 1.00 0.40 0.25 8
B C D
Mechanical Data
* * * * * * * * * Case: SOT-363 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Terminal Connections: See Diagram Marking Information: K1F, See Page 2 Ordering & Date Code Information: See Page 2 Weight: 0.006 grams
K
0.65 Nominal
H M
F H J K
D F L
J
C2 B1
L M
E1
All Dimensions in mm
E2 B2 C1
Maximum Ratings
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Peak Collector Current Peak Base Current Power Dissipation
@TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC ICM IBM (Note 1) (Note 1) Pd RJA Tj, TSTG Value 50 45 5.0 100 200 200 200 500 -65 to +150 Unit V V V mA mA mA mW C/W C
Characteristic
Thermal Resistance, Junction to Ambient Operating and Storage Temperature Range
Electrical Characteristics
Characteristic DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter Voltage Collector Cutoff Current Emitter Cutoff Current Gain Bandwidth Product Collector-Base Capacitance Emitter-Base Capacitance
Notes:
@TA = 25C unless otherwise specified Symbol (Note 3) (Note 3) (Note 3) (Note 3) (Note 3) (Note 3) hFE VCE(SAT) VBE(SAT) VBE ICBO ICBO IEBO fT CCBO CEBO Min 200 -- -- 580 -- -- 100 -- -- Typ -- -- -- 755 665 -- -- -- -- 2.0 11 Max 450 100 400 -- 700 15 5.0 100 -- 3.0 -- Unit -- mV mV mV nA A nA MHz pF pF Test Condition VCE = 5.0V, IC = 2.0mA IC = 10mA, IB = 0.5mA IC = 100mA, IB = 5.0mA IC = 10mA, IB = 0.5mA VCE = 5.0V, IC = 2.0mA VCB = 30V, IE = 0 VCB = 30V, Tj = 125C VEB = 5.0V, IC = 0 VCE = 5.0V, IC = 10mA, f = 100MHz VCB = 10V, f = 1.0MHz VEB = 0.5V, f = 1.0MHz
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. No purposefully added lead. 3. Short duration pulse test used to minimize self-heating effect. 4. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. 5. Product manufactured with Date Code UO (week 40, 2007) and newer are built with Green Molding Compound. Product manufactured prior to Date Code UO are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30222 Rev. 12 - 2
1 of 3 www.diodes.com
BC847BS
(c) Diodes Incorporated
250
1,000
Pd, POWER DISSIPATION (mW)
200
hFE, DC CURRENT GAIN 100
150
100
10
50
0 0 120 40 80 160 TA, AMBIENT TEMPERATURE (C) Fig. 1 Power Derating Curve 200
1 0.01 0.1 1.0 10 100 IC, COLLECTOR CURRENT (mA) Fig. 2 Typical DC Current Gain vs. Collector Current
0.5 VCE, COLLECTOR SATURATION VOLTAGE (V)
1,000 fT, GAIN BANDWIDTH PRODUCT (MHz)
TA = 25 C
0.4
VCE = 10V
5V
2V
0.3
100
0.2
0.1
0 0.1
10 1.0 10 100 IC, COLLECTOR CURRENT (mA) Fig. 4 Typical Gain Bandwidth Product vs. Collector Current 0.1
1.0 10 100 IC, COLLECTOR CURRENT (mA) Fig. 3 Typical Collector Saturation Voltage vs, Collector Current
Ordering Information
Device BC847BS-7-F
Notes: 6.
(Note 6) Packaging SOT-363 Shipping 3000/Tape & Reel
For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
K1F = Product Type Marking Code YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
K1F YM
Date Code Key Year Code Month Code DS30222 Rev. 12 - 2 1998 J Jan 1 1999 K Feb 2 2000 L 2001 M Mar 3
YM K1F
2002 N Apr 4
2003 P May 5
2004 R Jun 6 2 of 3
2005 S
2006 T Jul 7
2007 U Aug 8
2008 V Sep 9
2009 W Oct O
2010 X
2011 Y Nov N
2012 Z Dec D
BC847BS
(c) Diodes Incorporated
www.diodes.com
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30222 Rev. 12 - 2
3 of 3 www.diodes.com
BC847BS
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of BC847BS2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X