Part Number Hot Search : 
3638A 2220A FH22NJ CMZ5342 5310F STLC5465 MPC83 KSZ8995X
Product Description
Full Text Search
 

To Download BC846AS-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC846AS
DUAL NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
Please click here to visit our online spice models database.
Features
* * * * * Ideally Suited for Automatic Insertion For Switching and AF Amplifier Applications Complementary PNP Type Available (BC856AS) Lead Free/RoHS Compliant (Note 1) "Green" Device (Note 4 and 5)
A
SOT-363
BC
NEW PRODUCT
Dim A B C D
M
Min 0.10 1.15 2.00 0.30 1.80 0.90 0.25 0.10 0
Max 0.30 1.35 2.20 0.40 2.20 0.10 1.00 0.40 0.25 8
Mechanical Data
* * * * * * * * Case: SOT-363 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Terminal Connections: See Diagram Marking Information: See Page 3 Ordering & Date Code Information: See Page 3 Weight: 0.006 grams (approximate)
H K
0.65 Nominal
F H J K L M
J
C1 B2
D
E2
F
L
6
5
4
*
1
E1
2
B1
3
C2
All Dimensions in mm
Maximum Ratings
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Peak Collector Current Peak Emitter Current Power Dissipation
@TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC ICM IEM Pd RJA Tj, Tstg Value 80 65 6.0 100 200 200 200 625 -65 to +150 Unit V V V mA mA mA mW C/W C
Characteristic
(Note 2) (Note 2)
Thermal Resistance, Junction to Ambient Operating and Storage Temperature Range
Electrical Characteristics
Characteristic Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter Voltage Collector-Cutoff Current Gain Bandwidth Product Collector-Base Capacitance
Notes:
@TA = 25C unless otherwise specified Symbol (Note 3) V(BR)CBO (Note 3) V(BR)CEO (Note 3) V(BR)EBO (Note 3) hFE (Note 3) (Note 3) (Note 3) (Note 3) VCE(SAT) VBE(SAT) VBE(ON) ICES ICBO ICBO fT CCB Min 80 65 6 110 -- -- 580 -- -- -- -- 100 -- Typ -- -- -- -- 90 200 700 900 660 -- -- -- -- -- 2.0 Max -- -- -- 220 250 600 -- 700 770 15 15 5.0 -- -- Unit V V V -- mV mV mV nA nA A MHz pF Test Condition IC = 10A, IB = 0 IC = 10mA, IB = 0 IE = 1A, IC = 0 VCE = 5.0V, IC = 2.0mA IC = 10mA, IB = 0.5mA IC = 100mA, IB = 5.0mA IC = 10mA, IB = 0.5mA IC = 100mA, IB = 5.0mA VCE = 5.0V, IC = 2.0mA VCE = 5.0V, IC = 10mA VCE = 80V VCB = 40V VCB = 30V, TA = 150C VCE = 5.0V, IC = 10mA, f = 100MHz VCB = 10V, f = 1.0MHz
1. No purposefully added lead. 2. Device mounted on FR-4 PCB, pad layout as shown on page 3 or on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 3. Short duration pulse test used to minimize self-heating effect. 4. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. 5. Product manufactured with Date Code UO (week 40, 2007) and newer are built with Green Molding Compound. Product manufactured prior to Date Code UO are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30833 Rev. 7 - 2
1 of 3 www.diodes.com
BC846AS
(c) Diodes Incorporated
250
0.16
PD, POWER DISSIPATION (mW)
IC, COLLECTOR CURRENT (A)
200
0.12
150
NEW PRODUCT
0.08
100
0.04
50
0
0
0
75 25 50 100 125 TA, AMBIENT TEMPERATURE (C) Fig. 1 Power Derating Curve (Note 2)
150
0
2 4 6 8 10 VCE, COLLECTOR EMITTER VOLTAGE (V)
DS30833 Rev. 7 - 2
2 of 3 www.diodes.com
BC846AS
(c) Diodes Incorporated
20
200 FT, GAIN-BANDWIDTH PRODUCT (MHz)
16 CAPACITANCE (pF)
190
VCE = 5V
12
180
NEW PRODUCT
8
170
4
160
0 0 2 4 6 8 10 VR, REVERSE VOLTAGE (V) Fig. 7 Typical Capacitance Characteristics
150 0 10 20 30 40 50 60 70 80 90 100 IC, COLLECTOR CURRENT (mA) Fig. 8 Typical Gain-Bandwidth Product vs. Collector Current
Ordering Information
Device BC846AS-7
Notes: 6.
(Note 6) Packaging SOT-363 Shipping 3000/Tape & Reel
For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
KNS YM
Data Code Key Year Code Month Code Jan 1 2007 U Feb 2 Mar 3 2008 V Apr 4 DS30833 Rev. 7 - 2
YM KNS
2009 W May 5
KNS = Product Type Marking Code YM = Date Code Marking Y = Year ex: U = 2007 M = Month ex: 9 = September
2010 X Jun 6 Jul 7 Aug 8 Sep 9
2011 Y Oct O Nov N
2012 Z Dec D
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
3 of 3 www.diodes.com
BC846AS
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of BC846AS-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X