Part Number Hot Search : 
DTA12 AD797BR 10C12A Q9012 AEP15024 C87F7032 AOXYY C87F7032
Product Description
Full Text Search
 

To Download BAS70W08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAS70W /-04 /-05 /-06
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Please click here to visit our online spice models database.
Features
* * * * * * Low Turn-on Voltage Fast Switching PN Junction Guard Ring for Transient and ESD Protection Ultra-Small Surface Mount Package Lead Free/RoHS Compliant (Note 3) "Green" Device (Note 4 and 5)
Mechanical Data
* * * * * * * * * Case: SOT-323 Case Material: Molded Plastic, "Green" Molding Compound, Note 5. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020D Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Polarity: See Diagrams Below Marking Information: See Page 2 Ordering Information: See Page 2 Weight: 0.006 grams (approximate)
Top View
BAS70W
BAS70W-04
BAS70W-05
BAS70W-06
Maximum Ratings
@TA = 25C unless otherwise specified Symbol VRRM VRWM VR VR(RMS) IF IFSM Value 70 49 70 100 Unit V V mA mA
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Non-Repetitive Peak Forward Surge Current
@ tp < 1.0s
Thermal Characteristics
Characteristic Power Dissipation (Note 1) Thermal Resistance Junction to Ambient Air (Note 1) Operating Temperature Range Storage Temperature Range Symbol PD RJA TJ TSTG Value 200 625 -55 to +125 -65 to +150 Unit mW C/W C C
Electrical Characteristics
Characteristic Reverse Breakdown Voltage (Note 2) Forward Voltage Reverse Current (Note 2) Total Capacitance Reverse Recovery Time
Notes:
@TA = 25C unless otherwise specified Symbol V(BR)R VF IR CT trr Min 70 -- -- Max -- 410 1000 100 2.0 5.0 Unit -- mV nA pF ns Test Condition IR = 10A tp <300s, IF = 1.0mA tp <300s, IF = 15mA tp < 300s, VR = 50V VR = 0V, f = 1.0MHz IF = IR = 10mA to IR = 1.0mA, Irr = 0.1 x IR, RL = 100
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration pulse test used to minimize self-heating effect. 3. No purposefully added lead. 4. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. 5. Product manufactured with Date Code 0627 (week 27, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date Code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
BAS70W /-04 /-05 /-06
Document number: DS30113 Rev. 13 - 2
1 of 3 www.diodes.com
July 2008
(c) Diodes Incorporated
BAS70W /-04 /-05 /-06
IF, INSTANTANEOUS FORWARD CURRENT (mA)
TA = 125C TA = 75C T A = 25C
IR, INSTANTANEOUS REVERSE CURRENT (nA)
100
10,000
1,000
10
100
10
1.0
1
TA = 0C
0.1 0
TA = -40C
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 1 Typical Forward Characteristics
0.1 0
10 20 30 40 50 60 70 VR, INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 2 Typical Reverse Characteristics
1.8 1.6
250
PD, POWER DISSIPATION (mW)
0 35 20 30 40 25 10 15 VR, DC REVERSE VOLTAGE (V) Fig. 3 Total Capacitance vs. Reverse Voltage 5
CT, TOTAL CAPACITANCE (pF)
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0
200
150
100
50
0 0 40 80 160 120 200 TA, AMBIENT TEMPERATURE (C) Fig. 4 Power Derating Curve, Total Package
Ordering Information
Part Number BAS70W-7-F BAS70W-04-7-F BAS70W-05-7-F BAS70W-06-7-F
Notes:
(Notes 5 & 6) Case SOT-323 SOT-323 SOT-323 SOT-323 Packaging 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Kxx = Product Type Marking Code K73 = BAS70W K74 = BAS70W-04 K75 = BAS70W-05 K76 = BAS70W-06 YM = Date Code Marking Y = Year (ex: N = 2002) M = Month (ex: 9 = September) 2008 V Jun 6 2009 W Jul 7 2010 X Aug 8 2011 Y Sep 9 2012 Z 2013 A Oct O 2014 B Nov N 2015 C Dec D July 2008
(c) Diodes Incorporated
Kxx
Date Code Key Year 2002 Code N Month Code Jan 1
2003 P Feb 2
2004 R Mar 3
2005 S
2006 T Apr 4
2007 U May 5
BAS70W /-04 /-05 /-06
Document number: DS30113 Rev. 13 - 2
2 of 3 www.diodes.com
YM
BAS70W /-04 /-05 /-06 Package Outline Dimensions
A
TOP VIEW
BC
G H K M
J
D
F
L
SOT-323 Dim Min Max Typ A 0.25 0.40 0.30 B 1.15 1.35 1.30 C 2.00 2.20 2.10 D 0.65 F 0.30 0.40 0.425 G 1.20 1.40 1.30 H 1.80 2.20 2.15 J 0.0 0.10 0.05 K 0.90 1.00 1.00 L 0.25 0.40 0.30 M 0.10 0.18 0.11 0 8 All Dimensions in mm
Suggested Pad Layout
Y Z C
Dimensions Value (in mm) Z 2.8 X 0.7 Y 0.9 C 1.9 E 1.0
X
E
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
BAS70W /-04 /-05 /-06
Document number: DS30113 Rev. 13 - 2
3 of 3 www.diodes.com
July 2008
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of BAS70W08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X