Part Number Hot Search : 
2SA15 2SK2390 STPCC H01N60SI TA25A 0512CM MSK690B SDA113C
Product Description
Full Text Search
 

To Download B370 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 
Green
B370 - B3100
3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Features
* * * * * * Guard Ring Die Construction for Transient Protection Low Power Loss, High Efficiency Surge Overload Rating to 100A Peak For Use in Low Voltage, High Frequency Inverters, Free Wheeling, and Polarity Protection Application Lead Free Finish/RoHS Compliant (Note 1) Green Molding Compound (No Halogen and Antimony) (Note 2)
Mechanical Data
* * * * * * Case: SMC Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020 Terminals: Lead Free Plating (Matte Tin Finish). Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band or Cathode Notch Weight: 0.21 grams (approximate)
Top View
Bottom View
Ordering Information (Note 3)
Part Number* B3x0-13-F
* x = Device type, e.g. B380-13-F (SMC package). Notes: 1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes. 2. Product manufactured with Data Code 0924 (week 24, 2009) and newer are built with Green Molding Compound. 3. For packaging details, go to our website at http://www.diodes.com.
Case SMC
Packaging 3000/Tape & Reel
Marking Information
YWW B3x0
B3x0 = Product type marking code, ex: B380 (SMC package) = Manufacturers' code marking YWW = Date code marking Y = Last digit of year (ex: 2 for 2002) WW = Week code (01 to 53) Note: B3100 marking code is B3100
B370 - B3100
Document number: DS30020 Rev. 13 - 2
1 of 4 www.diodes.com
September 2010
(c) Diodes Incorporated
B370 - B3100
Maximum Ratings @TA = 25C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitance load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @ TT = 90C Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Symbol VRRM VRWM VR VR(RMS) IO IFSM B370 70 49 B380 80 56 3.0 100 B390 90 63 B3100 100 70 Unit V V A A
Thermal Characteristics
Characteristic Typical Thermal Resistance Junction to Terminal Operating Temperature Range Storage Temperature Range Symbol RJT TJ TSTG Value 10 -55 to +125 -55 to +150 Unit C/W C C
Electrical Characteristics
Characteristic Forward Voltage Drop Leakage Current (Note 4) Total Capacitance
Notes:
@TA = 25C unless otherwise specified Symbol VF IR CT Min -
Typ -
Max 0.79 0.69 0.5 20 100
Unit V mA pF
-
-
Test Condition IF = 3.0A, TA = 25C IF = 3.0A, TA = 100C @ Rated VR, TA = 25C @ Rated VR, TA = 100C VR = 4V, f = 1MHz
4. Short duration pulse test used to minimize self-heating effect.
IF, INSTANTANEOUS FORWARD CURRENT (A)
10
1,000
1.0
CT, TOTAL CAPACITANCE (pF)
TJ = 25C IF Pulse Width = 300s
100
0.1
0.01 0 0.2 0.4 0.6 0.8 1.0 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 1 Typical Forward Characteristics
10 0.1 1 10 100 VR, DC REVERSE VOLTAGE (V) Fig. 2 Total Capacitance vs. Reverse Voltage
B370 - B3100
Document number: DS30020 Rev. 13 - 2
2 of 4 www.diodes.com
September 2010
(c) Diodes Incorporated
B370 - B3100
2.5
IFSM, PEAK FORWARD SURGE CURRENT (A)
3.0 IF(AV), AVERAGE FORWARD CURRENT (A)
100
80
2.0
60
1.5
40
1.0
20
0.5 0 25 50 75 100 125 150 TT, TERMINAL TEMPERATURE (C) Fig. 3 Forward Current Derating Curve
0 10 100 NUMBER OF CYCLES AT 60 Hz Fig. 4 Max Non-Repetitive Peak Forward Surge Current 1
Package Outline Dimensions
B
SMC Dim Min Max A 5.59 6.22 B 6.60 7.11 C 2.75 3.18 D 0.15 0.31 E 7.75 8.13 G 0.10 0.20 H 0.76 1.52 J 2.00 2.50 All Dimensions in mm
A
C
D
J
H
G E
Suggested Pad Layout
Dimensions Value (in mm) Z G X Y C 9.3 4.4 3.3 2.5 6.8
B370 - B3100
Document number: DS30020 Rev. 13 - 2
3 of 4 www.diodes.com
September 2010
(c) Diodes Incorporated
B370 - B3100
IMPORTANT NOTICE DIODES INCORPORATED MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARDS TO THIS DOCUMENT, INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION). Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to this document and any product described herein. Diodes Incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does Diodes Incorporated convey any license under its patent or trademark rights, nor the rights of others. Any Customer or user of this document or products described herein in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on Diodes Incorporated website, harmless against all damages. Diodes Incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales channel. Should Customers purchase or use Diodes Incorporated products for any unintended or unauthorized application, Customers shall indemnify and hold Diodes Incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized application. Products described herein may be covered by one or more United States, international or foreign patents pending. Product names and markings noted herein may also be covered by one or more United States, international or foreign trademarks. LIFE SUPPORT Diodes Incorporated products are specifically not authorized for use as critical components in life support devices or systems without the express written approval of the Chief Executive Officer of Diodes Incorporated. As used herein: A. Life support devices or systems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. B. A critical component is any component in a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or to affect its safety or effectiveness.
Customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support devices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning their products and any use of Diodes Incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or systems-related information or support that may be provided by Diodes Incorporated. Further, Customers must fully indemnify Diodes Incorporated and its representatives against any damages arising out of the use of Diodes Incorporated products in such safety-critical, life support devices or systems. Copyright (c) 2010, Diodes Incorporated www.diodes.com
B370 - B3100
Document number: DS30020 Rev. 13 - 2
4 of 4 www.diodes.com
September 2010
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of B370

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X