Part Number Hot Search : 
24C16 MJD32C MSZ52 LM783 1206S 1206S MIC5206 FFM1600W
Product Description
Full Text Search
 

To Download AZ9402-1C-18D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ9402
10 AMP MINIATURE POWER RELAY
FEATURES * * * * * 10 Amp switching capability SPST-N.O. and SPDT configurations Epoxy sealed version available UL, CUR E44211 TUV pending GENERAL DATA CONTACTS
Arrangement Ratings SPST N.O. (1 Form A) SPDT (1 Form C) Resistive load: Max. switched power: 150 W or 1250 VA N.O. Max. switched current:10 A Max. switched voltage: 30 VDC* or 277 VAC
*Note: If switching voltage is greater than 30 VDC, special precautions must be taken. Please contact the factory.
Life Expectancy Mechanical Electrical Operate Time (max.) Release Time (max.)
Minimum operations 1 x 107 1 x 105 at 10 A 120 VAC Res. 8 ms at nominal coil voltage 5 ms at nominal coil voltage (with no coil suppression)
Dielectric Strength 1000 Vrms contact to contact (at sea level for 1 min.) 4000 Vrms contact to coil Insulation Resistance Dropout Ambient Temperature Operating Storage 1 x 109 ohms minimum at 500 VDC Greater than 5% of nominal coil voltage At nominal coil voltage -40C (-40F) to 70C (158F) -40C (-40F) to 130C (266F) 0.062" DA at 10-55 Hz
UL, CUR
5A at 250 VAC 10A at 125 VAC 4.2A at 277 VAC 1/4 HP at 120/240/277 VAC TV- 5 at 120 VAC Pilot Duty at 24 VA, 24 VAC ;125 VA at 120/240/277 VAC ; C150 at 120 VAC
Vibration Shock Mechanical
100 g for 11 ms 1/2 sine pulse P.B.T. polyester Tinned copper alloy, P.C. 270C (518F) 5 seconds 80C (176F) 30 seconds 7 grams
TUV Material Resistance
5A at 250 VAC 5A at 28 VDC Silver Nickel
Enclosure Terminals Max. Solder Temp.
< 0.1 Ohm (24 V, 1 A voltage drop method)
Max. Solder Time Max. Solvent Temp.
COIL
Power At Pickup Voltage (typical) Max. Continuous Dissipation Temperature Rise Temperature 253 mW (Standard Coil) 113 mW (Sensitive Coil) 1.25 W at 20C (68F) 40C (72F) (Standard Coil) 20C (36F) (Sensitive Coil) Max. 105C (221F)
Max. Immersion Time Weight
NOTES
1. All values at 20C (68F). 2. Relay may pull in with less than "Must Operate" value. 3. Specifications subject to change without notice.
4/02/09W
AZ9402
RELAY ORDERING DATA
COIL SPECIFICATIONS - Standard Coil (SPDT and SPST)
Nominal Coil VDC 3 5 6 9 12 18 24
*Add suffix "E" for sealed version
ORDER NUMBER* Coil Resistance 10% 20 56 80 180 320 720 1280 SPST-NO AZ9402-1A-3D AZ9402-1A-5D AZ9402-1A-6D AZ9402-1A-9D AZ9402-1A-12D AZ9402-1A-18D AZ9402-1A-24D SPDT AZ9402-1C-3D AZ9402-1C-5D AZ9402-1C-6D AZ9402-1C-9D AZ9402-1C-12D AZ9402-1C-18D AZ9402-1C-24D
Must Operate VDC 2.25 3.75 4.5 6.75 9.0 13.5 18.0
Max. Continuous VDC 3.3 5.5 6.6 9.9 13.2 19.8 26.4
COIL SPECIFICATIONS - Sensitive Coil (SPST)
Nominal Coil VDC 3 5 6 9 12 18 24 Must Operate VDC 2.25 3.75 4.5 6.75 9.0 13.5 18.0 Max. Continuous VDC 3.3 5.5 6.6 9.9 13.2 19.8 26.4 Coil Resistance 10% 45 125 180 405 720 1620 2880
ORDER NUMBER** Unsealed AZ9402-1A-3DS AZ9402-1A-5DS AZ9402-1A-6DS AZ9402-1A-9DS AZ9402-1A-12DS AZ9402-1A-18DS AZ9402-1A-24DS Sealed AZ9402-1A-3DSE AZ9402-1A-5DSE AZ9402-1A-6DSE AZ9402-1A-9DSE AZ9402-1A-12DSE AZ9402-1A-18DSE AZ9402-1A-24DSE
MECHANICAL DATA
PC BOARD LAYOUT
.807 max. [20.50] .417 max. [10.59] .054 [1.36] .400 [10.16] .300 [7.62] .058 [1.49]
.300 [7.62] .614 max. [15.60] .016 [0.40] 5 x o.051 [o1.3] .100 [2.54]
*
*omitted from Form A
5 x.150 [3.8]
WIRING DIAGRAM
FORM A
5 x.031 [0.8]
5 x.012.005 [0.310.12]
FORM C VIEWED TOWARD TERMINALS
Dimensions in inches with metric equivalents in parentheses. Tolerance: .010"
4/2/09W


▲Up To Search▲   

 
Price & Availability of AZ9402-1C-18D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X