Part Number Hot Search : 
MV358T ASI10603 20ETTTS CMC293 JSCB3 DRA4124T SE336 SD511
Product Description
Full Text Search
 

To Download APP-SR1-PCU-C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
1120205017 Active
applicom(R) PCU1000, 1 Serial RS485/RS422 port, PCI 3.3V/5V bus (PCI-X compatible), RoHS compliant
Documents: Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family Series Approvals Comments Network Interface 112020 N/A Serial: - Allen-Bradley - DF1. - GE Fanuc - SNP-X. Elsag Bailey - Data Link. - Moeller - SucomA. - Omron - Sysmac Way. - Saia Burgess - S-Bus. - Schneider Modbus, Uni-Telway. - Siemens - 3964/3964R, AS511, PPI /PPI+, TI-Dir 50 to 38,400 pbs N/A applicom(R) Serial Serial Card image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance?
Series
Communication Speed Mounting Style Product Name Protocol Type
Physical
Channels Interface Network Connection Type Packaging Type Processor Temperature Range - Operating 1 RS485/RS422 D-Sub Female (9 pin) Carton AMD SC520 0C to +70C
Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Electrical
EMC Supply Voltage N/A 5.5W
Search Parts in this Series 112020Series
Material Info
Old Part Number APP-SR1-PCU-C
Reference - Drawing Numbers
Sales Drawing APP-SERIAL
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
These network interface cards allow connecting your computer to Serial Industrial Networks. BradCommunicationsTM applicom(R) is the easiest and trouble free solution to quickly connect your visualization application to the industrial world.
Serial Network Interface Cards
Best choice for SCADA/HMI applications
Features * NEW! PCI Express form factor * * * *
1, 2 or 4 Serial ports Large choice of Serial protocols, all included in the package. Certified with more than 50 SCADA/HMI packages On-board processor eliminates data bottle necks, ensuring delivery of time critical information Electrical Interfaces available:
RS232C RS485 / RS422 Current Loop Profibus RS485 all with or without galvanic insulation (opto couplers)
applicom PCI2000 card applicom PCI4000 card (RoHS)
(R)
(R)
*
applicom PCU1000 card (RoHS + 3.3V)
(R)
* * *
Speed: 50 to 38.400 Kbps Embedded Database (32 Kwords + 32 Kbits) Gateway feature with PCI4000 Serial Serial Serial Profibus Complete and user-friendly package:
All components in the box software+hardware
Overview
applicom is a range of intelligent communication solutions, complete and ready to use covering more than 40 protocols among a wide choice of industrial networks and fieldbuses: Ethernet TCP/IP, Profibus, Modbus Plus, Data Highway Plus, WorldFIP and Serial Links. These solutions connect your PC-based applications (HMI, SCADA, MES, Custom applications) to industrial equipment (programmable controller, I/O modules, devices...). Thanks to applicom smart technology - built-in processor, each interface card is able to execute all management and the processing (polling, frame management, etc.) of communications protocols, resulting in extremely fast, efficient application performance. The applicom software package includes: Graphical configuration software. Test and network diagnostic tools. Data servers OPC DA v1.0a, v2.05 and v3.0 (including an OPC client with its source code) Wonderware I/O Server (DAServer, DDE, FastDDE, SuiteLink) Development libraries DLL Library MS Visual Studio (.NET/C#/VB/C++/C), Borland Delphi National Instruments (LabWindows CVI, LabVIEW/VI)
(R) (R) (R)
*
2 years of hardware warranty Local technical support with worldwide representation 1 driver / 1 configuration tool for all protocols Graphical User Interface
Supported OS
Standard package
*
Windows 32-bit (Vista / XP / 2003 Server)
Free Download
*
Windows XP Embedded, VenturCom RTX, VxWorks, QNX, Linux, DOS
- Configuration Software -
- OPC Server -
Technical Specifications
applicom(R) PCU1000 (3.3V / 5V)
applicom(R) PCIE1000
(RJ45 port is not usable)
(RJ45 port is not usable)
Key Benefits * Universal PCI 3.3 V / 5V (PCI-X compatible) * RoHS compliant * On-board processor Hardware Unit Processor Memory Flash Memory Interruption DPRAM Address Discrete Input Discrete Output Dimensions (LxW) Consumption Operating T Storage T EMC Compliance RoHS Compliant Communication port Port type Connector LED Indicators Electrical Interface Baud Rate:
(1)
* PCI Express 1x * RoHS compliant * On-board processor
PCI Universal (3.3V / 5V), Short card, single slot AMD SC520 - 133 MHz 16 Mbytes 4 Mbytes Hardware Plug&Play Hardware Plug&Play (32 Kbytes) Opto-coupled discrete input, Voltage -> +10 to +30 DC or 24 V AC (50-60 Hz) Watchdog output contact free from potential, (floating) (24V DC, 0.25A)
PCI Express 1x, v1.0a AMD SC520 - 133 MHz 16 Mbytes 4 Mbytes Hardware Plug&Play Hardware Plug&Play (32 Kbytes) Opto-coupled discrete input Voltage -> DC +10 to +30 or AC 24 V (50 to 60 Hz) Watchdog output contact free from potential, (floating) (24V DC, 0.25A) 168mm x 107mm (6.61" x 4.21") 5.5 W 0 C (32 F) +70 C (149 F) -40 C (-40 F) +85 C (185) Yes, Industrial and Office use Yes
168mm x 107mm (6.61" x 4.21")
5.5 W 0 C (32 F) +70 C (149 F) -40 C (-40 F) +85 C (185) Yes, Industrial and Office use Yes
1 Asynchronous Serial port D-Sub, 9 pin, male 2 leds: TX / RX RS485/422, galvanic insulation (500 V) 50 bps 38400 bps
1 Asynchronous Serial port D-Sub, 9 pin, male 2 leds: TX / RX RS485/422, galvanic insulation (500 V) 50 bps 38400 bps
(1): Also available on option: RS232 (2 or 6 wires), Current Loop 20mA by modifying the daughter card electrical interface.
Technical Specifications
applicom(R) PCI2000 (5V)
applicom(R) PCI4000 (5V)
Key Benefits * On-board processor * Gateway feature on 2 ports version * * * * RoHS compliant On-board processor Gateway on 2 ports Mixed up to 4 Serial or Profibus(2) ports
Hardware Unit Processor Memory Flash Memory Interruption DPRAM Address Discrete Input Discrete Output Dimensions (LxW) Consumption Operating T Storage T EMC Compliance RoHS Compliant Communication port Port type Connector LED Indicators Electrical Interface Baud Rate:
(3)
PCI (5V), short card, single slot Intel 80386EX - 24 MHz 4 Mbytes Hardware Plug&Play Hardware Plug&Play (2 Kbytes) 145 x 106mm (5.70" x 4.17") 4W 0 C (32 F) +70 C (158 F) -40 C (-40 F) +80 C (176) Yes, Industrial and Office use No -
PCI (5V), short card, single slot Intel 80386EX - 24 MHz 4 Mbytes
Hardware Plug&Play Hardware Plug&Play (32 Kbytes)
175 x 107mm (6.89" x 4.21") 4W 0 C (32 F) +70 C (158 F) -40 C (-40 F) +80 C (176) Yes, Industrial and Office use Yes
2 Asynchronous Serial ports D-Sub, 9 pin, male 2 leds: TX / RX RS485/422, galvanic insulation (500 V) 50 38400 bps
4 Asynchronous Serial or Profibus
(4)
ports
D-Sub, 37 pin, male (see Remote Serial Splitter Box accessories). On Remote Serial Splitter Box RS485/422 50 bps 38400 Kbps
(2): Profibus ports available via Remote Serial Panels BX4010 or BX4010R. (3): Also available on option: RS232 (2 or 6 wires), Current Loop 20mA by modifying the daughter card electrical interface. (4): 1x500 Kbps Profibus port + 3x9600 bps Serial ports or 2x187.5 Kbps Profibus port + 2x9600 bps Serial ports
Serial Network Interface Cards
Accessories for applicom(R) PCI-4000 card Remote Serial Splitter Boxes
BR4000 Format: Port Type: Dimensions (LxWxH): Junction cable: Operating T: Storage T: Desktop version 4 Serial ports, 9 pin, D-Sub male 185 x 110 x 30 mm (7.28 x 4.33 x 1.18") 1.5m (4.92") 0 C (32 F) +65 C (149 F) -40 C (-40 F) +80 C (176)
A variety of remote serial splitter boxes are available to split the D-Sub 37 pin port of the applicom(R) PCI-4000 card into 4 D-Sub distinct ports. A junction cable is used to connect the card to the remote panel.
BX4010 Format: Port Type: Dimensions (LxWxH): Junction cable: Operating T: Storage T: LED Indicators: Power supply: BX4010R Format: Port Type: Dimensions (LxWxH): Junction cable: Operating T: Storage T: LED Indicators: Power supply: 1U-19" rack version with galvanic insulation (2500V) based on opto couplers 4 Serial ports, 9 pin, D-Sub male 483 x 200 x 45 mm (19.02 x 7.87 x 1.77") 1.5m (4.92") 0 C (32 F) +65 C (149 F) -40 C (-40 F) +80 C (176) 2 leds: TX / RX 110/V / 230V AC (internal switch) Desktop version with galvanic insulation (2500V) based on opto couplers 4 Serial ports, 9 pin, D-Sub male 275 x 175 x 67 mm (10.83 x 6.89 x 2.64") 1.5m (4.92") 0 C (32 F) +65 C (149 F) -40 C (-40 F) +80 C (176) 2 leds: TX / RX 110V / 230V AC (internal switch)
Serial Network Interface Cards
Protocols (all included with the package)
Serial
* * * * * * * * * * * * * Allen-Bradley - DF1 (PLC-5 and SLC Series) GE Fanuc / Alstom - SNPX (90-XX and 80-XX Series) Elsag Bailey - Data Link (5000 & 2000 Series) Modbus RTU / ASCII Moeller Group - SucomA (PS32, PS316 Series) Omron - Sysmac Way Saia Burgess - S-Bus (PCD Series) Siemens - 3964/3964R Free or RK512 Siemens - AS511 (S5 Series) Siemens - PPI / PPI+ (S7-200 Series) Siemens - TI-Dir (TI-505 Series) Schneider Electric - Uni-Telway (TSX 17, 37, 57) Development toolkit for Serial protocols Profibus-DP FDL S5 (Simatic S5 95U, 115U, 135U, 155U) Siemens - S7 / MPI (S7-300, S7-400 Series) FDL Send/Receive Profibus-FMS (on request) M, C / S M M M/S M M M M, C / S M M M M / S, C / S M/S M M M C/S M, C / S
Profibus
* * * * *
M: Master, S: Slave, C: Client, S: Server
Ordering Information
Part Number
APP-SR1-PCU-C APP-SR1-PCIE APP-SR2-PCI-C APP-SR4-PCI-C APP-INT-232-N APP-INT-232-G APP-INT-485-N APP-INT-485-G APP-INT-CL2-N APP-INT-PFB-G APP-SBX-BRD APP-SBX-BXD APP-SBX-BXR
(1)
SAP
(R)
Product description
applicom PCU1000, 1 Serial RS485/RS422 port, PCI 3.3V/5V bus (PCI-X compatible), RoHS compliant applicom PCIE1000, 1 Serial RS485/RS422 port, PCI Express 1x, RoHS compliant applicom PCI2000, 2 Serial RS485/RS422 ports, PCI 5V bus, RoHS compliant applicom PCI4000, 4 Serial RS485/RS422 ports, PCI 5V bus, RoHS compliant
(R) (R) (R)
1120205017 1120205018 1120200003 1120200004
1120260003 RS232 electrical interface without galvanic insulation 1120260002 1x RS232 electrical interface with galvanic insulation 1120260005 2x RS485/RS422 electrical interface without galv. insulation 1120260004 1x RS485/RS422 electrical interface with galvanic insulation 1120260007 Current Loop 20 mA electrical interface (passive) (2 units) 1120170001 1x Profibus 485 electrical interface with galvanic insulation 1120320001 1120320002 1120320007 BR4000 Remote Serial Splitter Box, desktop version, 4 ports BX4010 Remote Serial Splitter Box, desktop version, 4 ports, galvanic insulation
(1)
BX4010R Remote Serial Splitter Box, 19" 1U Rack Mountable, 4 ports, galvanic insulation (R) (1): Accessories for applicom PCI4000 cards.
(1)
To contact us: www.woodhead.com
Reference Number: DW2005103
Date Published: April 2008
North America: US: + 1 800 225 7724 - Canada: +1 519 725 5136 Europe: France: +33 2 32 96 04 20 - Germany: +49 7252 94 96 0- Italy: +39 010 59 30 77 - United: Kingdom +44 1495 356300 Asia: Shanghai, China: +86 21-5835-9885 - Tianjin, China: +86 22-23321717 Singapore: +65 6268-6868 - Yamato, Japan: +81 46-265-2428 - Nagoya, Japan: +81 52-221-5950 BradCommunications is a trademark and applicom is registered trademark of Molex. (c) 2008 Molex Incorporated.


▲Up To Search▲   

 
Price & Availability of APP-SR1-PCU-C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X