Part Number Hot Search : 
IRHG6110 IRHG6110 2LP05 T0505 PWR5105C HD6433 2SD427 AGB3311
Product Description
Full Text Search
 

To Download 85003-3110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0850033110 Active
din_41612 2.54mm (.100") Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole, 0.60m (24") Selective Gold (Au) Plating, 96 Circuits, without Mounting Clips, No Flux Proof
Documents: Drawing (PDF) Product Specification PS-85003-0001 (PDF)
RoHS Certificate of Compliance (PDF)
EU RoHS China RoHS Compliance Status Not Reviewed REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL LR19980 E29179
General
Product Family Series Application Comments Backplane Connectors 85003 Backplane No Mounting Clips. No Flux Proof. 4.2mm(.165") LastMate-First- Break Contacts. 4.8mm(.189") Normal Contacts PCB Header din_41612 IEC 603-2/DIN 41612 C
Search Parts in this Series 85003Series
Component Type Overview Product Name Style
Physical
Circuits (Loaded) Circuits (maximum) Circuits Detail 96 96 Standard Contacts at: A:a1,a2,a3,a31,a32; C:c2,c3,c31; . Last- Mate-First-Break Contacts at: D:a4a30; E:b1-b32; F:c1,c4-c30,c32 Gray 400 No 94V-0 No Yes Brass Gold Tin Polyester 16 Open Pin Field 3 Right Angle 0.118 In 3.00 mm No Yes 0.062 In 1.60 mm Carton 0.100 In 2.54 mm
Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Guide to Mating Part Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Columns Number of Pairs Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm)
Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style
0.100 In 2.54 mm 24 0.60 98 2.5 Yes No No -55C to +125C Through Hole
Electrical
Current - Maximum per Contact Data Rate Voltage - Maximum 1A 622.0 Mbps 250V AC (RMS)
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-85003-0001 SD-85003-3110
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 85003-3110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X