Part Number Hot Search : 
SHE145AF SD107WS T74LS13 P1300D LA4182 ABT16 HCT1G 1N5386
Product Description
Full Text Search
 

To Download 76761-1001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0767611001 Active
vhdm_h 2.00mm (.079") Pitch VHDM(R) H Board-to-Board Backplane Header, Vertical, 6-Row, Guide Pin, Signal End Module, Open End Version, 60 Circuits, Pin Length 4.75mm (.187"), Tin/Lead
Documents: Drawing (PDF) Product Specification PS-74031-999 (PDF)
RoHS Certificate of Compliance (PDF) Series image - Reference only
General
Product Family Series Application Comments Component Type Overview Product Name Style Backplane Connectors 76761 Backplane No Keying Position PCB Header vhdm_h VHDM(R) - H Series N/A EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Guide to Mating Part Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Columns Number of Pairs Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating 60 60 Black 200 No Yes None Copper Alloy Gold Tin-Lead High Temperature Thermoplastic 10 Open Pin Field 6 Vertical 0.072 In 1.83 mm No None 0.072 In 1.83 mm Tube 0.079 In 2.00 mm 0.089 In 2.25 mm 30 0.75 30 0.75 Yes No Yes -55C to +85C
Search Parts in this Series 76761Series Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # VHDM(R) Signal Pin 0622015700 Inserter Repair Tool VHDM(R) 6 Row Pin 0622015800 and Shield Repair Tool VHDM(R) 6 Row 0622016000 Shield Extraction Tool VHDM(R) Insertion 0622020207 Module for Advanced Mate Signal Header, 6 Row by 10 Wide, 20.00mm (.787")
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact Data Rate Real Signals (per 25mm) Shield Type Shielded Voltage - Maximum 1A 6.25 Gbps 75 Ground Plane Shield Yes 120V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Packaging Specification PK-74058-003 Product Specification PS-74031-999 Sales Drawing SD-76761-001 VHDM and Very High Density Metric are trademarks of Amphenol Corporation
This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 76761-1001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X