Part Number Hot Search : 
384065 KQB9N50 F10N12L SRC1207E 4VHCT0 DL640D 7G4333 384065
Product Description
Full Text Search
 

To Download 75465-0105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0754650105 Active
gbx_backplane_connector_system 1.85mm by 1.85mm (.073" by .073") Pitch 4 Pair GbX(R) Backplane L-Series Connector System, Open Header, 110 Circuits, Gold (Au) 0.76m (30"), Pin Length 5.55mm (.219")
Documents: Drawing (PDF) Product Specification PS-75221-999 (PDF)
RoHS Certificate of Compliance (PDF) Series image - Reference only E29179 EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
UL
General
Product Family Series Application Application Tooling Documents Comments Component Type Overview Product Name Style Backplane Connectors 75465 Backplane Tooling Manual Open Header PCB Header gbx_backplane_connector_system GbX(R) N/A
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Guide to Mating Part Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Columns Number of Pairs Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB 110 110 Gray (Dark) 250 No 94V-0 No None High Performance Alloy (HPA) Gold Tin-Lead High Temperature Thermoplastic 10 4 11 Vertical 0.087 In 2.20 mm Yes 0.062 In 1.60 mm Tray 0.073 In 1.85 mm 30 0.76 30 0.76 Yes
Search Parts in this Series 75465Series Mates With GbX(R) Daughtercards 75420 , 75426 Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # GbX(R) Backplane 4 0622022025 Pair By 10 Wide L Series Insertion Tool GbX(R) Single Pin 0622022090 Repair Tool
Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style
Yes No -55C to +105C Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact Data Rate Real Signals (per 25mm) Voltage - Maximum 1A 8.0 Gbps 149 120V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Packaging Specification PK-70873-563 Product Specification PS-75221-999 Sales Drawing SD-75465-010 GbX is a registered trademark of Amphenol Corporation.
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 75465-0105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X