Part Number Hot Search : 
DS200 TM6198 PE42723 MCT210 0603K BAS40S WS256 MB203LCD
Product Description
Full Text Search
 

To Download 6P30006ANLGI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATASHEET
CLOCK DISTRIBUTION CIRCUIT Description
The IDT6P30006A is a low-power, eight output clock distribution circuit. The device takes a TCXO or LVCMOS input and generates eight high-quality outputs. It includes a redundant input with automatic glitch-free switching when the primary reference is removed. The primary input may be selected by the user by pulling the SEL pin low or high. If the primary input is removed and brought back, it will not be re-selected until 1024 cycles have passed. The IDT6P30006A specifically addresses the needs of handheld applications in both performance and package size. The device is packaged in a small 4mm x 4mm 24-pin QFN, allowing optimal use for limited board space.
IDT6P30006A Features
* * * * *
Packaged in 24-pin QFN LVCMOS or TCXO sine wave input +1.8 V operating voltage Glitch-free input switching Eight buffered square wave outputs at 1.8 V LVCMOS levels
* Individual output enables controlled via I2C or OEx * Pb free, RoHS compliant package * Industrial temperature range (-40C to +85C)
Block Diagram
VDD 1.8 V 4 OE1 OUT1 SCLK SDATA OE2 OUT2 OE3 OUT3 OE4 OUT4 LVCMOS_INB OUT5 OUT6 TCXO_INA 100mVpp
MUX
OUT7 OUT8
3 SEL GND
IDTTM CLOCK DISTRIBUTION CIRCUIT
1
IDT6P30006A REV C 111009
IDT6P30006A CLOCK DISTRIBUTION CIRCUIT
DISTRIBUTION CIRCUITS
Pin Assignment
TCXO_INA GND OUT1 OUT2
SEL Pin Configuration Table
SEL
VDD
Primary Input
LVCMOS_INB TCXO_INA
VDD
0 1
OUT3 OUT4 GND VDD LVCMOS_INB
OE4 OE1 SCLK SDATA SEL GND
1
19
OE Pin Configuration Table
OEx
0 1
OUTx
Disabled Enabled
7
13
OE3
OUT7
Pin Descriptions
Pin Number
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
Pin Name
OE4 OE1 SCLK SDATA SEL GND OE2 OUT8 VDD OUT7 OUT6 OUT5 OE3 LVCMOS_INB VDD GND
OUT8
24- pin QFN
OUT6
Pin Type
Input Input Input I/O Input Power Input Output Power Output Output Output Input Input Power Power
OUT5
VDD
OE2
Pin Description
Output enable control for OUT4. Internal pull-up resistor. See table above. Output enable control for OUT1. Internal pull-up resistor. See table above. I2C clock input. I2C data input. Select pin for primary inputs. See table above. Internal pull-up resistor. Connect to ground. Output enable control for OUT2. Internal pull-up resistor. See table above. Buffered output. Outputs tri-state with weak pull-down when disabled. Connect to +1.8 V. Buffered output. Outputs tri-state with weak pull-down when disabled. Buffered output. Outputs tri-state with weak pull-down when disabled. Buffered output. Outputs tri-state with weak pull-down when disabled. Output enable control for OUT3. Internal pull-up resistor. See table above. Connect to 13 MHz LVCMOS clock input. See table above. Connect to +1.8 V. Connect to ground.
IDTTM CLOCK DISTRIBUTION CIRCUIT
2
IDT6P30006A REV C 111009
IDT6P30006A CLOCK DISTRIBUTION CIRCUIT
DISTRIBUTION CIRCUITS
Pin Number
17 18
Pin Name
OUT4 OUT3 OUT2 OUT1 VDD GND TCXO_INA VDD
Pin Type
Output Output Output Output Power Power Input Power
Pin Description
Buffered output. Outputs tri-state with weak pull-down when disabled. Buffered output. Outputs tri-state with weak pull-down when disabled. Buffered output. Outputs tri-state with weak pull-down when disabled. Buffered output. Outputs tri-state with weak pull-down when disabled. Connect to +1.8 V. Connect to ground. Connect to 13 MHz TCXO input. Connect to +1.8 V.
19 20 21 22 23 24
IDTTM CLOCK DISTRIBUTION CIRCUIT
3
IDT6P30006A REV C 111009
IDT6P30006A CLOCK DISTRIBUTION CIRCUIT
DISTRIBUTION CIRCUITS
General I2C Serial Interface How to Write:
* * * * * * * * * *
Controller (host) sends a start bit Controller (host) sends the write address D2(H) IDT clock will acknowledge Controller (host) sends the beginning byte location =N IDT clock will acknowledge Controller (host) sends the data byte count = X IDT clock will acknowledge Controller (host) starts sending Byte N through Byte N + X - 1 (see Note 2) IDT clock will acknowledge each byte one at a time Controller (host) sends a Stop bit
How to Read:
* * * * * * * * * * * * * *
Controller (host) sends a start bit Controller (host) sends the write address D2(H) IDT clock will acknowledge Controller (host) sends the beginning byte location =N IDT clock will acknowledge Controller (host) will send a separate start bit Controller (host) sends the read address D3(H) IDT clock will acknowledge Controller (host) sends the data byte count = X IDT clock sends Byte N + X - 1 IDT clock sends Byte 0 through byte X (if X(H) was written to byte 8) Controller (host) will need to acknowledge each byte Controller (host) will send a not acknowledge bit Controller (host) will send a stop bit
Index Block Read Operation Index Block Write Operation
Controller (Host) T WR starTbit WRite ACK Beginning Byte = N ACK Data Byte Count = X ACK Beginning Byte = N O O O Byte N + X - 1 ACK P stoP bit . X B Y T E ACK O O O ACK . ACK O O O N P X B Y T E Beginning Byte N O O O Byte N + X - 1 Data Byte Count = X RT RD Slave Address D2(H) Beginning Byte = N ACK IDT (Slave/Receiver) Controller (Host) T WR starTbit Slave Address D2(H) WRite ACK IDT (Slave/Receiver)
Repeat starT ReaD
ACK
Slave Address D3(H)
Not acknowledge
stoP bit
IDTTM CLOCK DISTRIBUTION CIRCUIT
4
IDT6P30006A REV C 111009
IDT6P30006A CLOCK DISTRIBUTION CIRCUIT
DISTRIBUTION CIRCUITS
I2C Address
The IDT6P30006A is a slave-only device that supports block read and block write protocol using a single 7 bit address and read/write bit. A block write (D2(H)) or block read (D3(H)) is made up of seven (7) bits and one (1) read/write bit.
A6 1
A5 1
A4 0
A3 1
A2 0
A1 0
A0 1
R/W# X
In applications where the indexed block write and block read are used, the dummy byte (bit 11-18) functions as a register-offset (8 bits) pointer.
Byte 0: Control Register
Bit 7 6 5 4 3 2 1 0 Description Reserved Reserved Reserved Reserved OE for clock output OE for clock output OE for clock output OE for clock output Type RW RW RW RW RW RW RW RW Power Up Condition Undefined Undefined Undefined Undefined 1 1 1 1 Output(s) Affected Not applicable Not applicable Not applicable Not applicable Notes
Output_5 clock output Output_6 clock output Output_7 clock output Output_8 clock output
1=enabled 0=disabled 1=enabled 0=disabled 1=enabled 0=disabled 1=enabled 0=disabled
IDTTM CLOCK DISTRIBUTION CIRCUIT
5
IDT6P30006A REV C 111009
IDT6P30006A CLOCK DISTRIBUTION CIRCUIT
DISTRIBUTION CIRCUITS
Byte 1: Control Register
Bit 7 to 0 Description Reserved Type RW Power Up Condition Undefined Output(s) Affected Not applicable Notes
Byte 2: Control Register
Bit 7 to 0 Description Reserved Type RW Power Up Condition Undefined Output(s) Affected Not applicable Notes
Byte 3: Control Register
Bit 7 to 0 Description Reserved Type RW Power Up Condition Undefined Output(s) Affected Not applicable Notes
Byte 4 through 5: Control Register
Bit 7 to 0 Description Reserved Type RW Power Up Condition Undefined Output(s) Affected Not applicable Notes
Byte 6: Control Register
Bit 7 6 5 4 3 2 1 0 Description Revision ID bit 3 Revision ID bit 2 Revision ID bit 1 Revision ID bit 0 Vendor ID bit 3 Vendor ID bit 2 Vendor ID bit 1 Vendor ID bit 0 Type RW RW RW RW RW RW RW RW Power Up 0 0 0 0 0 0 0 1 Output(s) Affected Not applicable Not applicable Not applicable Not applicable Not applicable Not applicable Not applicable Not applicable Notes
IDTTM CLOCK DISTRIBUTION CIRCUIT
6
IDT6P30006A REV C 111009
IDT6P30006A CLOCK DISTRIBUTION CIRCUIT
DISTRIBUTION CIRCUITS
Applications Information External Components
A minimum number of external components are required for proper operation.
PCB Layout Recommendations
For optimum device performance and lowest output phase noise, the following guidelines should be observed. 1. Each 0.01F decoupling capacitor should be mounted on the component side of the board as close to the VDD pin as possible. 2. No vias should be used between decoupling capacitor and VDD pin. 3. The PCB trace to VDD pin should be kept as short as possible, as should the PCB trace to the ground via. Distance of the ferrite bead and bulk decoupling from the device is less critical. 4. An optimum layout is one with all components on the same side of the board, minimizing vias through other signal layers (any ferrite beads and bulk decoupling capacitors can be mounted on the back). Other signal traces should be routed away from the IDT6P30006A.This includes signal traces just underneath the device, or on layers adjacent to the ground plane layer used by the device.
Decoupling Capacitors
Decoupling capacitors of 0.01 F should be connected between VDD and GND as close to the device as possible. Do not share ground vias between components. Route power from power source through the capacitor pad and then into IDT pin.
IDTTM CLOCK DISTRIBUTION CIRCUIT
7
IDT6P30006A REV C 111009
IDT6P30006A CLOCK DISTRIBUTION CIRCUIT
DISTRIBUTION CIRCUITS
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the IDT6P30006A. These ratings, which are standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical parameters are guaranteed only over the recommended operating temperature range.
Item
Max Supply Voltage, VDD LVCMOS_INB, SCLK and SDATA Inputs All Other Inputs and Outputs Ambient Operating Temperature Storage Temperature Junction Temperature Peak Soldering Temperature 5V -0.5 V to +3.3 V
Rating
-0.5 V to VDD+0.5 V -40 to +85 C -65 to +150 C 125 C 260 C
Recommended Operation Conditions
Parameter
Ambient Operating Temperature Power Supply Voltage (measured in respect to GND)
Min.
-40 1.62
Typ.
+1.8
Max.
+85 1.98
Units
C V
DC Electrical Characteristics
Unless otherwise specified, VDD=1.8 V 10%, Ambient Temperature -40 to +85 C
Parameter
Operating Supply Voltage Input High Voltage
Symbol
VDD VIH
Conditions
SEL, OE pins, LVCMOS_INB, TCXO_INA SCLK and SDATA SEL, OE pins, LVCMOS_INB, TCXO_INA SCLK and SDATA IOH = -4 mA IOL = 4 mA No load, all outputs switching at 13 MHz All outputs disabled Single-ended clocks All clock outputs, OEx=1
Min.
1.62 0.75xVDD 0.7xVDD
Typ.
1.8
Max.
1.98
Units
V V
Input Low Voltage
VIL
0.35xVDD 0.3xVDD VDD-0.4 0.4 4 500 70 15 6
V
High-Level Output Voltage Low-Level Output Voltage Operating Supply Current
VOH VOL IDD
V V mA A mA
Short Circuit Current Output Impedance
IOS ZO
IDTTM CLOCK DISTRIBUTION CIRCUIT
8
IDT6P30006A REV C 111009
IDT6P30006A CLOCK DISTRIBUTION CIRCUIT
DISTRIBUTION CIRCUITS
Parameter
Internal Pull-Up Resistor Internal Pull-Down Resistor Input Capacitance
Symbol
RPU RPD CIN
Conditions
SEL, OEx All clock outputs, OEx=0 All input pins
Min.
Typ.
500 250 6
Max.
Units
k k pF
AC Electrical Characteristics - Single-Ended Outputs
Unless otherwise stated, VDD = 1.8 V 10%, Ambient Temperature -40 to +85 C
Parameter
Input Frequency TCXO Input Swing Variance Input Frequencies Time Switch Clock Inputs Output Frequency Error Output Rise Time Output Fall Time Output Clock Duty Cycle Clock Stabilization Time from Power Up
Symbol
FIN
Conditions
Min.
12.6 100
Typ.
13
Max.
13.4 900 0.4
Units
MHz mV MHz s ppm
LVCMOS_INB, TCXO_INA, Note 2 LVCMOS_INB, TCXO_INA, Note 3 tOR tOF 20% to 80%, Note 1 80% to 20%, Note 1 Measured at VDD/2, Note 1 Power up, output within 1% of final frequency 45 80 0 1 1 50 3
1.5 1.5 55 10
ns ns % ms
Note 1: CL = 5 pF. Note 2: Delta from 13 MHz. Note 3: By removing primary input and then bringing back primary input.
Thermal Characteristics
Parameter
Thermal Resistance Junction to Ambient
Symbol
JA JA JA JC
Conditions
Still air 1 m/s air flow 2.5 m/s air flow
Min.
Typ.
29.1 22.8 21.0 41.8
Max. Units
C/W C/W C/W C/W
Thermal Resistance Junction to Case
IDTTM CLOCK DISTRIBUTION CIRCUIT
9
IDT6P30006A REV C 111009
IDT6P30006A CLOCK DISTRIBUTION CIRCUIT
DISTRIBUTION CIRCUITS
Marking Diagram
TBD
Notes: 1. "Z" is the device step (1 to 2 characters). 2. YYWW is the last two digits of the year and week that the part was assembled. 3. "$" is the assembly mark code. 4. "G" after the two-letter package code designates RoHS compliant package. 5. "I" at the end of part number indicates industrial temperature range. 6. Bottom marking: country of origin if not USA.
IDTTM CLOCK DISTRIBUTION CIRCUIT
10
IDT6P30006A REV C 111009
IDT6P30006A CLOCK DISTRIBUTION CIRCUIT
DISTRIBUTION CIRCUITS
Package Outline and Package Dimensions (24-pin QFN)
Package dimensions are kept current with JEDEC Publication No. 95
Seating Plane Index Area N 1 2 A1 A3 (ND-1)x e (Ref) L N 1 2 Sawn Singulation Top View A E2 (Ref) ND & NE Even e (Typ) If ND & NE 2 are Even (NE-1)x e (Ref)
E
E2
2 b e D2 2 D2
D
(Ref) ND & NE Odd
Thermal Base
0.08 C
Symbol Min Millimeters Max
C
A A1 A3 b e N ND NE D x E BASIC D2 E2 L
0.80 1.00 0 0.05 0.25 Reference 0.18 0.30 0.50 BASIC 24 6 6 4.00 x 4.00 2.3 2.55 2.3 2.55 0.30 0.50
Ordering Information
Part / Order Number
6P30006ANLGI 6P30006ANLGI8
Marking
TBD
Shipping Packaging
Tubes Tape and Reel
Package
24-pin QFN 24-pin QFN
Temperature
-40 to +85 C -40 to +85 C
"G" after the two-letter package code are the Pb-Free configuration and are RoHS compliant. While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT does not authorize or warrant any IDT product for use in life support devices or critical medical instruments.
IDTTM CLOCK DISTRIBUTION CIRCUIT
11
IDT6P30006A REV C 111009
IDT6P30006A CLOCK DISTRIBUTION CIRCUIT
DISTRIBUTION CIRCUITS
Innovate with IDT and accelerate your future networks. Contact:
www.IDT.com
For Sales
800-345-7015 408-284-8200 Fax: 408-284-2775
For Tech Support
www.idt.com/go/clockhelp
Corporate Headquarters
Integrated Device Technology, Inc. www.idt.com
(c) 2006 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice. IDT and the IDT logo are trademarks of Integrated Device Technology, Inc. Accelerated Thinking is a service mark of Integrated Device Technology, Inc. All other brands, product names and marks are or may be trademarks or registered trademarks used to identify products or services of their respective owners. Printed in USA


▲Up To Search▲   

 
Price & Availability of 6P30006ANLGI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X