Part Number Hot Search : 
GS25U48 ORE9901 59008 0P100 2SD96 OPI2154 BU4530AL 3862PYG
Product Description
Full Text Search
 

To Download 610-325-21 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PROFESSIONAL LED INDICATORS O6.35mm Mounting
FEATURES
Black anodised aluminium housing
610 SERIES
PACK QUANTITY = 10 PIECES
Internal reverse protection diode fitted as standard in all voltage models
Sealed to IP67
Flying lead terminations available
Suitable for high vibration applications
SPECIFICATION
Ordering Information & Typical T echnical Characteristics (T a = 25C)
Mean Time Between Failure = 100,000 Hours. PART NUMBER COLOUR Luminous intensity figures refer to the unmodified discrete LED. VOLTAGE CURRENT LUMINOUS WAVE OPERATING STORAGE
LENS
DC (Vdc) Vopr
DC (mA) lopr
INTENSITY
lv@20mA (mcd)
LENGTH p (nm)
TEMP T opr
TEMP T stg
HIGH INTENSITY
610-301-21 610-325-21 610-324-21 610-934-21 610-998-21 610-301-23 610-325-23 610-324-23 610-934-23 610-998-23 UNITS Red Yellow Green Blue Cool White Red Yellow Green Blue Cool White Water Clear Water Clear Water Clear Water Clear Water Clear Water Clear Water Clear Water Clear Water Clear Water Clear 12 12 12 12 12 24-28 24-28 24-28 24-28 24-28 Vdc 20 20 20 20 20 20 20 20 20 20 mA 900 4300 7800 2300 4600 900 4300 7800 2300 4600 mcd 660 590 525 470 see below 660 590 525 470 see below nm -40 ~ +85^ -30 ~ +85^ -30 ~ +85^ -30 ~ +85^ -30 ~ +85^ -40 ~ +85^ -30 ~ +85^ -30 ~ +85^ -30 ~ +85^ -30 ~ +85^ C -40 ~ +85 -40 ~ +120 -40 ~ +100 -40 ~ +100 -40 ~ +100 -40 ~ +85 -40 ~ +120 -40 ~ +100 -40 ~ +100 -40 ~ +100 C Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes
Other voltages AC/DC available. Please contact our Technical Sales. ^ = Products must be derated according to the derating information. Each derating graph refers to specific LEDs.
x y
998
0.296 0.276
*Typical emission colour cool white 0.283 0.330 0.330
Intensities (lv) and colour shades of white (x,y co-ordinates) may vary between LEDs within a batch.
0.305
0.339
0.318
How to Order:
website: www.marl.co.uk * email: sales@marl.co.uk * *
T elephone +44 (0)1229 582430
*
Fax: +44 (0)1229 585155
relating to either products or service. for products or service.
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation Marl International reserve the right to alter without notice the specification or any conditions of supply
(c) MARL INTERNATIONAL LTD 2007 : DS 015/07
Issue 2
SAMPLES AVAILABLE
Page 1 of
3
610 Series
Mounting Hole
Dimensions in mm (Typical) Not to scale
Anode termination indicated by long pin. Mounting hole to be clean and burr free
MATERIALS
Body Nut Panel Seal T ermination T ags Fresnel lens Encapsulation Lock Washer Black Anodised Aluminium Bright Nickel Plated Brass Viton Tin Plated Phosphor Bronze Polycarbonate Epoxy Spring Steel
PUSH-ON CONNECTORS
909-000-00 is gold plated. 910-000-00 is tin plated. For use with 610 series lamps.
Dimensions in mm (Typical) Not to scale
TECHNICAL CHARACTERISTICS
SERIES MAXIMUM DISSIPATION POWER MAXIMUM VOLTAGE REVERSE PANEL NUT MINIMUM MIN/MAX. THICKNESS PANEL
CUTOUT
TORQUE
MOUNTING
CENTRES
MOUNTING
610
500 mW
3* / 75* Vdc * = Voltage Version
6.35 mm
0.6 Nm
x,y = 11.0 mm
1.5-7.0 mm
* = Current Version
OPTIONAL FLYING LEAD TERMINATIONS
ORDER SUFFIX 15 15 19 19 CODE SUPPLY WIRE WIRE NO/DIAMETER CONDUCTORS OF DIAMETER INSULATION OVER COMMENTS
VOLTAGE
COLOUR
LENGTH
DC Products AC Products DC Products AC Products
Red-anode / Black-cathode Brown-live / Blue-neutral Red-anode / Black-cathode Brown-live / Blue-neutral
150mm 150mm 1000mm 1000mm Customised available
19/0.15mm
1.2mm
lengths
website: www.marl.co.uk * email: sales@marl.co.uk * *
T elephone +44 (0)1229 582430
*
Fax: +44 (0)1229 585155
relating to either products or service. for products or service.
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation Marl International reserve the right to alter without notice the specification or any conditions of supply
Approved Manufacturer
BS EN ISO 9001:2000
(c) MARL INTERNATIONAL LTD 2007 : DS 015/07
Issue 2
Page 2 of
3
DERATING INFORMATION
301
325
324, 934 & 998
website: www.marl.co.uk * email: sales@marl.co.uk * *
T elephone +44 (0)1229 582430
*
Fax: +44 (0)1229 585155
relating to either products or service. for products or service.
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation Marl International reserve the right to alter without notice the specification or any conditions of supply
Approved Manufacturer
BS EN ISO 9001:2000
(c) MARL INTERNATIONAL LTD 2007 : DS 015/07
Issue 2
Page 3 of
3


▲Up To Search▲   

 
Price & Availability of 610-325-21

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X