Part Number Hot Search : 
GBPC25 10B5H 3B125 2412S LNBH25L 25V5X HPC0402A 034R7
Product Description
Full Text Search
 

To Download 51065-0500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0510650500 Active
microlatch 2.00mm (.079") Pitch Micro-LatchTM Wire-to-Board Housing, Friction Lock, 5 Circuits
Documents: 3D Model Drawing (PDF) Product Specification PS-51065-005 (PDF) Product Specification PS-51065-016 (PDF)
Product Specification PS-51065-017 (PDF) Product Specification PS-51065-018 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only
Agency Certification
CSA UL LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Overview Product Name Crimp Housings 51065 microlatch Micro-LatchTM
Physical
Circuits (maximum) Color - Resin Flammability Gender Glow-Wire Compliant Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Stackable Temperature Range - Operating 5 Natural 94V-0 Female No Polyester 1 Bag No 0.079 In 2.00 mm No -40C to +105C
Search Parts in this Series 51065Series Mates With 53253 PCB Header, 53254 PCB Header
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification SPK-51065-001 PS-51065-005, PS-51065-016, PS-51065-017, PS-51065-018, RPS-51065-001, RPS-51065-002, RPS-51065-006, RPS-51065-007, RPS-51065-010, RPS-51065-011, RPS-51065-012, RPS-51065-013, RPS-51065-015, RPS-51065-020, RPS-51065-021, RPS-51065-022, RPS-51065-023, RPS-51065-024, RPS-51065-025, RPS-51065-026, RPS-51065-027, RPS-51065-028, RPS-51065-029, RPS-51065-030 SD-51065-004, SD-51065-005, SD-51065-006
Use With 50212 Crimp Terminal
Sales Drawing
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 51065-0500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X