Part Number Hot Search : 
BZX12 KBPC1504 6V3PE 0923171 4063AB MN2400 P1037 FX609J
Product Description
Full Text Search
 

To Download 2SK2698 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK2698
Silicon N-Channel MOSFET
Features
18A,500V,RDS(on)(Max0.265)@VGS=10V Ultra-low Gate charge(Typical 42nC) Fast Switching Capability 100%Avalanche Tested Maximum Junction Temperature Range(150)
General Description
This Power MOSFET is produced using Winsemi's advancedplanar stripe,VDMOS technology.this latest technology has beenespecially designed to minimize on-state resistance, have a high rugged avalanche characteristics .This devices is specially wellsuited power supplies, DC-DC for
AC-DC switching
powerConverters high
voltage H-bridge motor drive PWM
Absolute Maximum Ratings
Symbol
VDSS ID Continuous Drain Current(@Tc=100) IDM VGS EAS EAR dv/dt PD TJ,Tstg TL Drain Current Pulsed Gate to Source Voltage Single Pulsed Avalanche Energy Repetitive Avalanche Energy Peak Diode Recovery dv /dt Total Power Dissipation(@Tc=25) Junction and Storage Temperature Channel Temperature (Note2) (Note1) (Note3) (Note1) 12.7 80 30 330 27.7 4.5 280 -55~150 300 A A V mJ mJ V/ ns W Drain Source Voltage Continuous Drain Current(@Tc=25)
Parameter
Value
500 18
Units
V A
Thermal Characteristics
Symbol
RQJC RQCS RQJA
Parameter
Thermal Resistance , Junction -to -Case Thermal Resistance , Case-to-Sink Thermal Resistance , Junction-to -Ambient
Value Min
-
Typ
0.24 -
Max
0.45 40
Units
/W /W /W
Rev.A Aug.2010
Copyright@WinSemi Semiconductor Co., Ltd., All right reserved.
2SK2698
Electrical Characteristics(Tc=25)
Characteristics
Gate leakage current Gate-source breakdown voltage Drain cut -off current Drain -source breakdown voltage Breakdown voltage Temperature coefficient Gate threshold voltage Drain -source ON resistance Forward Transconductance Input capacitance Reverse transfer capacitance Output capacitance Rise time Turn-on time Switching time Fall time Turn-off time Total gate charge(gate-source Qg plus gate-drain) Gate-source charge Gate-drain("miller") Charge Qgs Qgd VGS=10V, ID=18A (Note4,5) nC 12 14 tf toff VDD=400V, 42 55
Symbol
IGSS V(BR)GSS IDSS V(BR)DSS BVDSS/ TJ VGS(th) RDS(ON) gfs Ciss Crss Coss tr ton
Test Condition
VGS=25V,VDS=0V IG=10 A,VDS=0V VDS=500V,VGS=0V ID=10 mA,VGS=0V ID=250A,Referenced
Min
30 500 -
Type
0.5 0.225 16 2530 11 300 40 150 95 110
Max
10 100 4 0.265 3290 14.3 390 90 310
Unit
nA V A V V/ V S
to 25 VDS=10V,ID=1mA VGS=10V,ID=10A VDS=40V,ID=10A VDS=25V, VGS=0V, f=1MHz VDD=250V, ID=18A RG=25 (Note4,5) 2 -
pF
ns 200 230
Source-Drain Ratings and Characteristics(Ta=25)
Characteristics
Continuous drain reverse current Pulse drain reverse current Forward voltage(diode) Reverse recovery time Reverse recovery charge
Symbol
IDR IDRP VDSF trr Qrr
Test Condition
IDR=18A,VGS=0V IDR=18A,VGS=0V, dIDR / dt =100 A / s
Min
-
Type
1.6 20
Max
18 27 -1.9 -
Unit
A A V ns C
Note 1.Repeativity rating :pulse width limited by junction temperature 2.L=1.83mH IAS=18A,VDD=50V,RG=25,Starting TJ=25 3.ISD18A,di/dt200A/us,VDD2/7
Steady, all for your advance
2SK2698
Fig.1 On State Characteristics
Fig.2 Transfer Current Characteristics
Fig.3 On-Resistance Variation vs Drain Current
Fig.4 Body Diode Forward Voltage Variation with Source Current and Temperature
Fig.5 Capacitance Characteristics
Fig.6 Gate Charge Characteristics
3/7
Steady, all for your advance
2SK2698
Fig.7 Breakdown Voltage Variation
Fig.8 On-Resistance Variation vs.Temperature
Fig.9 Maximum Safe Operation Area
Fig.10 Maximum Drain Current vs Case Temperature
Fig.11 Transient Thermal Response Curve Fig.11
4/7
Steady, all for your advance
2SK2698
Fig.12 Gate Test Circuit & Waveform Fig.12
Fig.13 Resistive Switching Test Circuit & Waveform Fig.13
Fig.14 Unclamped Inductive Switching Test Circuit & Waveform Fig.14 5/7
Steady, all for your advance
2SK2698
Fig.15 Peak Diode Recovery dv/dt Test Circuit & Waveform Fig.15
6/7
Steady, all for your advance
2SK2698
TO-3P Package Dimension TO-3P
Unit:mm
7/7
Steady, all for your advance


▲Up To Search▲   

 
Price & Availability of 2SK2698

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X