Part Number Hot Search : 
C1625 00100 15A15 40128 06M00 5KP15 1215S 1215S
Product Description
Full Text Search
 

To Download 1N4942 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4942~1N4948
FAST RECOVERY PLASTIC RECTIFIER VOLTAGE
FEATURES
* High current capability.
1.0(25.4)MIN.
200 to 1000 Volts
CURRENT
1.0 Amperes
DO-41
Unit: inch(mm)
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound. * Exceeds environmental standards of MIL-S-19500/228 * Fast Recovery for high efficiency. * In compliance with EU RoHS 2002/95/EC directives
.034(.86) .028(.71)
MECHANICALDATA
* Case: Molded plastic, DO-41 * Terminals: Axial leads, solderable to MIL-STD-750,Method 2026 * Polarity: Color Band denotes cathode end * Mounting Position: Any * Weight: 0.0118 ounce, 0.336 gram
.205(5.2) .160(4.1)
.107(2.7)
1.0(25.4)MIN.
.080(2.0)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
PA RA M E TE R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a xi m um R M S V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a xi m um A ve r a g e F o r w a r d C ur r e nt . 3 7 5 " ( 9 . 5 m m ) l e a d l e ng t h a t TA = 5 5 O C P e a k F o r w a r d S ur g e C ur r e nt : 8 . 3 m s s i ng l e ha l f s i ne - w a ve s up e r i m p o s e d o n r a t e d l o a d ( J E D E C m e t ho d ) M a xi m um F o r w a r d V o l t a g e a t 1 . 0 A M a xi m um D C R e ve r s e C ur r e nt a t T J = 2 5 OC R a t e d D C B l o c k i ng V o l t a g e T J = 1 0 0 OC M a x i m u m R e v e r s e R e c o v e r y Ti m e ( N o t e 1 ) Ty p i c a l J u n c t i o n c a p a c i t a n c e ( N o t e 2 ) Ty p i c a l J u n c t i o n R e s i s t a n c e ( N o t e 3 ) O p e r a t i n g J u n c t i o n a n d S t o r a g e Te m p e r a t u r e R a n g e
S YM B O L 1 N 4 9 4 2 1 N 4 9 4 4 1 N 4 9 4 6 1 N 4 9 4 7 1 N 4 9 4 8 VRRM VRMS VD C IF ( A V ) IF S M VF IR trr CJ R J A TJ , TS T G 150 12 41 -5 5 to +1 5 0 200 140 200 400 280 400 600 420 600 1 .0 30 1 .3 5 .0 500 250 500 800 560 800 1000 700 1000
U N IT S V V V A A V A
ns pF
O
C/W
O
C
NOTES:1. Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr =.25A 2. Measured at 1 MHz and applied reverse voltage of 4.0 VDC 3. Thermal resistance from junction to ambient and from junction to lead length 0.375"(9.5mm) P.C.B. mounted
STAD-MAR.03.2009 1
PAGE . 1
1N4942~1N4948
RATING AND CHARACTERISTIC CURVES
PEAK FORWARD SURGE CURRENT , AMPERES
30
8.3ms Single Half Sine-Wave JEDEC Method
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
3.0
2.5
2.0
MAXIMUM AVERAGE CURRENT R AING SINGLEPHASE, HALF-WAVE,60Hz R ESISTIVE OR INDUCTIVELOAD .375"(9m m) LEAD LENGTH
25
20
1.5
1.0
15
10
0.5
0 0 50 100
O
5
150
0 1 2 6 10 20 40 60 100
AMBIENT TEMPERATURE, C
NUMBER OF CYCLES AT 60Hz
Fig.1 FORWARD CURRENT DERATING CURVE
Fig.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
INSTANTANEOUS FORWARD CURRENT, AMPERES
10
100
Tj= 25 C f= 1.0MHz Vsig = 50mVp -p
O
1.0
CAPACITANCE, pF
T = 2 5 OC J
0.1
10
.0 1
1
0.1
.00 1 0.3
1
10
100
0.5
0.7
0.9
1.1
1.3
1.5
1.7
REVERSE VOLTAGE, VOLTS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
Fig.4 TYPICAL JUNCTION CAPACITANCE
A INSTANTANEOUS REVERSE CURRENT , m
1000
100
TJ = 150 C
O
10
TJ = 100 OC
1.0
TJ = 25 C
O
0.1 20 40 60 80 100 120 140
PERCENTAGE OF PEAK REVERSE VOLTAGE,%
Fig.5-TYPICAL REVERSE CHARACTERISTIC
STAD-MAR.03.2009 1
PAGE . 2


▲Up To Search▲   

 
Price & Availability of 1N4942

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X