Part Number Hot Search : 
OL5112L PL6002JP 0000MH G4BC2 H1086 STK5006P PG308R AN7513
Product Description
Full Text Search
 

To Download 0878304021 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0878304021 Active
milligrid 2.00mm (.079") Pitch Milli-GridTM Straddle Mount Header, 40 Circuits, 0.38m (15") Gold (Au) Selective Plating, Tray Packaging, Lead-free
Documents: 3D Model Drawing (PDF)
RoHS Certificate of Compliance (PDF) Series
General
Product Family Series Application Overview Product Name PCB Headers 87830 Board-to-Board milligrid Milli-GridTM
image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Breakaway Circuits (Loaded) Circuits (maximum) First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Plating Mating Material - Plating Termination Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Temperature Range - Operating Termination Interface: Style Yes 40 40 No No No None None Gold Tin 2 Vertical No None 0.039 In 1.00 mm Tray 0.079 In 2.00 mm 0.079 In 2.00 mm 15 0.38 75 1.90 No No No Yes -55C to +105C Straddle Mount
Search Parts in this Series 87830Series Mates With 79107 Board-to-Board Top Entry Through Hole Receptacle. 79108 Board-to-Board FFC/FPC Top Entry Through Hole Receptacle. 79109 Board-to-Board Top/ Bottom Entry SMT Receptacle. 87381 Board-to-Board Top Entry SMT Receptacle
Electrical
Current - Maximum per Contact Voltage - Maximum 2A 125V
Solder Process Data
Duration at Max. Process Temperature (seconds) 14
Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C
Reflow Capable (SMT only) 1 265
Material Info Reference - Drawing Numbers
Sales Drawing SD-87830-003
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0878304021

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X