![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 04/02/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0512971501 Active CRCTM Shielded Rectangular I/O Plug Assembly Set, Female Terminal, Power, 15 Circuits, Polarization Type A Documents: Drawing (PDF) Product Specification PS-51300-001 (PDF) RoHS Certificate of Compliance (PDF) Series I/O Connectors 51297 Wire-to-Wire Kit CRCTM N/A image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Application Component Type Product Name Type Physical Boot Color Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Gender Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Resin Number of Rows Orientation Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Polarized to PCB Ports Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof N/A N/A 15 Black 100 Female Yes Yes Zinc Alloy n/a Polyester 5 Vertical Bag No 0.197 In 5.00 mm 0.197 In 5.00 mm Yes N/A 1 No -40C to +105C N/A No Search Parts in this Series 51297Series Mates With 55890 receptacle housing, 55888 receptacle assembly set, 55889 recetacle assembly set Electrical Current - Maximum per Contact Shield Type Shielded Voltage - Maximum 15A Full Shield Yes 250V AC (RMS)/DC Material Info Reference - Drawing Numbers Product Specification Sales Drawing PS-51300-001 SD-51297-001 This document was generated on 04/02/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0512971501
![]() |