![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 04/15/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: Documents: 3D Model Drawing (PDF) 0504199001 Active 3.50mm (.138") Pitch Crimp Terminal 50419, Reel Product Specification PS-51067-008 (PDF) RoHS Certificate of Compliance (PDF) General Product Family Series Crimp Quality Equipment Product Name Crimp Terminals 50419 Yes N/A image - Reference only Series Physical Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Male Brass Tin Tin Reel 35 0.88 35 0.88 Crimp or Compression 1.40-3.00mm (.055-.118") 18, 20, 22, 24 N/A EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Material Info Reference - Drawing Numbers Product Specification Sales Drawing PS-51067-008, RPS-51067-020 SD-50419-**** Search Parts in this Series 50419Series Mates With 50217 Use With 51114 Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Japan Description Product # Hand Extraction Tool 0573166000 Applicator for M211A 0573283000 Bench Press, 18-24 AWG, for 50419 Crimp Terminal Side-Feed Applicator 0573283200 For Full-Auto Machine This document was generated on 04/15/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0504199001
![]() |